Part Number Hot Search : 
VTC5764C K2368 BR808 A9108 GV2SN35 8A218 MB89636 K2368
Product Description
Full Text Search
 

To Download TM1641P-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TO-3P 16A Triac
TM1641P-L(L), TM1661P-L(L)
s Features
qRepetitive peak off-state voltage: VDRM=400, 600V qRMS on-state current: IT(RMS)=16A qGate trigger current: IGT=30mA max (MODE , ,
External Dimensions
(Unit: mm)
2.0
1.8 5.00.2
15.60.4 13.6 9.6
4.80.2 2.00.1
19.90.3 4.0
)
a b
3.20.1
20.0 min 4.0 max
2 3
+0.2 1.05 -0.1 +0.2 0.65 -0.1
5.450.1
5.450.1
(1). Terminal 1 (T1) (2). Terminal 2 (T2) (3). Gate (G)
1.4
a. Part Number b. Lot Number
(1) (2) (3)
Weight: Approx. 6.1g
sAbsolute Maximum Ratings
Parameter
Repetitive peak off-state voltage RMS on-state current Surge on-state current Peak gate voltage Peak gate current Peak gate power loss Average gate power loss Junction temperature Storage temperature
Symbol
VDRM IT(RMS) ITSM VGM IGM PGM PG(AV) Tj Tstg
Ratings
TM1641P-L(L) TM1661P-L(L) 400 16 160 10 2 5 0.5 - 40 to +125 - 40 to +125 600
Unit
V A A V A W W C C
Conditions
Conduction angle 360, Tc=103C 50Hz full-cycle sinewave, Peak value, Non-repetitive, Tj=125C
sElectrical Characteristics
Parameter
Off-state current On-state voltage
(Tj=25C, unless otherwise specified)
Symbol
IDRM VTM
Ratings
min typ max 2.0 0.1 1.6 0.8 1.5 1.5 1.5 30 30 30 0.7 0.8 1.0 12 16 25 70 0.2 25 1.2
Unit
mA V
Conditions
VD=VDRM, RGK=, Tj=125C VD=VDRM, RGK=, Tj=25C Pulse test, ITM=20A T2 , G
+ + - - + -
Gate trigger voltage
VGT
V
VD=6V, RL=10, TC=25C
T2 , G T2 , G T2 , G
+ + - -
- + + -
T2 , G mA VD=6V, RL=10, TC=25C T2 , G T2 , G T2 , G V mA
C/W
Gate trigger current
IGT
- +
Gate non-trigger voltage Holding current Thermal resistance
VGD IH Rth
VD=1/2xVDRM, Tj=125C VD=6V Junction to case
46


▲Up To Search▲   

 
Price & Availability of TM1641P-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X