|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TLYH180P TOSHIBA LED Lamp InGaAP Yellow Light Emission TLYH180P Panel Circuit Indicator * * * * * * * * * * 5mm diameter (T1-3 / 4) InGaAP yellow LED All plastic mold type. Colorless clear lens Low drive current, high intensity yellow light emission Recommended forward current: IF = 1~20mA (DC) All plastic molded lens, provides an excellent on-off contrast ratio. Fast response time, capable of pulse operation. High power luminous intensity Without stand-offs Applications: Suitable for outdoor message signboard, safety equipment. Unit in mm Maximum Ratings (Ta = 25C) Characteristic Forward current (DC) Reverse voltage Power dissipation Operating temperature range Storage temperature range Symbol IF VR PD Topr Tstg Rating 50 4 125 -30~85 -40~120 Unit mA V mW C C JEDEC EIAJ TOSHIBA Weight: 0.31 g 4-6J1 1 2002-09-25 TLYH180P Electrical And Optical Characteristics (Ta = 25C) Characteristic Forward voltage Reverse current Luminous intensity TLYH180P TLYH180P (VW) Symbol VF IR IV P d IF = 20mA VR = 4V IF = 20mA IF = 20mA IF = 20mA IF = 20mA (Note) Test Condition Min 3/4 3/4 2720 4760 3/4 3/4 3/4 Typ. 2.1 3/4 8000 3/4 590 13 587 Max 2.5 50 3/4 23000 3/4 3/4 3/4 Unit V A mcd nm nm nm Peak emission wavelength Spectral line half width Dominant wavelenght (Note): Lamps are classified into the following ranks according to their luminous intensity. Measurement tolerance for each limit is 15%. U: 3200-6400mcd, V: 5600-11200mcd, W: 10000-20000mcd. Precaution * * * Please be careful of the followings Soldering temperature: 260C max Soldering time: 3s max (Soldering portion of lead: Up to 2mm from the body of the device) If the lead is formed, the lead should be formed up to 5mm from the body of the device without forming stress to the resin. Soldering should be performed after lead forming. This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light. 2 2002-09-25 TLYH180P IF - VF 50 30 Ta = 25C 20000 Ta = 25C IV - IF (mcd) Luminous intensity 1.7 1.8 1.9 2.0 2.1 2.2 2.3 10000 (mA) Forward current IF 10 IV 5 3 1 1.6 5000 3000 1000 500 300 1 3 5 10 30 50 100 Forward Voltage VF (V) Forward Current IF (mA) IV - Tc 3 1.0 Relative Luminous IntensityWavelength IF = 20mA Ta = 25C IV Relative luminous intensity 1 Relative luminous intensity 0.8 0.6 0.5 0.3 0.4 0.2 0.1 -20 0 20 40 60 80 0 540 560 580 600 620 640 660 Case Temperature Tc (C) Wavelength (nm) Radiation Pattern 80 IF - Ta (mA) Allowable forward current IF 60 40 70 80 90 20 0 0 Ta = 25C 10 0 10 20 30 40 50 60 70 80 90 20 30 40 50 60 0 0.2 0.4 0.6 0.8 20 40 60 80 100 Ambient Temperature Ta (C) 3 2002-09-25 TLYH180P RESTRICTIONS ON PRODUCT USE 000707EAC * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not dispose of the products with other industrial waste or with domestic garbage. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice. 4 2002-09-25 |
Price & Availability of TLYH180P |