Part Number Hot Search : 
MMSZ5221 485EEN 20H100 T6100315 USB4640I ADP5042 01DHB VF30150C
Product Description
Full Text Search
 

To Download TL811 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TL811 STB/PVR Controller IC
Multiple-transport, multiple-descrambler Controller IC for Consumer Electronic OEMs to manufacture Digital TV sets, Digital Set Top Boxes and Personal Video Recorders
integrated
GLOBAL AND SCAL ABLE ARCHITECTURE
The STB/PVR Controller IC from TeraLogic is a key element of its global and scalable architecture for Digital TV. It interfaces seamlessly to TeraLogicOs Digital TV Decoder ICs to create a versatile solution to design consumer electronics products such as Digital Set-Top Boxes, Digital TV sets and Personal Video Recorders (PVR) for cable, satellite or terrestrial broadcast. These functions are integrated in a single IC N multiple transport demux, descramblers, conditional access, PCI bridge, CPU local bus,
I2C, SmartCard interfaces, IDE interface, UART and GPIOs. This system-on-a-chip approach provides a very cost-effective
solution by eliminating either the need to use discrete solutions or costly ASIC development. This IC address ES worldwide Digital TV requirements by incorporating four transport streams I/Os and multiple demultiplexers that are compatible with ATSC, ARIB, DVB, and DIRECTV. The universal appeal of this device is enhanced by the inclusion of DVB, DIRECTV DES-ECB, MPEG DES, Triple DES-CBC and Multi-2 descrambling schemes. The Controller IC can be used to design next generation PVR devices with advanced features or to upgrade an existing Set-Top Box to include PVR functions. The multiple transport inputs enable consumer-pleasing capabilities such as the ability to simultaneously watch and record or to have digital picture-in-picture on any television set.
circuits
CPU CPU Interface (SysAD Bus)
Local Bus
SDRAM
(Unified for CPU)
Memory Controller
ATSC/DVB/DIRECTV(R)/ARIB
Local Bus Controller
T/S in 1 T/S in 2
Demux 2 Transport Out
Transport In Transport In
Demux 1
T/S Out
Descrambler 1
Transport In & Out
T/S in 3
Descrambler 2 DTV I/O
I2C SmartCard GPIO UART
I2C SmartCards GPIO UART
PVR I/O
IDE
PCI BUS
IDE
T L 8 1 X B LO C K D I AG R A M
PCI Bus
TL811 STB/PVR Controller IC
APPLICATIONS Set-Top Boxes Digital TV Personal Video Recorders SUPPORTING TERALOGIC PRODUCTS TL85x Decoder ICs Cougar Development Platform PROGRAMMABLE TRANSPORT INPUT/DEMULTIPLEXER Two dedicated and one bi-directional transport input ports One dedicated and one bi-directional transport output ports Glueless interface to IEEE 1394 devices Two ATSC/DVB/ARIB/DIRECTV compliant demux Glueless interface to most front-end ICs Maximum input bit rate of 80 Mbits/sec supported on each port Ability to transfer multiple SD streams to the TeraLogic DTV Decoder for SD PIP applications DESCRAMBLERS DVB, DIRECTV DES-ECB, MPEG DES, Triple DES-CBC, Multi-2 descrambling supported Simultaneous descrambling of two streams supported All three transport input ports can access the descramblers Bypass mode of transport streams supported CPU INTERFACE Glueless interface to MIPS CPUs such as QED RM5231, NEC VR5432 32-bit wide multiplexed address/data supported Write and Read posting buffers between CPU and external resources (PCI, memory bus and local bus). LOCAL BUS Generic bus interface (16-bit data and 24-bit address bus) 6 Pre-decoded, programmable chip selects Can be configured to be fixed 8-bit only, or 8- and 16-bit width device support IDE ULTRA DMA INTERFACE Supports one IDE connector for up to 2 IDE drives Ultra DMA specifications allows 66 MByte transfer rate SDRAM INTERFACE 32-bit wide SDRAM interface Supports 16/64/128-Mbit SDRAM devices PCI BUS INTERFACE 32-bit PCI 2.1 compliant interface 50 MHz or 33 MHz bus clock PCI Master/Slave/Arbiter capability supported Supports burst transfers for efficient data movement PERIPHERALS Two ISO-7816 smart card interfaces Four Asynchronous UART 2 Two I C compatible master and slave ports Three 32-bit timers/counters NRSS-A/NRSS-B support User-configurable general purpose I/Os TECHNOLOGY See grid below for packaging 2.5 V core, 3.3 V 1/0, 0.25 CMOS 352 Ball BGA
circuits
CPU
EPROM Other I/O required
SDRAM Memory Controller
CPU Interface (SysAD Bus)
FLASH
Local Bus
Local Bus Controller
TL811
TL85x
T/S Out
HD Video Analog HD Out Audio 5.1 out
Transport In
DTV Tuner DTV Tuner POD
T/S in 1 T/S in 2
Demux 1
Transport In
Transport Out
Demux 2
TeraLogic DTV Decoder
Descrambler 1
Transport In & Out
1394/DVCR
T/S in 3
Descrambler 2 DTV I/O
I2C 2 SmartCards GPIO UART I2C
SmartCards GPIO UART
SD Video Out
PVR I/O
IDE
ntegrated
PCI BUS
SD Video Capture
IDE
PCI Bus
Other Devices if required
T L 8 1 1 S Y STE M D I AG R A M
TeraLogic, Inc. 1240 Villa Street Mountain View CA 94041 tel 650.526.2000 fax 650.526.2006 www.teralogic.tv
Copyright 2000. TeraLogic, Inc. All rights reserved worldwide. TeraLogic and the TeraLogic logo are registered trademarks of TeraLogic, Inc. Janus is a trademark of TeraLogic, Inc. All other trademarks are properties of their respective owners and are acknowledged. 11/00 - 5K


▲Up To Search▲   

 
Price & Availability of TL811

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X