Part Number Hot Search : 
74HC595A BUT11ATU 1N400 2N548400 1PMT5312 3100L ATS03 CR123
Product Description
Full Text Search
 

To Download TL084ACP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TL084 TL084A - TL084B
GENERAL PURPOSEJ-FET QUAD OPERATIONAL AMPLIFIERS
.WI .LOWI .OUTPUTSHORT.HI .I .LATCHUPFREEOPERATI .HI
DE COMMON-MODE (UP TO VCC+) AND DIFFERENTIAL VOLTAGE RANGE NPUT BIAS AND OFFSET CURRENT CIRCUIT PROTECTION GH INPUT IMPEDANCE J-FET INPUT STAGE NTERNAL FREQUENCY COMPENSATION ON GH SLEW RATE : 16V/s (typ)
N DIP14 (Plastic Package)
D SO14 (Plastic Micropackage)
P TSSOP14 (Thin Shrink Small Outline Package)
DESCRIPTION The TL084, TL084A and TL084B are high speed J-FET input quad operationalamplifiers incorporating well matched, high voltage J-FET and bipolar transistors in a monolithic integrated circuit. The devicesfeaturehigh slew rates, low input bias and offset currents, and low offset voltage temperature coefficient. PIN CONNECTIONS (top view)
ORDER CODES
Part Number TL084M/AM/BM TL084I/AI/BI TL084C/AC/BC Temperature Range -55 C, +125 C -40 C, +105 C 0 C, +70 C
o o o o o o
Package N * * * D * * * P * * *
Examples : TL084CN, TL084CD
Output 1 1 Inverting Input 1 2 Non-inverting Input 1 3 VCC + 4 Non-inverting Input 2 5 Inverting Input 2 6 Output 2 7 + + + +
14 Output 4 13 Inverting Input 4 12 Non-inverting Input 4 11 VCC 10 Non-inverting Input 3 9 8 Inverting Input 3 Output 3
January 1999
1/11
TL084 - TL084A - TL084B
SCHEMATIC DIAGRAM (each amplifier)
VCC
Non- inver ting input I nverting input
1 0 0
2 0 0
Output
1 0 0
30k
8.2k
1.3k
VCC
35k
1.3k
35k
1 0 0
ABSOLUTE MAXIMUM RATINGS
Symbol VCC Vi Vid Ptot Toper Supply Voltage - (note 1) Input Voltage - (note 3) Differential Input Voltage - (note 2) Power Dissipation Output Short-circuit Duration - (note 4) Operating Free Air Temperature Range TL084C,AC,BC TL084I,AI,BI TL084M,AM,BM Parameter Value 18 15 30 680 Infinite 0 to 70 -40 to 105 -55 to 125 -65 to 150
o
Unit V V V mW C
Tstg
Notes :
Storage Temperature Range
o
C
1. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages where the zero reference level is the midpoint between VCC+ and VCC-. 2. Differential voltages are at the non-inverting input terminal with respect to the inverting input terminal. 3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less. 4. The output may be shorted to ground or to either supply. Temperature and /or supply voltages must be limited to ensure that the dissipation rating is not exceeded.
2/11
TL084 - TL084A - TL084B
ELECTRICAL CHARACTERISTICS VCC = 15V, Tamb = 25oC (unless otherwise specified)
Symbol Vio Parameter Input Offset Voltage (R S = 50) o TL084 Tamb = 25 C TL084A TL084B TL084 Tmin. Tamb Tmax. TL084A TL084B Input Offset Voltage Drift Input Offset Current * o Tamb = 25 C Tmin. Tamb Tmax. Input Bias Current * o Tamb = 25 C Tmin. Tamb Tmax. Large Signal Voltage Gain (RL = 2k, VO = 10V) Tamb = 25oC Tmin. Tamb Tmax. Supply Voltage Rejection Ratio (R S = 50) o Tamb = 25 C Tmin. Tamb Tmax. Supply Current, per Amp, no Load Tamb = 25oC Tmin. Tamb Tmax. Input Common Mode Voltage Range Common Mode Rejection Ratio (RS = 50) o Tamb = 25 C Tmin. Tamb Tmax. Output Short-circuit Current o Tamb = 25 C Tmin. Tamb Tmax. Output Voltage Swing o Tamb = 25 C Tmin. Tamb Tmax. SR tr KOV GBP Ri THD en m VO1/VO2 RL RL RL RL = = = = 2k 10k 2k 10k 11 50 25 80 80 TL084I,M,AC,AI, AM,BC,BI,BM Min. Typ. 3 3 1 Max. 10 6 3 13 7 5 Min. TL084C Typ. 3 Max. mV 10 13 V/ C 100 4 400 20 pA nA pA nA V/mV 200 25 15 70 70 2.5 2.5 11 200 dB 86 86 mA 1.4 +15 -12 86 1.4 +15 -12 86 mA 10 10 10 12 10 12 8 40 60 60 10 10 10 12 10 12 8 40 60 60 V 12 13.5 12 13.5 2.5 2.5 V dB 80 80 70 70
o
Unit
DV io Iio
10 5 100 4 200 20
10 5
Iib
20
30
Avd
SVR
ICC
Vicm CMR
Ios VOPP
Slew Rate (Vin = 10V, RL = 2k, CL = 100pF, o Tamb = 25 C, unity gain) Rise Time (Vin = 20mV, RL = 2k, C L = 100pF, Tamb = 25oC, unity gain) Overshoot (Vin = 20mV, RL = 2k, C L = 100pF, o Tamb = 25 C, unity gain) Gain Bandwidth Product (f = 100kHz, Tamb = 25oC, Vin = 10mV, R L = 2k, C L = 100pF) Input Resistance Total Harmonic Distortion (f = 1kHz, AV = 20dB, RL = 2k, C L = 100pF, Tamb = 25oC, VO = 2VPP) Equivalent Input Noise Voltage (f = 1kHz, Rs = 100) Phase Margin Channel Separation (Av = 100)
V/s 16 0.1 10 2.5 4 10
12
16 0.1 10 MHz s %
2.5
4 10
12
%
0.01 15 45 120
0.01 15 45 120 nV Hz Degrees dB
* The input bias currents are junction leakage currents which approximately double for every 10oC increase in the junction temperature.
3/11
TL084 - TL084A - TL084B
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS FREQUENCY
30 MAXIMUM PEAK-TO-PEAKOUTPUT VOLTAGE (V) V CC = 25 20 V CC = 15 10 5 0 100 10V 15V
R L = 2k T a m b = + 25 C S ee Fig ure 2
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS FREQUENCY
MAXIMUMPEAK-TO-PEAK OUTPUT VOLTAGE (V) 30 25 20 15 10 5 0 100 1K 10K 100K 1M 10M
V CC =
5V
V CC = 15V VCC = 10V
R L= 10k Tamb = +25 C See Figure 2
V CC =
5V
1K
10K
100K
1M
10M
FREQUENCY (Hz)
FREQUENCY (Hz)
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS FREQUENCY
MAXIMUMPEAK-TO-PEAK OUTPUT VOLTAGE (V) 30
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS FREE AIR TEMP.
Ta mb = +25 C
25 20 15
VCC =
15V
MAXIMUM PEAK-TO-PEAKOUTPUT VOLTAGE (V)
30 25 20
R L = 2k S ee Figure 2
R
15 10 5 0 -7 5 -5 0 - 25 0 25 50
L L
= 1 0 k = 2 k
Ta mb = -55 C
10 5 0
R
VC C =
15 V
Ta mb = +125 C 10k 40k 100k 400k 1M 4M 10M
S e e F i g u re 2 75 -50 125
FREQUENCY (Hz)
T E MP ER AT U R E ( C )
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS LOAD RESISTANCE
MAXIMUM PEAK-TO-PEAK OUTPUT
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS SUPPLY VOLTAGE
MAXIMUM PEAK-TO-PEAKOUTPUT VOLTAGE (V) 30 25
RL = 10 k Tamb = +25C
30 25
VOLTAGE (V)
VCC = 15V
Tamb = +25C See Figure 2
20
15 10
20
15 10
5
0
0.1 0.2 0.4 0.7 1 2 4 7 10
5
0 2
4 6 8 10 12 SUPPLY VOLTAGE ( V)
14
16
LOAD RESISTANCE (k
)
4/11
TL084 - TL084A - TL084B
INPUT BIAS CURRENT VERSUS FREE AIR TEMPERATURE
LARGE SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION VERSUS FREE AIR TEMPERATURE
1000
100 V CC = INPUT BIAS CURRENT (nA) 10 15V
DIFFERENTIAL VOLTAGE AMPLIFICATION (V/V)
400 200 100 40 20 10 4 2 1 -75 V CC = VO = R
L
1
15V 10V
0.1
= 2k
0.01 -50
-25
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
TEMPERATURE (C)
TEMPERATURE (C)
LARGE SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION AND PHASE SHIFT VERSUS FREQUENCY
TOTAL POWER DISSIPATION VERSUS FREE AIR TEMPERATURE
250
DIFFERENTIAL VOLTAGE AMPLIFICATION(V/V)
100
PHASE SHIFT (right s ca le )
DIFFERENTIAL VOLTAGE AMPLIFICATION (left s ca le)
180
TOTAL POWER DISSIPATION (mW)
225 200 175 150 125 100 75 50 25 0 -75 -50 -25 0 25 50
V CC = No signal No load
15V
10
90
1 100
R = 2k L C L = 100pF V CC = 15V T amb = +125 C
1K 10K 100K 1M 10M FREQUENCY (Hz)
0
75
100
125
TEMPERATURE (C)
SUPPLY CURRENT PER AMPLIFIER VERSUS FREE AIR TEMPERATURE
2.0
SUPPLY CURRENT PER AMPLIFIER VERSUS SUPPLY VOLTAGE
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 SUPPLY CURRENT (mA) Tamb = +25C No signal No load
1.8 SUPPLY CURRENT (mA) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -75 -50 -25 0 25 50
V CC = No signal No load
15V
75
100
125
2
TEMPERATURE (C)
4 6 10 12 14 8 SUPPLY VOLTAGE ( V)
16
5/11
TL084 - TL084A - TL084B
COMMON MODE REJECTION RATIO VERSUS FREE AIR TEMPERATURE
89 COMMON MODE MODE REJECTION RATIO (dB) 88 87 86 85 84 83 -75
VOLTAGE FOLLOWER LARGE SIGNAL PULSE RESPONSE
INPUT AND OUTPUT VOLTAGES (V) 6 4 2 0 -2 -4 -6 0 VCC = 15V R L = 2 k
C L= 100pF Tam b = +25 C
R L = 1 0 k VC C = 15V
OUTP UT INPUT
-50
-25
0
25
50
75
100
125
0.5
1
1.5
2
2.5
3
3.5
TEMPERATURE (C)
TIME (s )
OUTPUT VOLTAGE VERSUS ELAPSED TIME
28 24 OUTPUT VOLTAGE (mV)
OVERSHOOT
EQUIVALENT INPUT NOISE VOLTAGE VERSUS FREQUENCY
70 60 EQUIVALENT INPUT NOISE VOLTAGE (nV/VHz) VCC = 15V A V = 10 R S = 100 T amb = +25C
20 16 12 8 4
10%
90%
50 40 30 20 10 0 10 40 100 400 1k 4k
V
CC
= 15V
R L = 2k t
r
0 -4 0 0.1 0.2 0.3 0.4
Tamb = +25C 0.5 0.6 0.7
10k
40k 100k
TIME ( s)
FREQUENCY (Hz)
TOTAL HARMONIC DISTORTION VERSUS FREQUENCY
1 TOTAL HARMONIC DISTORTION (%) 0.4 0.1 0.04 0.01 0.004 0.001 100 400 1k 4k 10k 40k 100k FREQUENCY (Hz) V V = = 15V 15V CC
CC
AA V = 1 V =1 V V (rms) = = 6V O O (rms) 6V T amb = = +25C T amb +25C
6/11
TL084 - TL084A - TL084B
PARAMETER MEASUREMENT INFORMATION Figure 1 : Voltage Follower Figure 2 : Gain-of-10 Inverting Amplifier
10k
1/4
TL084
1k
eI
1/4
TL084
eo
eo
RL
eI
CL = 100pF
RL = 2k
CL = 100pF
TYPICAL APPLICATIONS AUDIO DISTRIBUTION AMPLIFIER
f O = 100kH z
1/4
1M
TL0 84
Output A
1 F Input 100k
1/4
TL0 84
1/4
TL084
Output B
100k
100k
V CC+ -
1OO
F
100k
1/4
TL0 84
Output C
7/11
TL084 - TL084A - TL084B
TYPICAL APPLICATIONS (continued) POSITIVE FEEDBACK BANDPASS FILTER
16 k
22 0p F 220pF
16 k
43k 43 k Input
22 0pF
43 k 30 k 43 k
22 0p F
30 k -
-
1/4
TL08 4
43 k
1/4
TL 08 4
43 k
-
1/4
TL08 4
1/4
TL 084
1 .5 k
1 .5 k
Output B
Ground Output A
OUTPUT A
OUTPUT B
SECOND ORDER BANDPASS F ILT ER fo = 100kHz ; Q = 30 ; Gain = 4
CASCADED BANDPASS F IL TER fo = 100kHz ; Q = 69 ; Gain = 16
8/11
TL084 - TL084A - TL084B
PACKAGE MECHANICAL DATA 14 PINS - PLASTIC DIP
Dimensions a1 B b b1 D E e e3 F i L Z
Min. 0.51 1.39
Millimeters Typ.
Max. 1.65
Min. 0.020 0.055
Inches Typ.
Max. 0.065
0.5 0.25 20 8.5 2.54 15.24 7.1 5.1 3.3 1.27 2.54 0.050
0.020 0.010 0.787 0.335 0.100 0.600 0.280 0.201 0.130 0.100
9/11
TL084 - TL084A - TL084B
PACKAGE MECHANICAL DATA 14 PINS - PLASTIC MICROPACKAGE (SO)
Dimensions A a1 a2 b b1 C c1 D E e e3 F G L M S
Min. 0.1 0.35 0.19
Millimeters Typ.
Max. 1.75 0.2 1.6 0.46 0.25 45 (typ.)
o
Min. 0.004 0.014 0.007
Inches Typ.
Max. 0.069 0.008 0.063 0.018 0.010
0.5 8.55 5.8 1.27 7.62 3.8 4.6 0.5 4.0 5.3 1.27 0.68 8 o (max.) 0.150 0.181 0.020 8.75 6.2 0.336 0.228
0.020 0.334 0.244 0.050 0.300 0.157 0.208 0.050 0.027
10/11
TL084 - TL084A - TL084B
PACKAGE MECHANICAL DATA 14 PINS - THIN SHRINK SMALL OUTLINE PACKAGE
Dim. A A1 A2 b c D E E1 e k l
Millimeters Min. 0.05 0.80 0.19 0.09 4.90 4.30 0o 0.50 0.60 5.00 6.40 4.40 0.65 8o 0.75 0o 0.09 4.50 0.169 1.00 Typ. Max. 1.20 0.15 1.05 0.30 0.20 5.10 0.01 0.031 0.007 0.003 0.192 Min.
Inches Typ. Max. 0.05 0.006 0.039 0.041 0.15 0.012 0.196 0.252 0.173 0.025 8o 0.0236 0.030 0.177 0.20
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this pub lication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST log o is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. (c) http://www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of TL084ACP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X