Part Number Hot Search : 
TC124E SMF05C DTB114ES SI9124 1460GC GS1535 TA7130 LUY44D
Product Description
Full Text Search
 

To Download TK15220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TK15220
Audio Analog Switch FEATURES
s s s s s Wide Operating Voltage Range (2 to 13 V) Low Distortion (typ. 0.004%) Wide Dynamic Range (typ. 6 VP-P) Low Output Impedance (typ. 20 ) Protection at Output Terminal.
APPLICATIONS
s Audio Systems s Radio Cassettes
DESCRIPTION
The TK15220M is an Analog Switch IC that was developed for audio frequency applications. The function of the IC is to select one output from two input channels. The channel selection can be controlled by a higher level by the addition of an external resistor. The TK15220M operates from a single power supply with the input bias built-in (VCC/2). Because the distortion is very low, the TK15220M is suitable for various signal switching applications, especially Hi-Fi devices. The TK15220M offers a wide operating voltage range with simple associated circuitry. The TK15220M is available in the small SOT23L-6 plastic surface mount package.
VCC
TK15220
IN A
VCC GND KEY
20 P
OUT IN B
BLOCK DIAGRAM
VCC IN A
+ -
VCC OUT
VCC KEY
ORDERING INFORMATION
IN B
+ GND
TK15220M
Tape/Reel Code
TAPE/REEL CODE
TL: Tape Left
June 1999 TOKO, Inc.
Page 1
TK15220
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ......................................................... 14 V Operating Voltage Range ................................. 2 to 13 V Power Dissipation (Note 4) ................................ 200 mW Storage Temperature Range ................... -55 to +150 C Operating Temperature Range ...................-20 to +75 C CONTROL SECTION Input Voltage .................................... -0.3 V to VCC +0.3 V ANALOG SWITCH SECTION Signal Input Voltage ......................... -0.3 V to VCC +0.3 V Signal Output Current ............................................. 3 mA Maximum Input Frequency .................................. 100 kHz Lead Soldering Temperature (10 s) ...................... 235 C
TK15210M ELECTRICAL CHARACTERISTICS
Test conditions: VCC = 8.0 V, TA = 25 C, unless otherwise specified.
SYMBOL ICC PARAMETER Supply Current TEST CONDITIONS MIN TYP 2.5 MAX 5.0 UNITS mA
KEY CONTROL SECTION VIL VIH IR Input Voltage Low Level Input Voltage High Level Input Resistance Note 1 -0.3 2.0 30 +0.6 VCC + 0.3 V V k
ANALOG SWITCH SECTION THD NL CT DYN GVA Vcent Vcent ZIN ZOUT Total Harmonic Distortion Residual Noise Cross Talk Maximum Input Signal Level Voltage Gain Input-Output Terminal Voltage Output Terminal Voltage Difference Input Impedance Output Impedance VIN = 1 Vrms, f = 1 kHz Note 2 VIN = 1 Vrms, f = 10 kHz, Note 3 f = 1 kHz, THD = 0.1% f = ~20 kHz VCC / 2 output Between same channel DC Impedance DC Impedance 36 20 3.8 2.0 0 4.0 4.2 18 -80 0.004 0.008 10 -75 % Vrms dB Vrms dB V mV k
Note 1: The KEY input equivalent circuit is shown to the right. When the control pin is open, the input is pulled down to a low level. This applies the channel A input signal to the output. A high level changes the output to the channel B input signal.
Key Input
Logic
Note 2: This value measured with a capacitor connected between the input terminal and ground. See Figure 7. Note 3: This value measured with a 5 k resistor and series capacitor connected between the input terminal and ground. See Figure 8. Note 4: Power dissipation is 200 mW when mounted as recommended. Derate at 1.6 mW/C for operation above 25C.
Page 2
June 1999 TOKO, Inc.
TK15220
TEST CIRCUITS AND METHODS
VCC SW6 10 F SW3 SW7 10 F SW8 SW9 SW2 1 kHz 1 Vrms or 2 Vrms 10 kHz 1 Vrms SW5 SW1 SW4
+ +
+
~
~
5 k
V ~
V _
THD
1: The above condition tests the dynamic range measurement for channel A. 2: SW5 is for residual noise measurement. 3: SW8 is for cross talk measurement. SUPPLY CURRENT (FIGURE 1) This current is a consumption current with a nonloading condition. 1) Measure the inflow current to Pin 6 from VCC. This current is the supply current.
VCC +
+
~
VCC A
OSC
V
Figure 2 KEY INPUT IMPEDANCE (FIGURE 3) This impedance means the base resistance of the input transistor (see terminal circuit on page 8). 1) Remove VCC of Pin 6. 2) Measure the resistance value by measuring instrument. (e.g., multimeter etc.)
Figure 1 CONTROL LOW/HIGH LEVEL (FIGURE 2) This level is to measure the threshold level. 1) Input the VCC to Pin 6. (This condition is the same with the other measurements, omitted from the next for simplicity.) 2) Input to Pin 1 with a sine wave (1 kHz, 1 Vrms). 3) Connect an oscilloscope to Pin 2. 4) Elevate the Pin 4 voltage from 0 V gradually, until the sine wave appears at the oscilloscope. This voltage is the threshold level when the wave appears. June 1999 TOKO, Inc.
Figure 3 Page 3
TK15220
TEST CIRCUITS AND METHODS (CONT.)
TOTAL HARMONIC DISTORTION (FIGURE 4) Use the lower distortion oscillator for this measurement because the distortion of the TK15220 is very low. 1) Pin 4 is in the open condition, or high level. 2) Connect a distortion analyzer to Pin 2. 3) Input the sine wave (1 kHz, 1 Vrms) to Pin 1. 4) Measure the distortion of Pin 2. This value is the distortion of Ach. 5) Next connect Pin 4 to the VCC, or high level. 6) Input the same sine wave to Pin 3. 7) Measure in the same way. This value is the distortion of Bch.
VCC +
VCC +
+
~
V ~
V ~
V1
V2
Figure 5
MAXIMUM INPUT LEVEL (FIGURE 6) This measurement measures at the output side. 1) Pin 4 is in the open condition, or low level. 2) Connect a distortion analyzer and an AC volt meter to Pin 2. 3) Input a sine wave (1 kHz) to Pin 1 and elevate the voltage from 0 V gradually until the distortion gets to 0.1% at Pin 2. 4) When the distortion amounts to 0.1%, stop elevating and measure the AC level of Pin 2. This value is the maximum input level of Ach. 5) Next, connect Pin 4 to the VCC, or high level. 6) Input the same sine wave to Pin 2. 7) Measure in the same way. This value is the maximum input level of Bch.
+
~
THD
Figure 4
VOLTAGE GAIN (FIGURE 5) This is the output level against the input level. 1) Pin 4 is in the open condition, or low level. 2) Connect AC volt meters to Pin 1 and Pin 3. (Using the same type meter is best) 3) Input a sine wave (1 kHz) to Pin 1 (f = optional up to max. 20 kHz, 1 Vrms). 4) Measure the level of Pin 1 and name this V1. 5) Measure the level of Pin 2 and name this V2. 6) Calculate Gain = 20 Log (( |V2 - V1| )/V1) V1V2 = - Gain This value is the voltage gain of Ach. 7) Next, connect Pin 4 to the GND, or high level. 8) Input the same sine wave to Pin 3. 9) Measure and calculate in the same way. This value is the voltage gain of Bch.
VCC +
+
~
THD
V ~
Figure 6
Page 4
June 1999 TOKO, Inc.
TK15220
TEST CIRCUITS AND METHODS (CONT.)
RESIDUAL NOISE (FIGURE 7) This value is not a S/N ratio. This is a noise which occurs from the device itself. 1) Pin 4 is in the open condition, or low level. 2) Connect an AC volt meter to Pin 2. 3) Connect a capacitor to GND from Pin 1. 4) Measure the AC voltage of Pin 2. This value is the noise of Ach. If the influence of noise from outside exists, use optional filters. 5) Next, connect Pin 4 to the VCC, or high level. 6) Remove the capacitor of Pin 1 and connect the capacitor to Pin 3. 7) Measure in the same way. This value is the noise level of Bch.
+ VCC +
5K + V ~ V4 V3 V ~
~
Figure 8
I/O TERMINAL VOLTAGE (FIGURE 9) This is the DC voltage of the input and output. Because the input and the output are nearly equal, only the output is measured. 1) Pin 4 is in the open condition, or low level. 2) Connect a DC volt meter to Pin 2 and measure. This value is the terminal voltage of Ach. 3) Next, connect Pin 4 to the VCC, or high level. 4) Measure in the same way. This value is the terminal voltage of Bch.
VCC +
+
V ~
VCC
Figure 7
+
CROSS TALK (FIGURE 8)
V
This is the cross talk between Ach and Bch. 1) Pin 4 is in the open condition, or low level. 2) Connect AC volt meters to Pin 2 and Pin 3. 3) Connect a capacitor and a resistance in series to GND from Pin 1. 4) Input a sine wave (10 kHz, 1 Vrms) to Pin 3. 5) Measure the level of Pin 3 and name this V3. 6) Measure the level of Pin 2 and name this V4. 7) Calculate: Cross Talk = 20 Log (V4 / V3) This value is the cross talk to Ach from Bch. 8) Next, connect Pin 4 to the VCC, or high level. 9) Change line of Pin 1 and Pin 3. 10) Input the same sine wave to Pin 1. 11) Measure and calculate in the same way. This value is the isolation to Bch from Ach. June 1999 TOKO, Inc.
Figure 9
OUTPUT TERMINAL DIFFERENCE This is the DC output voltage difference between Ach and Bch. This is calculated by using values measured at the I/O Terminal Voltage. Vcent = | (Ach DC output value) - (Bch DC output value) | This value is the voltage difference.
Page 5
TK15220
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 8 V, TA = 25 C, unless otherwise specified.
SUPPLY CURRENT VS. SUPPLY VOLTAGE 5 4 3 2 1 0 0 2 4 6 8 10 12 14 VCC (V)
TOTAL HARMONIC DISTORTION vs. FREQUENCY 0.1 0.1
LEVEL (Vrms) ICC (mA)
MAXIMUM INPUT LEVEL VS. SUPPLY VOLTAGE 5 4 3 2 1 0 0 2 4 6 8 10 12 14 VCC (V)
TOTAL HARMONIC DISTORTION vs. LOAD RESISTANCE
f = 1 kHz THD = 0.1 %
THD (%)
0.01
-20 C +25 C +75 C
THD (%)
0.01
0.001 0.1
1 f (kHz)
10
100
0.001 0.1
1 RL (k)
10
100
CROSS TALK VS. FREQUENCY -50 -60 -70 -80 -90 -100 0.1
LEVEL (V)
KEY THRESHOLD VS. TEMPERATURE 2
1.5
CT (dB)
1
0.5
1 f (kHz)
10
100
0 -40
-20
0
20 TA (C)
40
60
80
Page 6
June 1999 TOKO, Inc.
TK15220
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
VCC = 8 V, TA = 25 C, unless otherwise specified.
VOLTAGE GAIN VS. TEMPERATURE 8
RESIDUAL NOISE VS. TEMPERATURE
+0.1
LEVEL (Vrms) LEVEL (dB)
6
0
4
-0.1
2
-40
-20
0
20 TA (C)
40
60
80
0 -40
-20
0
20 TA (C)
40
60
80
June 1999 TOKO, Inc.
Page 7
TK15220
TERMINAL VOLTAGE AND CIRCUIT
Condition: VCC = 8 V.
PIN NO. 1 3
ASSIGNMENT IN A IN B
DC VOLTAGE 4V
CIRCUIT/FUNCTION
Signal Input Pin 2 OUT 4V
Signal Output Pin 4 KEY 0V
Key Input Pin 5 6 GN D VCC 0V 8V Ground Pin Supply Voltage Pin
Page 8
June 1999 TOKO, Inc.
TK15220
APPLICATION INFORMATION
KEY INPUT CIRCUIT
inA
Figure 10 illustates the KEY input equivalent circuit. When the control pin is open, the input is pulled down to a low level. This applies the channel A input signal to the output. A high level changes the output to the channel B input signal. The input impedance is approximately 40 k. If it is desired to raise the key threshold level, an external series resistor can be connected. This resistance will elevate the threshold level.
10 F + 10 F out + RL 10 F inB + Key +
VCC
33 F
to Logic ZIN Key in
Figure 12 CROSS TALK Figure 13 is an example of a layout pattern. In the application of the TK15220, the following must be considered. Because of the high impedance at the inputs, the capacitors can act as antennas to each other. If the parts are bigger, and the space between the capacitors is too narrow, then cross talk will increase. Therefore, when designing the printed circuit pattern, separate the input capacitors as far as possible and use as small a part as possible (e.g., surface mount types, etc.).
Figure 10 SWITCHING TIME This time is the signal change response time compared to the control key input signal. Figure 11 illustrates the timimg chart. T = 2 s typically.
Bch (Ach) Key in SW out 50%
t Ach (Bch)
Figure 11
APPLICATION Figure 12 illustrates an example of a typical application. The standard application is to use capacitor coupling at the inputs and output of the TK15220M. For characteristics of distortion and dynamic range versus RL, refer to the graphs in the Typical Performance Characteristics. The TK15220M can also be used with direct coupling, but the characteristics will get worse (distortion, etc.). If direct coupling is desired, then it is recommended to use external circuitry that is biased compatible with the TK15220M. Use caution that the external channel is of the low level type. June 1999 TOKO, Inc.
Figure 13
Page 9
TK15220
APPLICATION INFORMATION (CONT.)
OUTPUT TERMINAL VOLTAGE DIFFERENCE This parameter is the output voltage difference between Ach and Bch, and appears when the channel changes from Ach to Bch, or changes to the reverse. Generally, this is called Switching Noise or Pop Noise. If this value is big and if this noise is amplified by the final amplifier and is outputted by the speakers, then it appears as a Shock Sound. Output terminal voltage difference of the TK15220M is a value that adds the internal bias difference and the off-set voltage difference. The value of the TK15220 is very small; its maximum value is 18 mV. Toko can offer the "Muting IC" if users wish to mute Switching Noise. DIRECT TOUCH The signal input terminals: Internal circuits are operated by constant current circuit, even if VCC or GND is contacted, damage does not occur. The signal output terminal: As for inflow, internal circuits are operated by constant current circuit; even if VCC is contacted, damage does not occur. Outflow is protected by the circuit. Even if the terminal is contacted to GND, damage does not happen. Package damage may occur due to heat. Pay attention to long time contact. Do not supply over the maximum rating. Referenced to GND, do not provide any terminal voltages over VCC +0.3 V or -0.3 V. DC SIGNAL INPUT The output of the TK15220M has a saturation voltage (both VCC and GND sides of approximately 1.0 V); accordingly the use of a DC signal is not recommended (e.g., pulse signal, etc.)
Page 10
June 1999 TOKO, Inc.
TK15220
NOTES
June 1999 TOKO, Inc.
Page 11
TK15220
PACKAGE OUTLINE
Marking Information
TK15220M
0.6 6 5 4 Marking
SOT23L-6
S2
1.0
1 e
2 e 0.95
3 0.32 0.95
+0.15 - 0.05
0.1
M
e 0.95
e 0.95
Recommended Mount Pad
3.5
+0.3 - 0.1
2.2
0.3
(3.4)
1.4 max
e1 3.0 1.2
+0.15 - 0.05
15 0 - 0.1
max
0.1
0.4
+ 0.3
0.15
3.3
Dimensions are shown in millimeters Tolerance: x.x = 0.2 mm (unless otherwise specified)
Toko America, Inc. Headquarters 1250 Feehanville Drive, Mount Prospect, Illinois 60056 Tel: (847) 297-0070 Fax: (847) 699-7864
TOKO AMERICA REGIONAL OFFICES
Midwest Regional Office Toko America, Inc. 1250 Feehanville Drive Mount Prospect, IL 60056 Tel: (847) 297-0070 Fax: (847) 699-7864 Western Regional Office Toko America, Inc. 2480 North First Street , Suite 260 San Jose, CA 95131 Tel: (408) 432-8281 Fax: (408) 943-9790 Eastern Regional Office Toko America, Inc. 107 Mill Plain Road Danbury, CT 06811 Tel: (203) 748-6871 Fax: (203) 797-1223 Semiconductor Technical Support Toko Design Center 4755 Forge Road Colorado Springs, CO 80907 Tel: (719) 528-2200 Fax: (719) 528-2375
Visit our Internet site at http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Page 12
(c) 1999 Toko, Inc. All Rights Reserved IC-119-TK119xx 0798O0.0K
June 1999 TOKO, Inc.
Printed in the USA


▲Up To Search▲   

 
Price & Availability of TK15220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X