Part Number Hot Search : 
131008 P6KE60 91202 CBC3225T 74V1G07 SK9432 AC1036 V16256
Product Description
Full Text Search
 

To Download TIP32CF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
GENERAL PURPOSE APPLICATION.
A
TIP32CF
TRIPLE DIFFUSED PNP TRANSISTOR
C
Complementary to TIP31CF.
F
FEATURES
U E
S
MAXIMUM RATING (Ta=25... )
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Junction Temperature Storage Temperature Range Ta=25... Tc=25... DC Pulse SYMBOL VCBO VCEO VEBO IC ICP IB PC Tj Tstg RATING -100 -100 -5 -3 -5 -1 2 25 150 -55150 UNIT V V V
K
T L L
M D D
N T
N T
A
O Q
1 2 3
DIM MILLIMETERS A 10.30 MAX B 15.30 MAX C 2.70ae0.30 D 0.85 MAX E *' 3.20ae0.20 F 3.00ae0.30 12.30 MAX G 0.75 MAX RH 13.60ae0.50 J K 3.90 MAX L 1.20 1.30 M V N 2.54 4.50ae0.20 O P 6.80 2.60ae0.20 Q R 10 H S 25 5 T U 0.5 V 2.60ae0.15
G J
B
A W W ... ...
1. BASE 2. COLLECTOR
3. EMITTER
TO-220IS
ELECTRICAL CHARACTERISTICS (Ta=25... )
CHARACTERISTIC Collector Emitter Sustaining Voltage Collector Cut-off Current Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter On Voltage Transition Frequency SYMBOL VCEO(SUS) ICEO ICES IEBO hFE VCE(sat) VBE(on) fT TEST CONDITION IC=-30mA, IB=0 VCE=-60V, IB=0 VCE=-100V, VEB=0 VBE=-5V, IC=0 VCE=-4V, IC=-1A VCE=-4V, IC=-3A IC=-3A, IB=-375mA VCE=-4V, IC=-3A VCE=-10V, IC=-500mA f=1MHz MIN. -100 25 10 3.0 TYP. MAX. -0.3 -200 -1 50 -1.2 -1.8 V V MHz UNIT V mA *IA mA
2002. 6. 14
Revision No : 0
P
1/2
TIP32CF
h FE - I C
1k 500 300 100 50 30 10 5 3 1 -1
VCE =-4V
V CE(sat) ,VBE(sat) - I C
-10k -5k -3k -1k -500 -300 -100 -50 -30 -10
VBE(sat) I C /I B =10
SATURATION VOLTAGE V CE(sat) ,VBE(sat) (mV)
DC CURRENT GAIN hFE
VCE(sat)
-3
-10
-30 -100
-300
-1k
-3k -10k
-1
-3
-10
-30
-100
-300
-1k
-3k -10k
COLLECTOR CURRENT I C (mA)
COLLECTOR CURRENT I C (mA)
COLLECTOR POWER DISSIPATION P C (W)
P C - Ta
30 COLLECTOR CURRENT I C (A) 25 20 15 10 5 0 0 50 100 150 200 AMBIENT TEMPERATURE Ta ( C) -10 -5 -3
SAFE OPERATING AREA
I C MAX.(PULSE) * I C MAX. (CONTIN -UOUS)
s 0 10
*
s 1m s 5m
OP ER
* *
-1 -0.5 -0.3
DC
AT
-0.1 -4
* SINGLE NONREPETITIVE PULSE Tc=25 C CURVES MUST BE DERATED LINEARLY WITH INCREASE IN TEMPERATURE
IN G
-10
-30
-50
-100
-200
COLLECTOR-EMITTER VOLTAGE V CE (V)
2002. 6. 14
Revision No : 0
2/2


▲Up To Search▲   

 
Price & Availability of TIP32CF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X