Part Number Hot Search : 
M2100 87208 SWSS0 11TL602 ADSX34 TL431CLP SPU45102 STEVA
Product Description
Full Text Search
 

To Download TIC263 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TIC263 SERIES SILICON TRIACS
Copyright (c) 1997, Power Innovations Limited, UK DECEMBER 1971 - REVISED MARCH 1997
q q q q q q
High Current Triacs 25 A RMS Glass Passivated Wafer 400 V to 800 V Off-State Voltage 175 A Peak Current Max IGT of 50 mA (Quadrants 1 - 3)
MT2
2 SOT-93 PACKAGE (TOP VIEW)
MT1
1
G
3 Pin 2 is in electrical contact with the mounting base.
MDC2AD
absolute maximum ratings over operating case temperature (unless otherwise noted)
RATING TIC263D Repetitive peak off-state voltage (see Note 1) TIC263M TIC263S TIC263N Full-cycle RMS on-state current at (or below) 70C case temperature (see Note 2) Peak on-state surge current full-sine-wave (see Note 3) Peak gate current Operating case temperature range Storage temperature range Lead temperature 1.6 mm from case for 10 seconds IT(RMS) ITSM IGM TC Tstg TL VDRM SYMBOL VALUE 400 600 700 800 25 175 1 -40 to +110 -40 to +125 230 A A A C C C V UNIT
NOTES: 1. These values apply bidirectionally for any value of resistance between the gate and Main Terminal 1. 2. This value applies for 50-Hz full-sine-wave operation with resistive load. Above 70C derate linearly to 110C case temperature at the rate of 625 mA/C. 3. This value applies for one 50-Hz full-sine-wave when the device is operating at (or below) the rated value of peak reverse voltage and on-state current. Surge may be repeated after the device has returned to original thermal equilibrium.
electrical characteristics at 25C case temperature (unless otherwise noted)
PARAMETER IDRM Repetitive peak off-state current Peak gate trigger current VD = Rated VDRM Vsupply = +12 V IGTM Vsupply = +12 V Vsupply = -12 V Vsupply = -12 V Vsupply = +12 V VGTM Peak gate trigger voltage Peak on-state voltage Holding current Vsupply = +12 V Vsupply = -12 V Vsupply = -12 V VTM IH ITM = 35.2 A Vsupply = +12 V Vsupply = -12 V TEST CONDITIONS IG = 0 RL = 10 RL = 10 RL = 10 RL = 10 RL = 10 RL = 10 RL = 10 RL = 10 IG = 50 mA IG = 0 IG = 0 TC = 110C tp(g) > 20 s tp(g) > 20 s tp(g) > 20 s tp(g) > 20 s tp(g) > 20 s tp(g) > 20 s tp(g) > 20 s tp(g) > 20 s (see Note 4) Init' ITM = 100 mA Init' ITM = -100 mA 7 -15 -16 28 0.7 -0.7 -0.8 0.8 1.5 6 -13 2 -2 -2 2 1.7 40 -40 V mA V MIN TYP MAX 2 50 -50 -50 mA UNIT mA
All voltages are with respect to Main Terminal 1. NOTE 4: This parameter must be measured using pulse techniques, tp = 1 ms, duty cycle 2 %. Voltage-sensing contacts separate from the current carrying contacts are located within 3.2 mm from the device body.
PRODUCT
INFORMATION
Information is current as of publication date. Products conform to specifications in accordance with the terms of Power Innovations standard warranty. Production processing does not necessarily include testing of all parameters.
1
TIC263 SERIES SILICON TRIACS
DECEMBER 1971 - REVISED MARCH 1997
electrical characteristics at 25C case temperature (unless otherwise noted) (continued)
PARAMETER IL dv/dt dv/dt(c) di/dt Latching current Critical rate of rise of off-state voltage Critical rise of commutation voltage Critical rate of rise of on -state current Vsupply = +12 V Vsupply = -12 V VD = Rated VD VD = Rated VD di/dt = 0.5 IT(RMS)/ms VD = Rated VD diG/dt = 50 mA/s IGT = 50 mA TEST CONDITIONS (see Note 5) IG = 0 TC = 110C TC = 80C IT = 1.4 IT(RMS) TC = 110C MIN TYP 20 -20 450 1 200 MAX UNIT mA V/s V/s A/s
All voltages are with respect to Main Terminal 1. NOTE 5: The triacs are triggered by a 15-V (open-circuit amplitude) pulse supplied by a generator with the following characteristics: RG = 100 , tp(g) = 20 s, tr = 15 ns, f = 1 kHz.
thermal characteristics
PARAMETER RJC RJA Junction to case thermal resistance Junction to free air thermal resistance MIN TYP MAX 1.52 36 UNIT C/W C/W
TYPICAL CHARACTERISTICS
GATE TRIGGER CURRENT vs CASE TEMPERATURE
1000
TC10AA
GATE TRIGGER VOLTAGE vs CASE TEMPERATURE
0*1
TC10AB
IGT - Gate Trigger Current - mA
100
VGT - Gate Trigger Voltage - V
ALL QUADRANTS 0*01
10
1
Vsupply IGTM + + + + -40 -20 0 20 40 60
VAA = 12 V RL = 10 tp(g) = 20 s 80 100 120
VAA = 12 V RL = 10 tp(g) = 20 s 0*001 -60
0*1 -60
-40
-20
0
20
40
60
80
100
120
TC - Case Temperature - C
TC - Case Temperature - C
Figure 1.
Figure 2.
PRODUCT
INFORMATION
2
TIC263 SERIES SILICON TRIACS
DECEMBER 1971 - REVISED MARCH 1997
TYPICAL CHARACTERISTICS
HOLDING CURRENT vs CASE TEMPERATURE
100
TC10AD
GATE FORWARD VOLTAGE vs GATE FORWARD CURRENT
10
TC10AC
VGF - Gate Forward Voltage - V
IH - Holding Current - mA
10
1
MAX TYP MIN
1 Vsupply + 0*1 -60 -40 -20 0 20 VAA = 12 V IG = 0 Initiating ITM = 100 mA 40 60 80 100 120
0*1
IA = 0 TC = 25 C QUADRANT 1 0*01 0*001 0*01 0*1 1 10
TC - Case Temperature - C
IGF - Gate Forward Current - A
Figure 3.
Figure 4.
LATCHING CURRENT vs CASE TEMPERATURE
1000
TC10AE
IL - Latching Current - mA
100
10 Vsupply IGTM + + 1 -60 -40 + + -20 0 20 40
VAA = 12 V
60
80
100
120
TC - Case Temperature - C
Figure 5.
PRODUCT
INFORMATION
3
TIC263 SERIES SILICON TRIACS
DECEMBER 1971 - REVISED MARCH 1997
MECHANICAL DATA SOT-93 3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
SOT-93 4,90 4,70
o
4,1 4,0
15,2 14,7
3,95 4,15
1,37 1,17
16,2 MAX. 12,2 MAX.
31,0 TYP.
18,0 TYP.
1 1,30 1,10
2
3 0,78 0,50 11,1 10,8 2,50 TYP.
ALL LINEAR DIMENSIONS IN MILLIMETERS NOTE A: The centre pin is in electrical contact with the mounting tab. MDXXAW
PRODUCT
INFORMATION
4
TIC263 SERIES SILICON TRIACS
DECEMBER 1971 - REVISED MARCH 1997
IMPORTANT NOTICE
Power Innovations Limited (PI) reserves the right to make changes to its products or to discontinue any semiconductor product or service without notice, and advises its customers to verify, before placing orders, that the information being relied on is current. PI warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with PI's standard warranty. Testing and other quality control techniques are utilized to the extent PI deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed, except as mandated by government requirements. PI accepts no liability for applications assistance, customer product design, software performance, or infringement of patents or services described herein. Nor is any license, either express or implied, granted under any patent right, copyright, design right, or other intellectual property right of PI covering or relating to any combination, machine, or process in which such semiconductor products or services might be or are used. PI SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT APPLICATIONS, DEVICES OR SYSTEMS.
Copyright (c) 1997, Power Innovations Limited
PRODUCT
INFORMATION
5


▲Up To Search▲   

 
Price & Availability of TIC263

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X