Part Number Hot Search : 
6404A MK325 SCH3114 F45H11G 74LVC1G KH39GM2 25U4035 2812D
Product Description
Full Text Search
 

To Download STP5NB40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP5NB40 STP5NB40FP
N - CHANNEL ENHANCEMENT MODE PowerMESHTM MOSFET
PRELIMINARY DATA TYPE STP5NB40 STP5NB40FP
s s s s s
V DSS 400 V 400 V
R DS(on) < 1.8 < 1.8
ID 4.7 A 3.1 A
TYPICAL RDS(on) = 1.47 100% AVALANCHE TESTED VERY LOW INTRINSIC CAPACITANCES GATE CHARGE MINIMIZED EXTREMELY HIGH dv/dt CAPABILITY
1 2
3
1 2
3
DESCRIPTION Using the latest high voltage MESH OVERLAYTM process, SGS-Thomson has designed an advanced family of Power MOSFETs with outstanding performance. The new patent pending strip layout coupled with the Company's proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics. APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SWITCH MODE POWER SUPPLIES (SMPS) s DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE ABSOLUTE MAXIMUM RATINGS
Symbol V DS V DGR V GS ID ID IDM (*) P t ot dv/dt(1) V ISO T stg Tj Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage o Drain Current (continuous) at Tc = 25 C Drain Current (continuous) at Tc = 100 oC Drain Current (pulsed) Total Dissipation at Tc = 25 oC Derating F actor Peak Diode Recovery voltage slope Insulation Withstand Voltage (DC) Storage T emperature Max. O perating Junction Temperature
TO-220
TO-220FP
INTERNAL SCHEMATIC DIAGRAM
Value STP5NB40 STP5NB40FP 400 400 30 4.7 3 19 80 0.64 4.5 -65 to 150 150
(1) ISD 5A, di/dt 200 A/s, VDD V(BR)DSS, Tj TJMAX
Uni t V V V A A A W W/ C V/ ns V o C o C
o
3.1 2 19 35 0.28 4.5 2000
(*) Pulse width limited by safe operating area
October 1997
1/7
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
STP5NB40/FP
THERMAL DATA
TO-220 R t hj-ca se R t hj- amb R thc- si nk Tl Thermal Resistance Junction-case Max 1.56 62.5 0.5 300 TO220-F P 3.57
o o o
C/W C/W C/W o C
Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature For Soldering Purpose
AVALANCHE CHARACTERISTICS
Symb ol I AR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max, < 1%) Single Pulse Avalanche Energy o (starting Tj = 25 C, I D = IAR , VDD = 50 V) Max Valu e 4.7 200 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symb ol V (BR)DSS I DSS I GSS Parameter Drain-source Breakdown Voltage Test Cond ition s I D = 250 A V GS = 0 V Min. 400 1 50 100 Typ . Max. Un it V A A nA
Zero G ate Voltage V DS = Max Rating Drain Current (VGS = 0) V DS = Max Rating Gate-body Leakage Current (V DS = 0) V GS = 30 V
T c = 125 oC
ON ()
Symb ol V GS(th) R DS( on) ID(o n) Parameter Gate Threshold Voltage V DS = VGS Test Cond ition s ID = 250 A ID = 2.3 A 4.7 Min. 3 Typ . 4 1.47 Max. 5 1.8 Un it V A
Static Drain-source On V GS = 10V Resistance
On State Drain Current V DS > I D(on) x R DS(on) max V GS = 10 V
DYNAMIC
Symb ol g fs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse T ransfer Capacitance Test Cond ition s V DS > I D(on) x R DS(on) max V DS = 25 V f = 1 MHz I D = 2.3 A VGS = 0 V Min. 1.3 Typ . 2.4 405 72 9 526 94 12 Max. Un it S pF pF pF
2/7
STP5NB40/FP
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symb ol t d(on) tr Qg Q gs Q gd Parameter Turn-on Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Cond ition s V DD = 200 V I D = 2.3 A VGS = 10 V R G = 4.7 (see test circuit, figure 3) V DD = 320 V I D = 4.7 A VGS = 10 V Min. Typ . 11 8 14.5 7 5.1 Max. 17 12 22 Un it ns ns nC nC nC
SWITCHING OFF
Symb ol t r(Vof f) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Cond ition s V DD = 320 V I D = 4.7 A R G = 4.7 V GS = 10 V (see test circuit, figure 5) Min. Typ . 9 6 14 Max. 13 10 20 Un it ns ns ns
SOURCE DRAIN DIODE
Symb ol I SD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD =4.7 A V GS = 0 300 1.6 10.5 Test Cond ition s Min. Typ . Max. 4.7 19 1.6 Un it A A V ns C A
I SD =4.7 A di/dt = 100 A/s o T j = 150 C V DD = 100 V (see test circuit, figure 5)
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
3/7
STP5NB40/FP
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
4/7
STP5NB40/FP
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147
E
mm TYP. MAX. 4.60 1.32 2.72 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 MIN. 0.173 0.048 0.094 4.40 1.23 2.40
inch TYP. MAX. 0.181 0.051 0.107 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 0.645 0.551 0.116 0.620 0.260 0.154 0.151
A
C
D1
L2 F1
D
G1
Dia. F2 F
L5 L7 L6
L9
L4
G
H2
P011C
5/7
STP5NB40/FP
TO-220FP MECHANICAL DATA
DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 O 28.6 9.8 15.9 9 3 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 30.6 10.6 16.4 9.3 3.2 1.126 0.385 0.626 0.354 0.118 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7 F1 F
D
G1
E
H
F2
123 L2 L4
6/7
G
STP5NB40/FP
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada- China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A . ..
7/7


▲Up To Search▲   

 
Price & Availability of STP5NB40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X