Part Number Hot Search : 
D1NJ10 BC7601 4049B SRC12 TL432A D1013 H11AA2W 311ST89E
Product Description
Full Text Search
 

To Download STP40NE03L-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP40NE03L-20
N - CHANNEL ENHANCEMENT MODE " SINGLE FEATURE SIZETM " POWER MOSFET
TYPE ST P40NE03L-20
s s s s
V DSS 30 V
R DS(on) <0.020
ID 40 A
TYPICAL RDS(on) = 0.014 EXCEPTIONAL dv/dt CAPABILITY LOW GATE CHARGE A 100 oC APPLICATION ORIENTED CHARACTERIZATION
1 2 3
DESCRIPTION This Power MOSFET is the latest development of SGS-THOMSON unique "Single Feature SizeTM " strip-based process. The resulting transistor shows extremely high packing density for low onresistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SOLENOID AND RELAY DRIVERS s MOTOR CONTROL, AUDIO AMPLIFIERS s DC-DC & DC-AC CONVERTERS IN HIGH PERFORMANCE VRMs s AUTOMOTIVE ENVIRONMENT (INJECTION, ABS, AIR-BAG, LAMPDRIVERS, Etc.)
TO-220
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS V DGR V GS ID ID I DM (*) P to t Parameter Drain-source Voltage (VGS = 0) Drain- gate Voltage (RGS = 20 k) Gate-source Voltage Drain Current (continuous) at T c = 25 C Drain Current (continuous) at T c = 100 o C Drain Current (pulsed) Total Dissipation at Tc = 25 C Derating Factor dv/dt(1) T st g Tj Peak Diode Recovery voltage slope Storage Temperature Max. Operating Junction T emperature
o o
Value 30 30 15 40 28 160 80 0.53 7 -65 to 175 175
(1) ISD 40 A, di/dt 300 A/s, VDD V(BR)DSS, Tj TJMAX
Unit V V V A A A W W/ C V/ns
o o o
C C
(*) Pulse width limited by safe operating area
October 1997
1/8
STP40NE03L-20
THERMAL DATA
R t hj-ca se R t hj- amb R thc- si nk Tl Thermal Resistance Junction-case Thermal Resistance Junction-ambient Thermal Resistance Case-sink Maximum Lead Temperature For Soldering Purpose Max Max T yp 1.88 62.5 0.5 300
o o
C/W C/W o C/W o C
AVALANCHE CHARACTERISTICS
Symb ol I AR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max, < 1%) Single Pulse Avalanche Energy (starting Tj = 25 o C, I D = IAR , VDD = 15V) Max Valu e 40 200 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symb ol V (BR)DSS I DSS Parameter Drain-source Breakdown Voltage Test Cond ition s I D = 250 A V GS = 0 Min. 30 1 10 100 Typ . Max. Un it V A A nA
Zero G ate Voltage V DS = Max Rating Drain Current (VGS = 0) V DS = Max Rating o C Gate-body Leakage Current (V DS = 0) V GS = 15 V
T c = 125
I GSS
ON ()
Symb ol V GS(th) R DS( on) ID(o n) Parameter Gate Threshold Voltage V DS = VGS Test Cond ition s ID = 250 A ID = 20 A I D = 20 A 40 Min. 1 Typ . 1.8 0.014 Max. 2.5 0.02 0.023 Un it V A
Static Drain-source On V GS = 10V Resistance V GS = 5V
On State Drain Current V DS > I D(on) x R DS(on) max V GS = 10 V
DYNAMIC
Symb ol g fs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse T ransfer Capacitance Test Cond ition s V DS > I D(on) x R DS(on) max V DS = 25 V f = 1 MHz I D = 20 A VGS = 0 Min. 15 Typ . 20 1850 450 160 2400 590 210 Max. Un it S pF pF pF
2/8
STP40NE03L-20
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symb ol t d(on) tr Qg Q gs Q gd Parameter Turn-on Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Cond ition s V DD = 15 V R G =4.7 V DD = 24 V ID = 20 A V GS = 5 V I D = 40 A V GS = 5 V Min. Typ . 25 160 29 12 14 Max. 33 210 38 Un it ns ns nC nC nC
SWITCHING OFF
Symb ol t r(Vof f) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Cond ition s V DD = 24 V R G =4.7 I D = 40 A VGS = 5 V Min. Typ . 25 120 155 Max. 33 160 210 Un it ns ns ns
SOURCE DRAIN DIODE
Symb ol I SD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 40 A I SD = 40 A V DD = 20 V V GS = 0 di/dt = 100 A/s o Tj = 150 C 50 0.9 3.5 Test Cond ition s Min. Typ . Max. 40 160 1.5 Un it A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance
3/8
STP40NE03L-20
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/8
STP40NE03L-20
Normalized Gate Threshold Voltage vs Temperature Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/8
STP40NE03L-20
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/8
STP40NE03L-20
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147
E
mm TYP. MAX. 4.60 1.32 2.72 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 MIN. 0.173 0.048 0.094 4.40 1.23 2.40
inch TYP. MAX. 0.181 0.051 0.107 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 0.645 0.551 0.116 0.620 0.260 0.154 0.151
A
C
D1
L2 F1
D
G1
Dia. F2 F
L5 L7 L6
L9
L4
G
H2
P011C
7/8
STP40NE03L-20
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada- China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A . ..
8/8


▲Up To Search▲   

 
Price & Availability of STP40NE03L-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X