Part Number Hot Search : 
LM40X21A 74VHC541 MB16CA MAX1939 ISPLS 1N4742 LB66B2B HC123
Product Description
Full Text Search
 

To Download STP16NK60Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP16NK60Z - STB16NK60Z-S STW16NK60Z
N-CHANNEL 600V - 0.38 - 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESHTM MOSFET
TYPE STP16NK60Z STB16NK60Z-S STW16NK60Z
s s s s s s
VDSS 600 V 600 V 600 V
RDS(on) < 0.42 < 0.42 < 0.42
ID 14 A 14 A 14 A
Pw 190 W 190 W 190 W
3 1 2
TYPICAL RDS(on) = 0.38 EXTREMELY HIGH dv/dt CAPABILITY 100% AVALANCHE TESTED GATE CHARGE MINIMIZED VERY LOW INTRINSIC CAPACITANCES VERY GOOD MANUFACTURING REPEATIBILITY
3 12
TO-220
I2SPAK
3 2 1
TO-247
DESCRIPTION The SuperMESHTM series is obtained through an extreme optimization of ST's well established stripbased PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage MOSFETs including revolutionary MDmeshTM products.
INTERNAL SCHEMATIC DIAGRAM
APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s IDEAL FOR OFF-LINE POWER SUPPLIES
ORDER CODE
PART NUMBER STP16NK60Z STB16NK60Z-S STW16NK60Z MARKING P16NK60Z B16NK60Z W16NK60Z PACKAGE TO-220 I2SPAK TO-247 PACKAGING TUBE TUBE TUBE
March 2004
1/11
STP16NK60Z - STB16NK60Z-S - STW16NK60Z
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID ID IDM ( ) PTOT VESD(G-S) dv/dt (1) Tj Tstg Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Gate source ESD (HBM-C= 100pF, R= 1.5K) Peak Diode Recovery voltage slope Operating Junction Temperature Storage Temperature Value 600 600 30 14 8.8 56 190 1.51 6000 4.5 -55 to 150 Unit V V V A A A W W/C V V/ns C
( ) Pulse width limited by safe operating area (1) ISD 14 A, di/dt 200 A/s, VDD V(BR)DSS, Tj TJMAX. (*) Limited only by maximum temperature allowed
THERMAL DATA
TO-220/ ISPAK Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose 62.5 300 0.66 50 TO-247 C/W C/W C
AVALANCHE CHARACTERISTICS
Symbol IAR EAS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 C, ID = IAR, VDD = 50 V) Max Value 14 360 Unit A mJ
GATE-SOURCE ZENER DIODE
Symbol BVGSO Parameter Gate-Source Breakdown Voltage Test Conditions Igs= 1mA (Open Drain) Min. 30 Typ. Max. Unit V
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
2/11
STP16NK60Z - STB16NK60Z-S - STW16NK60Z
ELECTRICAL CHARACTERISTICS (TCASE =25C UNLESS OTHERWISE SPECIFIED) ON/OFF
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on) Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Gate Threshold Voltage Static Drain-source On Resistance Test Conditions ID = 1 mA, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 20V VDS = VGS, ID = 100 A VGS = 10V, ID = 7 A 3 3.75 0.38 Min. 600 1 50 10 4.5 0.42 Typ. Max. Unit V A A A V
DYNAMIC
Symbol gfs (1) Ciss Coss Crss Coss eq. (3) td(on) tr td(off) tf Qg Qgs Qgd Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Equivalent Output Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDS = 15 V, ID = 7 A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 12 2650 285 62 158 30 25 70 15 86 17 46 Max. Unit S pF pF pF pF ns ns ns ns nC nC nC
VGS = 0V, VDS = 0V to 480V VDD = 480 V, ID = 14 A RG = 4.7 VGS = 10 V (Resistive Load see, Figure 3) VDD = 480V, ID = 14 A, VGS = 10V
SOURCE DRAIN DIODE
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 14 A, VGS = 0 ISD = 14 A, di/dt = 100 A/s VDD = 100 V, Tj = 25C (see test circuit, Figure 5) ISD = 14 A, di/dt = 100 A/s VDD = 100 V, Tj = 150C (see test circuit, Figure 5) 490 5.4 22 585 7 24 Test Conditions Min. Typ. Max. 14 56 1.6 Unit A A V ns C A ns C A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area. 3. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS.
3/11
STP16NK60Z - STB16NK60Z-S - STW16NK60Z
Safe Operating Area for TO-220/ISPAK Thermal Impedance for TO-220/ISPAK
Safe Operating Area for TO-247
Thermal Impedance for TO-247
Output Characteristics
Transfer Characteristics
4/11
STP16NK60Z - STB16NK60Z-S - STW16NK60Z
Transconductance Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
Normalized Gate Thereshold Voltage vs Temp.
Normalized On Resistance vs Temperature
5/11
STP16NK60Z - STB16NK60Z-S - STW16NK60Z
Source-drain Diode Forward Characteristics Normalized BVDSS vs Temperature
Maximum Avalanche Energy vs Temperature
6/11
STP16NK60Z - STB16NK60Z-S - STW16NK60Z
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuit For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
7/11
STP16NK60Z - STB16NK60Z-S - STW16NK60Z
TO-220 MECHANICAL DATA
mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 oP Q
8/11
STP16NK60Z - STB16NK60Z-S - STW16NK60Z
I2SPAK MECHANICAL DATA
mm. MIN. 4.40 2.49 0.70 1.14 0.45 1.23 8.95 10.00 4.88 16.7 1.27 13.82 TYP MAX. 4.60 2.69 0.93 1.70 0.60 1.36 9.35 10.40 5.28 17.5 1.4 14.42 MIN. 0.173 0.098 0.027 0.045 0.018 0.048 0.352 0.394 0.192 0.657 0.05 0.544 inch TYP. MAX. 0.181 0.106 0.037 0.067 0.024 0.053 0.368 0.409 0.208 0.689 0.055 0.568
DIM. A A1 B B2 C C2 D E G L L2 L3
9/11
STP16NK60Z - STB16NK60Z-S - STW16NK60Z
TO-247 MECHANICAL DATA
mm. MIN. 4.85 2.20 1.0 2.0 3.0 0.40 19.85 15.45 5.45 14.20 3.70 18.50 3.55 4.50 5.50 3.65 5.50 0.140 0.177 0.216 14.80 4.30 0.560 0.14 0.728 0.143 0.216 TYP MAX. 5.15 2.60 1.40 2.40 3.40 0.80 20.15 15.75 MIN. 0.19 0.086 0.039 0.079 0.118 0.015 0.781 0.608 0.214 0.582 0.17 inch TYP. MAX. 0.20 0.102 0.055 0.094 0.134 0.03 0.793 0.620
DIM. A A1 b b1 b2 c D E e L L1 L2 oP oR S
10/11
STP16NK60Z - STB16NK60Z-S - STW16NK60Z
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of STP16NK60Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X