Part Number Hot Search : 
C3502 BPC25 PMH25GY BYG20D SPB21N10 C7SZ1 A143E SURCK
Product Description
Full Text Search
 

To Download STP150NF55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-CHANNEL 55V - 0.005 -120A DPAK/TO-220/TO-247 STripFETTM II POWER MOSFET
TYPE STB150NF55 STP150NF55 STP150NF55
s s
STB150NF55 STP150NF55 STW150NF55
AUTOMOTIVE SPECIFIC
VDSS 55 V 55 V 55 V
RDS(on) <0.006 <0.006 <0.006
ID 120 A(**) 120 A(**) 120 A(**)
3 1
TYPICAL RDS(on) = 0.005 SURFACE-MOUNTING D2PAK (TO-263) POWER PACKAGE
DESCRIPTION This Power MOSFET is the latest development of STMicroelectronis unique "Single Feature SizeTM" strip-based process. The resulting transistor shows extremely high packing density for low onresistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. APPLICATIONS s HIGH CURRENT, HIGH SWITCHING SPEED s SOLENOID AND RELAY DRIVERS s MOTOR CONTROL, AUDIO AMPLIFIERS s DC-DC & DC-AC CONVERTERS s AUTOMOTIVE
D2PAK TO-263 (Suffix "T4")
3 1 2
TO-247
TO-220
INTERNAL SCHEMATIC DIAGRAM
Ordering Information
SALES TYPE STB150NF55T4 STP150NF55 STW150NF55 MARKING B150NF55 P150NF55 W150NF55 PACKAGE D2PAK TO-220 TO-247 PACKAGING TAPE & REEL TUBE TUBE
ABSOLUTE MAXIMUM RATINGS Symbol Parameter VDS Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) VDGR VGS Gate- source Voltage Drain Current (continuous) at TC = 25C ID(**) Drain Current (continuous) at TC = 100C ID IDM(*) Drain Current (pulsed) Ptot Total Dissipation at TC = 25C Derating Factor Peak Diode Recovery voltage slope dv/dt (1) EAS (2) Single Pulse Avalanche Energy Tstg Storage Temperature Tj Operating Junction Temperature (*) Pulse width limited by safe operating area.
(**) Current Limited by Package
Value 55 55 20 120 106 480 300 2.0 8 850 -55 to 175
Unit V V V A A A W W/C V/ns mJ C
(1) ISD 120A, di/dt 200A/s, VDD V (BR)DSS, T j TJMAX (2) Starting T j = 25 oC, ID = 60 A, VDD = 30V
October 2002
1/14
STB150NF55 STP150NF55 STW150NF55
THERMAL DATA
Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Thermal Resistance Junction-ambient Maximum Lead Temperature For Soldering Purpose Max Max Typ 0.5 62.5 300 C/W C/W C
ELECTRICAL CHARACTERISTICS (Tcase = 25 C unless otherwise specified) OFF
Symbol V(BR)DSS IDSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A VGS = 0 Min. 55 1 10 100 Typ. Max. Unit V A A nA
VDS = Max Rating VDS = Max Rating TC = 125C VGS = 20 V
IGSS
ON (*)
Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS VGS = 10 V ID = 250 A ID = 60 A Min. 2 0.005 Typ. Max. 4 0.006 Unit V
DYNAMIC
Symbol gfs (*) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS = 15 V ID = 60 A Min. Typ. 160 4400 1050 350 Max. Unit S pF pF pF
VDS = 25V, f = 1 MHz, VGS = 0
2/14
STB150NF55 STP150NF55 STW150NF55
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions ID = 60 A VDD = 27.5 V RG = 4.7 VGS = 10 V (Resistive Load, Figure 3)
VDD=27.5 V I D=120A VGS= 10V
Min.
Typ. 35 180 140 35 70
Max.
Unit ns ns
170
nC nC nC
SWITCHING OFF
Symbol td(off) tf Parameter Turn-off Delay Time Fall Time Test Conditions ID = 60 A VDD = 27.5 V RG = 4.7, VGS = 10 V (Resistive Load, Figure 3) Min. Typ. 140 80 Max. Unit ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (*) VSD (*) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 120 A VGS = 0 130 350 7.5 Test Conditions Min. Typ. Max. 120 480 1.5 Unit A A V ns nC A
di/dt = 100A/s ISD = 120 A VDD = 25 V Tj = 150C (see test circuit, Figure 5)
(*)Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. (*)Pulse width limited by safe operating area.
Safe Operating Area
Thermal Impedance
3/14
STB150NF55 STP150NF55 STW150NF55
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/14
STB150NF55 STP150NF55 STW150NF55
Normalized Gate Threshold Voltage vs Temperature Normalized on Resistance vs Temperature
Source-drain Diode Forward Characteristics
Normalized Breakdown Voltage vs Temperature.
Power Derating vs Tc .
Max Id Current vs Tc. .
5/14
STB150NF55 STP150NF55 STW150NF55
Thermal Resistance Rthj-a vs PCB Copper Area Max Power Dissipation vs PCB Copper Area
Allowable Iav vs. Time in Avalanche
The previous curve gives the safe operating area for unclamped inductive loads, single pulse or repetitive, under the following conditions: PD(AVE) = 0.5 * (1.3 * BVDSS * IAV) EAS(AR) = PD(AVE) * tAV Where: IAV is the Allowable Current in Avalanche PD(AVE) is the Average Power Dissipation in Avalanche (Single Pulse) tAV is the Time in Avalanche To derate above 25 oC, at fixed IAV, the following equation must be applied: IAV = 2 * (Tjmax - TCASE)/ (1.3 * BVDSS * Zth) Where: Zth = K * Rth is the value coming from Normalized Thermal Response at fixed pulse width equal to TAV .
6/14
STB150NF55 STP150NF55 STW150NF55
SPICE THERMAL MODEL
Parameter CTHERM1 CTHERM2 CTHERM3 CTHERM4
Node 5-4 4-3 3-2 2-1
Value 0.011 0.0012 0.05 0.1
RTHERM1 RTHERM2 RTHERM3 RTHERM4
5-4 4-3 3-2 2-1
0.09 0.02 0.11 0.17
7/14
STB150NF55 STP150NF55 STW150NF55
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 3.1: Inductive Load Switching and Diode Recovery Times Waveform
Fig. 4: Gate Charge Test Circuit
Fig. 4.1: Gate Charge Test Waveform
8/14
STB150NF55 STP150NF55 STW150NF55
Fig. 5: Unclamped Inductive Load Test Circuit Fig. 5.1: Diode Recovery Times Waveform
9/14
STB150NF55 STP150NF55 STW150NF55 D2PAK MECHANICAL DATA
DIM. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 8 0 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.591 0.050 0.055 0.094 0.015 8 mm. MIN. 4.4 2.49 0.03 0.7 1.14 0.45 1.21 8.95 8 10.4 0.394 0.334 0.208 0.624 0.055 0.069 0.126 TYP. MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.028 0.045 0.018 0.048 0.352 0.315 0.409 inch. TYP. TYP. 0.181
0.106
0.009 0.037 0.067 0.024 0.054 0.368
10/14
STB150NF55 STP150NF55 STW150NF55
TO-247 MECHANICAL DATA
mm MIN. A D E F F3 F4 G H L L3 L4 L5 M 2 15.3 19.7 14.2 34.6 5.5 3 0.079 4.7 2.2 0.4 1 2 3 10.9 15.9 20.3 14.8 0.602 0.776 0.559 1.362 0.217 0.118 TYP. MAX. 5.3 2.6 0.8 1.4 2.4 3.4 MIN. 0.185 0.087 0.016 0.039 0.079 0.118 0.429 0.626 0.779 0.582 inch TYP. MAX. 0.209 0.102 0.031 0.055 0.094 0.134
DIM.
P025P
11/14
STB150NF55 STP150NF55 STW150NF55 TO-220 MECHANICAL DATA
DIM. A C D E F F1 F2 G G1 H2 L2 L3 L4 L5 L6 L7 L9 DIA 13 2.65 15.25 6.20 3.50 3.75 mm. MIN. 4.4 1.23 2.40 0.49 0.61 1.14 1.14 4.95 2.40 10 16.40 28.90 14 2.95 15.75 6.60 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 TYP. MAX. 4.6 1.32 2.72 0.70 0.88 1.70 1.70 5.15 2.70 10.40 MIN. 0.173 0.048 0.094 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 1.137 0.551 0.116 0.620 0.260 0.154 0.151 inch. TYP. TYP. 0.181 0.051 0.107 0.027 0.034 0.067 0.067 0.203 0.106 0.409
12/14
STB150NF55 STP150NF55 STW150NF55
D2PAK FOOTPRINT
TUBE SHIPMENT (no suffix)*
TAPE AND REEL SHIPMENT (suffix "T4")*
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 BASE QTY 1000 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.795 0.960 3.937 1.197 BULK QTY 1000 1.039 0.520 MIN. inch MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 0.35 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 MIN. 0.413 0.618 0.059 0.062 0.065 0.449 0.189 0.153 0.468 0075 1.574 .0.0098 0.933 0.0137 0.956 inch MAX. 0.421 0.626 0.063 0.063 0.073 0.456 0.197 0.161 0.476 0.082
* on sales type
13/14
STB150NF55 STP150NF55 STW150NF55
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is registered trademark of STMicroelectronics (R) 2002 STMicroelectronics - All Rights Reserved All other names are the property of their respective owners. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of STP150NF55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X