Part Number Hot Search : 
M1S4XXXX SMC62 EA09211 SDR818 MAX111 R2J10194 CE201210 SFF1000
Product Description
Full Text Search
 

To Download STN2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
STN2222A
NPN Silicon Transistor
Descriptions
* General purpose application * Switching application
Features
* Large collector current * Low collector saturation voltage * Complementary pair with STN2907A
Ordering Information
Type NO. STN2222A Marking STN2222A Package Code TO-92
Outline Dimensions
3.450.1 4.50.1 2.250.1
unit : mm
4.50.1
0.40.02
2.060.1
14.00.40
1.27 Typ. 2.54 Typ.
123
PIN Connections 1. Emitter 2. Base 3. Collector
1.200.1
0.38
KST-9062-000
1
STN2222A
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature
Ta=25C
Symbol
VCBO VCEO VEBO IC PC Tj Tstg
Ratings
75 40 5 600 625 150 -55~150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current DC current gain Collector-Emitter saturation voltage Transistor frequency Collector output capacitance
Ta=25C
Symbol
BVCBO BVCEO BVEBO ICBO hFE VCE(sat) fT Cob
Test Condition
IC=10A, IE=0 IC=10mA, IB=0 IE=10A, IC=0 VCB=60V, IE=0 VCE=10V, IC=10mA IC=150mA, IB=15mA VCE=20V, IC=20mA VCB=10V, IE=0, f=1MHz
Min. Typ. Max.
75 40 5 75 250 6.0 10 0.5 -
Unit
V V V nA V MHz pF
KST-9062-000
2
STN2222A
Electrical Characteristic Curves
Fig. 1 PC-Ta Fig. 2 IC-VBE
10V
Fig. 3 IC-VCE
Fig. 4 VCE(sat)-IC
Fig. 5 hFE-IC
Fig. 6 hFE-IC
10V
KST-9062-000
3


▲Up To Search▲   

 
Price & Availability of STN2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X