Part Number Hot Search : 
NTE5583 T18032 KBP08M 235003 SMART 14581B 1N967 PF16N15
Product Description
Full Text Search
 

To Download STM51004A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1300 nm Laser in Receptacle Package, Medium Power
STM 51004X STM 51005X
* * * *
Designed for application in fiber-optic networks Laser Diode with Multi-Quantum Well structure Suitable for bit rates up to 1 Gbit/s Ternary photodiode at rear mirror for monitoring and control of radiant power * Hermetically sealed subcomponent, similar to TO 18 * SM Pigtail with optional flange
Type STM 51004G STM 51004A STM 51005G STM 51005A
Ordering Code Q62702-P3001 Q62702-P3050 Q62702-P3061 Q62702-P3056
Connector/Flange FC / without flange DIN / without flange FC / with flange DIN / with flange
Maximum Ratings Output power ratings refer to the SM fiber output. The operating temperature of the submount is identical to the case temperature. Parameter Module Operating temperature range at case Storage temperature range Soldering temperature tmax = 10 s, 2 mm distance from bottom edge of case Laserdiode Direct forward current Radiant power CW Reverse voltage Symbol Values Unit
TC Tstg TS
- 40 ... + 85 - 40 ... + 85 260
C C C
IF max
e
120 2 2
mA mW V
VR max
Semiconductor Group
1
02.95
STM 51004X STM 51005X
Maximum Ratings (cont'd) Parameter Monitor Diode Reverse voltage Symbol Values Unit
VR max
10
V
Characteristics All optical data refer to a coupled 10/125 m SM fiber, TC = 25 C. Parameter Laser Diode Optical output power Emission wavelength center of range e = 0.5 mW Spectral bandwidth e = 0.5 mW (RMS) Threshold current (- 40 ... + 85 C) Forward voltage e = 0.5 mW Radiant power at threshold Slope efficiency Differential series resistance Rise time/Fall time Monitor Diode Dark current, VR = 5 V, e = 0 Photo current, e = 0.5 mW e > 1.2 1280 ... 1330 <5 2 ... 45 < 1.5 < 40 20 ... 100 <8 <1 mW nm nm mA V W mW/A ns Symbol Values Unit
Ith VF
eth
rS tR, tF
IR IP
< 500 100 ... 1000
nA A
Semiconductor Group
2
STM 51004X STM 51004X
Laser Diode Radiant Power in Singlemode Fiber
Relative Radiant Power e = f()
1.2 1 Relative Optical Power 0 10 20 30 Optical Power in mW 0.8 0.6 0.4 0.2 0 Forward Current in mA
100 90 80 70 60 50 40 30 20 10 0 1306 1308 1310 1312 1314 Wavelength in nm
Laser Forward Current IF = f(VF)
Monitor Diode Dark Current IR = f(TA) port = 0, VR = 5 V
100 90 Forward Current in mA 80 70 60 50 40 30 20 10 0 0 0.4 0.8 1.2 1.6 Forward Voltage in V Dark Current in nA
1000
100
10
1
0.1
0.01 -50 0 50 100 Temperature in C
Semiconductor Group
3
STM 51004X STM 51005X
Package Outlines (Dimensions in mm)
STM 51004X
STM 51005X (with flange) Semiconductor Group 4


▲Up To Search▲   

 
Price & Availability of STM51004A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X