Part Number Hot Search : 
2SC2535 R6202450 CA3097 ICM7521 68HC711 ON0972 TPCA80 ML482403
Product Description
Full Text Search
 

To Download STL81004A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1550 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STL 81004X STL 81005X
* * * *
Designed for application in fiber-optic networks Laser diode with Multi-Quantum Well structure Suitable for bit rates up to 1 Gbit/s Ternary photodiode at rear mirror for monitoring and control of radiant power * Hermetically sealed subcomponent, similar to TO 18 * SM Pigtail with optional flange
Type STL 81004H STL 81004A STL 81005H STL 81005A
Ordering Code Q62702-Pxxxx Q62702-Pxxxx Q62702-Pxxxx Q62702-Pxxxx
Connector/Flange FC / without flange DIN / without flange FC / with flange DIN / with flange
Component with other connector types on request. Maximum Ratings Output power ratings refer to the SM fiber output. The operating temperature of the submount is identical to the case temperature. Parameter Module Operating temperature range at case Storage temperature range Soldering temperature tmax = 10 s, 2 mm distance from bottom edge of case Symbol Values Unit
TC Tstg TS
- 40 ... + 85 - 40 ... + 85 260
C C C
Semiconductor Group
1
02.95
STL 81004X STL 81005X
Maximum Ratings (cont'd) Parameter Laser Diode Direct forward current Radiant power CW Reverse voltage Monitor Diode Reverse voltage Symbol Values Unit
IF max
e
120 1 2
mA mW V
VR max
VR max
10
V
Characteristics All optical data refer to a coupled 10/125 m SM fiber, TC = 25 C. Parameter Laser Diode Optical output power Emission wavelength center of range e = 0.2 mW Spectral bandwidth e = 0.2 mW (RMS) Threshold current (- 40 ... + 85 C) Forward voltage e = 0.2 mW Radiant power at threshold Slope efficiency Differential series resistance Rise time/fall time Monitor Diode Dark current, VR = 5 V, e = 0 Photocurrent, e = 0.2 mW e > 0.4 1510 ... 1590 <5 8 ... 60 < 1.5 < 10 8 ... 60 <8 <1 mW nm nm mA V W mW/A ns Symbol Values Unit
Ith VF
eth
rS tR, tF
IR IP
< 500 100 ... 1000
nA A
Semiconductor Group
2
STL 81004X STL 81005X
Laser Diode Radiant Power in Singlemode Fiber
400
Relative Radiant Power e = f()
100 90
Optical Power in MikroW
300
Relative Optical Power
80 70 60 50 40 30 20 10
200
100
0 0 10 20 30 Forward Current in mA 40
0 1546 1548 1550 1552 1554 Wavelength in nm
Laser Forward Current IF = f(VF)
Monitor Diode Dark Current IR = f(TA) port = 0, VR = 5 V
100 90 Forward Current in mA 80 70 60 50 40 30 20 10 0 0 0.4 0.8 1.2 1.6 Forward Voltage in V Dark Current in nA
1000
100
10
1
0.1
0.01 -50 0 50 100 Temperature in C
Semiconductor Group
3
STL 81004X STL 81005X
Package Outlines (Dimensions in mm)
STL 81004X
STL 81005X Semiconductor Group 4


▲Up To Search▲   

 
Price & Availability of STL81004A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X