Part Number Hot Search : 
SMDJ22A M57714L 4HC15 STR59041 00RL7 L982503 170CA 70V72
Product Description
Full Text Search
 

To Download STL51004A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STL 51004X STL 51005X
* * * *
Designed for application in fiber-optic networks Laser diode with Multi-Quantum Well structure Suitable for bit rates up to 1 Gbit/s Ternary photodiode at rear mirror for monitoring and control of radiant power * Hermetically sealed subcomponent, similar to TO 18 * SM Pigtail with optional flange
Type STL 51004G STL 51004A STL 51005G STL 51005A
Ordering Code Q62702-P3058 Q62702-P3057 Q62702-P3055 Q62702-P3054
Connector/Flange FC / without flange DIN / without flange FC / with flange DIN / with flange
Component with other connector types on request.
Maximum Ratings Output power ratings refer to the SM fiber output. The operating temperature of the submount is identical to the case temperature. Parameter Module Operating temperature range at case Storage temperature range Soldering temperature tmax = 10 s, 2 mm distance from bottom edge of case Symbol Values Unit
TC Tstg TS
- 40 ... + 85 - 40 ... + 85 260
C C C
Semiconductor Group
1
02.95
STL 51004X STL 51005X
Maximum Ratings (cont'd) Parameter Laser Diode Direct forward current Radiant power CW Reverse Voltage Monitor Diode Reverse Voltage Symbol Values Unit
IF max
e
120 1 2
mA mW V
VR max
VR max
10
V
Characteristics All optical data refer to an optimally coupled 10/125 m SM fiber. Parameter Laser Diode Optical output power Emission wavelength center of range e = 0.2 mW Spectral bandwidth e = 0.2 mW (RMS) Threshold current Forward voltage e = 0.2 mW Radiant power at threshold Slope efficiency Differential series resistance Rise time/fall time Monitor Diode Dark current, VR = 5 V, e = 0 Photocurrent, e = 0.2 mW e > 0.4 1280 ... 1330 <5 2 ... 45 < 1.5 < 10 8 ... 60 <8 <1 mW nm nm mA V W mW/A ns Symbol Values Unit
Ith VF
eth
rS tr; tf
IR IP
< 500 100 ... 1000
nA A
Semiconductor Group
2
STL 51004X STL 51005X
Laser Diode Radiant Power in Singlemode Fiber
Relative Radiant Power e = f()
400
100 90
Optical Power in MikroW
300
Relative Optical Power 0 5 10 15 20
80 70 60 50 40 30 20 10
200
100
0 Forward Current in mA
0 1306 1308 1310 1312 1314 Wavelength in nm
Laser Forward Current IF = f(VF)
Monitor Diode Dark Current IR = f(TA) port = 0, VR = 5 V
100 90 Forward Current in mA 80 70 60 50 40 30 20 10 0 0 0.4 0.8 1.2 1.6 Forward Voltage in V Dark Current in nA
1000
100
10
1
0.1
0.01 -50 0 50 100 Temperature in C
Semiconductor Group
3
STL 51004X STL 51005X
Package Outlines (Dimensions in mm)
STL 51004X
STL 51005X (with flange) Semiconductor Group 4


▲Up To Search▲   

 
Price & Availability of STL51004A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X