Part Number Hot Search : 
X25045V 4760A LTC3531 POT100 POT100 EPE6347S C106D SLD10VCA
Product Description
Full Text Search
 

To Download STL39002Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRED in TO-Package
STL 39002Z
* * * * * * * * * *
InGaAsP/InP - IRED Designed for application in fiber-optic Datacom systems Transmitter for the 2nd optical window (1300 nm) Suitable for bit rates up to 50 Mbit/s 200 Mbit/s with appropriate pulse shaping of the modulation current High output power with double heterostructure High coupling efficiency into multimode fibers No z-adjustment necessary (optimum coupling on cap surface) Hermetically sealed 3-pin metal case
Type STL 39002Z
Ordering Code Q62702-P3009
Connector/Flange TO, with optics
Maximum Ratings Parameter Forward current (DC) Forward current ( 10 s, D 1) Reverse voltage Operating and storage temperature Junction temperature Soldering time (wave / dip soldering), distance between solder point and base plate 2 mm, 260 C Symbol Values 60 100 0.5 - 40 ... + 85 125 10 Unit mA mA V C C s
IF IFSM VR TA, Tstg Tj ts
Semiconductor Group
1
02.95
STL 39002Z
Characteristics All optical data refer to an ambient temperature of 25 C. Parameter Emission wavelength Spectral bandwidth at 50 % of max Opt. power coupled into 62.5 m multimode fiber, NA = 0.27 Opt. power coupled into 50 m multimode fiber, NA = 0.2 Forward voltage, IF = 50 mA DC Rise and fall time (10 % - 90 %) RL = 50 , IF = 50 mA Capacitance VR = 0, f = 1 MHz Temp. coefficient of forward voltage, IF = 50 mA Temp. coefficient of wavelength, IF = 50 mA Temp. coefficient of opt. power, IF = 50 mA Symbol c e e Values 1310 30 130 30 Unit nm nm Notes 1 1 1.2 1.2
- 17.5 ... - 13.5 dBm - 20.5 ... - 16.5 dBm 1.2 ( 1.5) 3; 4 100 - 1.3 0.5 - 0.7 V ns pF mV/K nm/K %/K
VF tr; tf C0 TCVF TC TC
Operating Instructions In order to achieve an operating lifetime > 105 h, which is required for Telcom applications, a forward current of IF = 50 mA DC is recommended. Notes: 1) Driving current is a square wave, 50 % duty cycle, 60 mApk current at 1 MHz. e is the average optical power coupled into the specified fiber. 2) Optimum coupling on cap surface, no adjustment in z-axis necessary.
Semiconductor Group
2
STL 39002Z
Rel. Spectral Emission e = e ()
Forward Current CW IF = IF(TA)
100 90 80 70 If/[mA] 1250 1350 1450 60 /[%] 50 40 30 20 10 0 1150
50 45 40 35 30 25 20 15 10 5 0 0.4 0.6 0.8 1 1.2
L/[nm]
Vf/[V]
Package Outlines (Dimensions in mm)
STL 39002Z
Semiconductor Group
3


▲Up To Search▲   

 
Price & Availability of STL39002Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X