Part Number Hot Search : 
N10A0 1N5239B EKA8561A KLNR15 N4111 CM8501C TLP35 FS1ME
Product Description
Full Text Search
 

To Download STH81002Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STH81002Z
1550nm Laser in Coaxial TO-Package
* * * * * *
Designed for application in fiber-optic networks Laser Diode with Multi-Quantum Well structure Suitable for bit rates up to 1 Gbit/s Ternary photodiode at rear mirror for monitoring and control of radiant power Hermetically sealed subcomponent, similar to TO 18 with integrated Silicon-Optics for high coupling efficiencies
Maximum Ratings Output power ratings refer to the optical port. The operating temperature of the submount is identical to the case temperature Module Operating Temperature range at case Storage Temperature range Soldering Temperature
tmax = 10 s, 2 mm distance from bottom edge of case
Symbol TC Tstg TS
Values - 40... +85 - 40... +85 260
Unit C C C
Laserdiode Direct forward current Radiant power CW Reverse Voltage
Symbol IF max e VR max
Values 120 10 2
Unit mA mW V
Monitor Diode Reverse Voltage
Symbol VR max
Values 10
Unit V
Siemens Aktiengesellschaft
page(1/4)
8/94
STH81002Z
Characteristics All optical data refer to the optical port. Laser Diode Optical Output Power Emission wavelength center of range e =3 mW Spectral bandwidth e =3 mW (RMS) Threshold current Forward voltage e =3 mW Radiant power at threshold Slope Efficiency Differential series resistance Rise Time/Fall Time Symbol e Ith VF eth rS t R, t F Values >6 1510...1590 <5 < 15 < 1,5 < 200 > 200 <8 <1 Unit mW nm nm mA V W mW/A ns
Monitor Diode Dark Current, VR =5V, e = 0 Photocurrent, e =3 mW Laser Diode Radiant Power in Singlemode Fibre
Symbol IR IP
Values <500 150...1500
Unit nA A
Relative Radiant Power e = f()
100 90 Relative Optical Power 80 70 60 50 40 30 20 10
6
Optical Power in mW
5 4 3 2 1 0 0 10 20 30
Forward Current in mA
0 1546 1548 1550 1552 1554 Wavelength in nm
Siemens Aktiengesellschaft
page(2/4)
8/94
STH81002Z
Laser Forward Current IF=f(VF)
100 90 Forward Current in mA 70 60 50 40 30 20 10 0 0 0 ,4 0 ,8 1 ,2 1 ,6 Forward Voltage in V 80
Monitor Diode Dark Current IR=f(TA) port=0, VR = 5V
1000 100 Dark Current in nA 10 1 0,1 0,01 -50 0 50 100 Temperature in C
Ordering Information: Type STH81002Z Ordering Code Q62702-Pxxxx
Component with other Pinout on request
Siemens Aktiengesellschaft
page(3/4)
8/94


▲Up To Search▲   

 
Price & Availability of STH81002Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X