Part Number Hot Search : 
244JY SB3030 CGD944C LBS13701 D2W103LF MAX334 101KT 7805S
Product Description
Full Text Search
 

To Download SMTPA100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
SMTPA SERIES
TRISILTM
FEATURES BIDIRECTIONAL CROWBAR PROTECTION. BREAKDOWN VOLTAGE RANGE: From 62 V To 270 V. HOLDING CURRENT = 150 mA min REPETITIVE PEAK PULSE CURRENT : IPP = 50 A, 10/1000 s. SMB (JEDEC DO-214AA) DESCRIPTION The SMTPAxx series has been designedto protect telecommunication equipment against lightning and transient induced by AC power lines.
SCHEMATIC DIAGRAM
COMPLIES WITH THE FOLLOWING STANDARDS: (CCITT) ITU-K20 (CCITT) ITU-K17 VDE0433 VDE0878 IEC-1000-4-5 FCC Part 68, lightning surge type A FCC Part 68, lightning surge type B BELLCORE TR-NWT-001089 First level BELLCORE TR-NWT-001089 Second level CNET l31-24
October 1998 - Ed: 7A
Peak Surge Voltage (V) 1000 1500 2000 2000 level 3 level 4 1500 800 1000 2500 1000 5000 1000
Voltage Waveform (s) 10/700 10/700 10/700 1.2/50 10/700 1.2/50 10/160 10/560 9/720 2/10 10/1000 2/10 0.5/700
Current Waveform (s) 5/310 5/310 5/310 1/20 5/310 8/20 10/160 10/560 5/320 2/10 10/1000 2/10 0.8/310
Admissible Ipp (A) 25 38 50 50 50 100 75 55 25 150 50 150 25
Necessary Resistor () 12.5 6.5 11.5 10 11.5 -
1/5
SMTPA xxx
ABSOLUTE MAXIMUM RATINGS (Tamb = 25C) Symbol P IPP ITSM dV/dt Tstg Tj TL Power dissipation Peak pulse current Non repetitive surge peak on-state current Critical rate of rise of off-state voltage Storage temperature range Maximum junction temperature Maximum lead temperature for soldering during 10 s. Parameter Tlead = 50 C 10/1000 s 8/20 s tp = 20 ms VRM Value 5 50 100 30 5 - 55 to + 150 150 260 Unit W A A KV/s C C C
THERMAL RESISTANCES Symbol Rth (j-l) Rth (j-a) Junction to leads. Junction to ambient on printed circuit with standard footprint dimensions. Parameter Value 20 100 Unit C/W C/W
ELECTRICAL CHARACTERISTICS (Tamb = 25C) Symbol VRM IRM VR VBR VBO IH IBO IPP C Type Parameter Stand-off voltage Leakage current at stand-off voltage Continuous Reverse voltage Breakdown voltage Breakover voltage Holding current Breakover current Peak pulse current Capacitance Marking IRM @ VRM max. Laser SMTPA62 SMTPA68 SMTPA100 SMTPA120 SMTPA130 SMTPA180 SMTPA200 SMTPA220 SMTPA240 SMTPA270
Note 1: Note 2:
IR @ VR max. note 1
VBO @ IBO max. note2 V 82 90 133 160 173 240 267 293 320 360 max. mA 800 800 800 800 800 800 800 800 800 800
IH min. note3 mA 150 150 150 150 150 150 150 150 150 150
C max. note4 pF 150 150 100 100 100 100 100 100 100 100
U01 U05 U13 U17 U19 U25 U27 U31 U35 U39
A 2 2 2 2 2 2 2 2 2 2
V 56 61 90 108 117 162 180 198 216 243
A 50 50 50 50 50 50 50 50 50 50
V 62 68 100 120 130 180 200 220 240 270
Note 3: Note 4:
All parameters tested at 25C, except where indicated. IR measured at VR guarantee VBRmin VR Measured at 50 Hz (1 cycle) - See test circuit 1. See test circuit 2. VR = 1V, F = 1MHz. Refer to fig.3 for C versus VR.
2/5
SMTPA xxx
TEST CIRCUIT 1 FOR IBO and VBO parameters:
tp = 20ms
Auto Transformer 220V/2A
static relay. K
R1
140
R2
240
220V
Vout IBO measure
Transformer 220V/800V 5A
D.U.T
V BO measure
TEST PROCEDURE : Pulse Test duration (tp = 20ms): - For Bidirectional devices = Switch K is closed - For Unidirectional devices = Switch K is open. VOUT Selection - Device with VBO < 200 Volt - VOUT = 250 VRMS, R1 = 140 . - Device with VBO 200 Volt - VOUT = 480 VRMS, R2 = 240 . TEST CIRCUIT 2 for IH parameter.
R D.U.T. V BAT = - 48 V Surge generator
-V P
This is a GO-NOGO Test which allows to confirm the holding current (IH) level in a functional test circuit. TEST PROCEDURE : 1) Adjust the current level at the IH value by short circuiting the AK of the D.U.T. 2) Fire the D.U.T with a surge Current : Ipp = 10A , 10/1000 s. 3) The D.U.T will come back off-state within 50 ms max.
3/5
SMTPA xxx
Fig. 1: Non repetitive surge peak on-state current versus overload duration (Tj initial=25C). Fig. 2: Relative variation of holding current versus junction temperature.
TSM (A)
Fig. 3: Relative variation of junction capacitance versus reverse applied voltage (typical values). Note: For VRM upper than 56V, the curve is extrapolated (dotted line).
Fig. 4: On-state current versus on-state voltage (typical values).
IT(A)
VR(V)
VT(V)
Fig. 5: Transient thermal impedance junction to ambient versus pulse duration (for FR4 PC Board with T lead = 10 mm).
tp(s)
4/5
SMTPA xxx
SM
TPA 100
SURFACE MOUNT TRISIL PROTECTION 50 A
VOLTAGE
MARKING : Logo, date code, type code. PACKAGE MECHANICAL DATA. SMB (JEDEC DO-214AA) DIMENSIONS
E1
REF.
D
Millimeters Min. 1.90 0.05 1.95 0.15 5.10 4.05 3.30 0.75 Max. 2.45 0.20 2.20 0.41 5.60 4.60 3.95 1.60
Inches Min. 0.075 0.002 0.077 0.006 0.201 0.159 0.130 0.030 Max. 0.096 0.008 0.087 0.016 0.220 0.181 0.156 0.063
A1 A2 b c E
A1 A2
E
C L
E1 D
b
L
FOOT PRINT DIMENSION (in millimeters) SMB
Packaging : Standard packaging is in tape and reel Weight : 0.12g
2.3
1.52
2.75
1.52
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of SMTPA100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X