Part Number Hot Search : 
RFBC4 NH00M2 BTA316 AD1585B ZMM62 R1500 1N4454 P85N10
Product Description
Full Text Search
 

To Download MTP3055E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
MTP3055E
N - CHANNEL 60V - 0.1 - 12A TO-220 STripFETTM MOSFET
T YPE MTP3055E
s s s s s
V DSS 60 V
R DS(on) < 0.15
ID 12 A
TYPICAL RDS(on) = 0.1 AVALANCHE RUGGED TECHNOLOGY 100% AVALANCHE TESTED 175oC OPERATING TEMPERATURE APPLICATION ORIENTED CHARACTERIZATION
3 1 2
APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SOLENOID AND RELAY DRIVERS s REGULATORS s DC-DC & DC-AC CONVERTERS s MOTOR CONTROL, AUDIO AMPLIFIERS s AUTOMOTIVE ENVIRONMENT (INJECTION, ABS, AIR-BAG, LAMPDRIVERS, Etc.)
TO-220
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS V DGR V GS ID IDM I DM (*) P tot Ts tg Tj Parameter Drain-source Voltage (VGS = 0) Drain- gate Voltage (R GS = 20 k) G ate-source Voltage Drain Current (continuous) at Tc = 25 C Drain Current (pulsed) at Tc = 100 C Drain Current (pulsed) T otal Dissipation at Tc = 25 C Storage Temperature Max. Operating Junction Temperature
o o o
Value 60 60 20 12 9 48 40 -65 to 175 175
Un it V V V A A A W
o o
C C
(*) Pulse width limited by safe operating area First digit of the datecode being Z or K identifies silicon characterized in this datasheet.
July 1999
1/8
MTP3055E
THERMAL DATA
R thj -case R thj -amb R t hc-s Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature F or Soldering Purpose 3.75 62.5 0.5 300 C/W oC/W o C/W o C
o
AVALANCHE CHARACTERISTICS
Symbo l IAR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 o C, ID = IAR , V DD = 25 V) Max Value 12 50 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbo l V (BR)DSS I DSS IGSS Parameter Drain-source Breakdown Voltage Test Con ditions I D = 250 A V GS = 0 Min. 60 1 10 100 Typ. Max. Unit V A A nA
V DS = Max Rating Zero Gate Voltage Drain Current (V GS = 0) V DS = Max Rating x 0.8 Gate-body Leakage Current (VDS = 0) V GS = 20 V
T c = 125 o C
ON ()
Symbo l V GS(th) R DS(on) I D(o n) Parameter Gate Threshold Voltage V DS = V GS Static Drain-source On Resistance On State Drain Current V GS = 10V Test Con ditions ID = 250 A ID = 7 A V GS = 10 V 12 Min. 2 Typ. 2.9 0.1 Max. 4 0.15 Unit V A
V DS > ID(o n) x R DS(on )ma x
DYNAMIC
Symbo l g f s () C iss C os s C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Con ditions V DS > ID(o n) x R DS(on )ma x V DS = 25 V f = 1 MHz ID = 6 A V GS = 0 Min. 4 Typ. 6 760 100 30 Max. Unit S pF pF pF
2/8
MTP3055E
ELECTRICAL CHARACTERISTICS (continued) SWITCHING RESISTIVE LOAD
Symbo l t d(on) tr t d(of f) tf Qg Q gs Q gd Parameter Turn-on Time Rise Time Turn-off Delay T ime Fall T ime Total G ate Charge Gate-Source Charge Gate-Drain Charge Test Con ditions V DD = 30 V I D = 7 A R G = 50 V GS = 10 V (see test circuit) I D = 12 A V GS = 10 V V DD = 40 V (see test circuit) Min. Typ. 20 65 70 35 15 7 5 Max. Unit ns ns ns ns nC nC nC
SOURCE DRAIN DIODE
Symbo l ISD I SDM (*) V SD () t rr Q rr Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge I SD = 12 A I SD = 12 A V DD = 30 V V GS = 0 di/dt = 100 A/s T j = 150 o C 65 0.17 Test Con ditions Min. Typ. Max. 12 48 2.0 Unit A A V ns C
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance
3/8
MTP3055E
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/8
MTP3055E
Normalized Gate Threshold Voltage vs Temperature Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/8
MTP3055E
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/8
MTP3055E
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147
E
mm TYP. MAX. 4.60 1.32 2.72 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 MIN. 0.173 0.048 0.094 4.40 1.23 2.40
inch TYP. MAX. 0.181 0.051 0.107 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 0.645 0.551 0.116 0.620 0.260 0.154 0.151
A
C
D1
L2 F1
D
G1
Dia. F2 F
L5 L7 L6
L9
L4
G
H2
P011C
7/8
MTP3055E
Information furnished is believed to be accurate and reliable. However, STMicroelect onics assumes no responsibil ity for the consequences r of use of such information nor for any infringement of patents or other rights of third partes which may result from its use. No license is i granted by implication or otherwise under any patent or patent rights of STMicroelectro nics. Specific ation mentioned in this publication are subjec t to change without notice. This publication supersedes and replaces all informaton previously supplied. STMicroelectronics products i are not authorized for use as critical components in life support devices or systems with express written approval of STMicroelectronics. out The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japa - Malaysia - Malta - Morocco n Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
8/8
http://www.st.com .


▲Up To Search▲   

 
Price & Availability of MTP3055E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X