Part Number Hot Search : 
0K022 ADJ11012 1020C MTDA28A2 ET724 124100 MLD571 74LCX
Product Description
Full Text Search
 

To Download MTP12N10E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MTP12N10E/D
Designer'sTM Data Sheet
TMOS E-FET.TM Power Field Effect Transistor
N-Channel Enhancement-Mode Silicon Gate
This advanced TMOS E-FET is designed to withstand high energy in the avalanche and commutation modes. The new energy efficient design also offers a drain-to-source diode with a fast recovery time. Designed for low voltage, high speed switching applications in power supplies, converters and PWM motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional safety margin against unexpected voltage transients. * Designed to Eliminate the Need for External Zener Transient Suppressor -- Absorbs High Energy in the Avalanche Mode * Commutating Safe Operating Area (CSOA) Specified for Use in Half and Full Bridge Circuits * Source-to-Drain Diode Recovery Time Comparable to a Discrete Fast Recovery Diode * Diode is Characterized for Use in Bridge Circuits * IDSS and VDS(on) Specified at Elevated Temperature
MTP12N10E
Motorola Preferred Device
TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.16 OHM
(R)
D
G S
CASE 221A-06, Style 5 TO-220AB
MAXIMUM RATINGS (TC = 25C unless otherwise noted)
Rating Drain-Source Voltage Drain-Gate Voltage (RGS = 1.0 M) Gate-Source Voltage -- Continuous Gate-Source Voltage -- Single Pulse (tp 50 s) Drain Current -- Continuous Drain Current -- Single Pulse (tp 10 s) Total Power Dissipation @ TC = 25C Derate above 25C Operating and Storage Temperature Range Symbol VDSS VDGR VGS ID IDM PD TJ, Tstg Value 100 100 20 40 12 30 79 0.53 - 55 to 175 Unit Vdc Vdc Vdc Adc Watts W/C C
UNCLAMPED DRAIN-TO-SOURCE AVALANCHE CHARACTERISTICS (TJ 175C)
Single Pulse Drain-to-Source Avalanche Energy -- Starting TJ = 25C (VDD = 25 V, VGS = 10 V, L = 4.03 mH, RG = 25 , Peak IL = 12 A) (See Figures 15, 16 and 17) EAS 290 mJ
THERMAL CHARACTERISTICS
Thermal Resistance -- Junction to Case Thermal Resistance -- Junction to Ambient Maximum Lead Temperature for Soldering Purposes, 1/8 from case for 10 seconds RJC RJA TL 1.9 62.5 260 C/W C
Designer's Data for "Worst Case" Conditions -- The Designer's Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit curves -- representing boundaries on device characteristics -- are given to facilitate "worst case" design.
E-FET and Designer's are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value. REV 1
(c) Motorola TMOS Motorola, Inc. 1996
Power MOSFET Transistor Device Data
1
MTP12N10E
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (VGS = 0, ID = 250 Adc) Temperature Coefficient (positive) Zero Gate Voltage Drain Current (VDS = 100 V, VGS = 0) (VDS = 100 V, VGS = 0, TJ = 150C) Gate-Body Leakage Current, Forward (VGSF = 20 Vdc, VDS = 0) Gate-Body Leakage Current, Reverse (VGSR = 20 Vdc, VDS = 0) ON CHARACTERISTICS* Gate Threshold Voltage (VDS = VGS, ID = 250 Adc) Temperature Coefficient (negative) Static Drain-Source On-Resistance (VGS = 10 Vdc, ID = 6.0 Adc) Drain-Source On-Voltage (VGS = 10 Vdc) (ID = 12 Adc) (ID = 6.0 Adc, TJ = 150C) Forward Transconductance (VDS 15 V, ID = 6.0 A) DYNAMIC CHARACTERISTICS Input Capacitance Reverse Transfer Capacitance Output Capacitance (VDS = 25 V, VGS = 0, f = 1.0 MHz) See Figure 14 Ciss Crss Coss -- -- -- 600 70 230 -- -- -- pF VGS(th) 2.0 -- RDS(on) VDS(on) -- -- gFS 4.0 1.5 1.4 5.0 2.4 1.92 -- mhos -- 3.0 6.0 0.125 4.0 -- 0.16 Vdc mV/C Ohm Vdc V(BR)DSS 100 -- IDSS -- -- IGSSF IGSSR -- -- -- -- -- -- 10 100 100 100 nAdc nAdc -- 110 -- -- Vdc mV/C A Symbol Min Typ Max Unit
SWITCHING CHARACTERISTICS (TJ = 100C) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Gate Charge (VDS = 80 V, ID = 12 A, VGS = 10 Vdc) See Figures 5 and 6 (VDD = 50 V, ID = 12 A, VGS = 10 V, RG = 12 ) See Figure 7 td(on) tr td(off) tf QT Q1 Q2 Q3 SOURCE-DRAIN DIODE CHARACTERISTICS* Forward On-Voltage (IS = 12 A, VGS = 0) (IS = 12 A, VGS = 0, TJ = 150C) (IS = 12 A, VGS = 0, dIS/dt = 100 A/s, VR = 50 V) VSD -- -- trr -- 1.0 0.83 110 2.5 -- -- ns Vdc -- -- -- -- -- -- -- -- 10 64 21 30 18 4.0 10 8.0 -- -- -- -- 26 -- -- -- nC ns
Reverse Recovery Time INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance (Measured from the contact screw on tab to center of die) (Measured from the drain lead 0.25 from package to center of die) Internal Source Inductance (Measured from the source lead 0.25 from package to source bond pad) * Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%.
Ld -- -- Ls -- 3.5 4.5 7.5 -- -- --
nH
2
Motorola TMOS Power MOSFET Transistor Device Data
MTP12N10E
TYPICAL ELECTRICAL CHARACTERISTICS
24 TJ = 25C I D, DRAIN CURRENT (AMPS) 20 8V 16 7V 12 8 4 0 0 2 3 4 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) 1 5 6V 5V VGS = 10 V 9V I D, DRAIN CURRENT (AMPS) 20 25C 16 12 8 4 0 0 2 4 6 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) 10 100C 24 VDS 15 V TJ = -55C
Figure 1. On-Region Characteristics
RDS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS)
Figure 2. Transfer Characteristics
VGS = 10 V 0.5 0.4 0.3 0.2 0.1 0 0 3 6 9 12 15 18 ID, DRAIN CURRENT (AMPS) 21 24 TJ = 100C 25C -55C
RDS(on) , DRAIN-TO-SOURCE RESISTANCE (NORMALIZED)
0.6
2.2 2 1.8 1.6 1.4 1.2 1 0.8 0.6 -50 -25 0 25 50 75 100 125 TJ, JUNCTION TEMPERATURE (C) 150 175 VGS = 10 V ID = 6 A
Figure 3. On-Resistance versus Drain Current
Figure 4. On-Resistance Variation with Temperature
+18 V
VDD 1 mA SAME DEVICE TYPE AS DUT
16
VDS
ID = 12 A VDS = 80 V TJ = 25C
80
47 k Vin 15 V 2N3904 100 k 47 k
10 V
100 k 0.1 F FERRITE BEAD
12 QT 8 Q1 VGS Q3 0 0 5 10 15 Qg, TOTAL GATE CHARGE (nC) 20 Q2
60
2N3904
40
100
DUT
4
20
Vin = 15 Vpk; PULSE WIDTH 100 s, DUTY CYCLE 10%.
0 25
Figure 5. Gate Charge Test Circuit
Figure 6. Gate-To-Source and Drain-To-Source Voltage versus Gate Charge
Motorola TMOS Power MOSFET Transistor Device Data
3
VDS , DRAIN-TO-SOURCE VOLTAGE (VOLTS)
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
20
100
MTP12N10E
SAFE OPERATING AREA INFORMATION
FORWARD BIASED SAFE OPERATING AREA The FBSOA curves define the maximum drain-to-source voltage and drain current that a device can safely handle when it is forward biased, or when it is on, or being turned on. Because these curves include the limitations of simultaneous high voltage and high current, up to the rating of the device, they are especially useful to designers of linear systems. The curves are based on a case temperature of 25C and a maximum junction temperature of 175C. Limitations for repetitive pulses at various case temperatures can be determined by using the thermal response curves. Motorola Application Note, AN569, "Transient Thermal Resistance-General Data and Its Use" provides detailed instructions. SWITCHING SAFE OPERATING AREA The switching safe operating area (SOA) of Figure 9 is the boundary that the load line may traverse without incurring damage to the MOSFET. The fundamental limits are the peak current, I DM and the breakdown voltage, BVDSS. The switching SOA shown in Figure 9 is applicable for both turn- on and turn-off of the devices for switching times less than one microsecond. The power averaged over a complete switching cycle must be less than: TJ(max) - TC RJC
1000 VDD = 50 V ID = 12 A VGS = 10 V TJ = 25C tr tf
td(off) td(on)
100 t, TIME (ns) 10 1 10
100 RG, GATE RESISTANCE (OHMS)
1000
Figure 7. Resistive Switching Time versus Gate Resistance
40 I D, DRAIN CURRENT (AMPS)
1000 I D, DRAIN CURRENT (AMPS) VGS = 20 V SINGLE PULSE TC = 25C 100 s 1 ms
100
OPERATION LIMITED IN THIS AREA BY RDS(on)
30
10
10 ms dc
20 TJ 175C 10
1
RDS(on) LIMIT THERMAL LIMIT PACKAGE LIMIT 0.1 1 10 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) 100
0.1
0 0 20 40 60 80 100 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) 120
Figure 8. Maximum Rated Forward Biased Safe Operating Area
1 r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE 0.5 0.3 0.2 0.1 0.05 0.05 0.03 0.02 SINGLE PULSE 0.01 0.01 0.02 0.05 0.1 0.2 0.5 1 0.01 0.02 D = 0.5
Figure 9. Maximum Rated Switching Safe Operating Area
0.2 0.1 P(pk) RJC(t) = r(t) RJC RJC = 1.9C/W MAX D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) RJC(t) 50 100 200 500 1000
t2 DUTY CYCLE, D = t1/t2 2 t, TIME (ms) 5 10 20
t1
Figure 10. Thermal Response 4 Motorola TMOS Power MOSFET Transistor Device Data
MTP12N10E
COMMUTATING SAFE OPERATING AREA (CSOA)
The Commutating Safe Operating Area (CSOA) of Figure 12 defines the limits of safe operation for commutated source-drain current versus re-applied drain voltage when the source-drain diode has undergone forward bias. The curve shows the limitations of IFM and peak VDS for a given rate of change of source current. It is applicable when waveforms similar to those of Figure 11 are present. Full or half-bridge PWM DC motor controllers are common applications requiring CSOA data. Device stresses increase with increasing rate of change of source current so dIs/dt is specified with a maximum value. Higher values of dIs/dt require an appropriate derating of IFM, peak VDS or both. Ultimately dIs/dt is limited primarily by device, package, and circuit impedances. Maximum device stress occurs during trr as the diode goes from conduction to reverse blocking. VDS(pk) is the peak drain-to-source voltage that the device must sustain during commutation; IFM is the maximum forward source-drain diode current just prior to the onset of commutation. VR is specified at rated BVDSS to ensure that the CSOA stress is maximized as IS decays from IRM to zero. RGS should be minimized during commutation. TJ has only a second order effect on CSOA. Stray inductances in Motorola's test circuit are assumed to be practical minimums.
15 V VGS 0 IFM 90% IS 10% ton IRM 0.25 IRM VDS(pk) VR VDS dVDS/dt VdsL MAX. CSOA STRESS AREA dls/dt trr
Vf
Figure 11. Commutating Waveforms
15 IS , SOURCE-TO-DRAIN CURRENT (AMPS)
RGS TJ 175C IS = 12 A dIs/dt 100 A/s VR 100 V
DUT
12
- VR + IFM + 20 V - IS VDS Li
9
6
3
VGS
0
0
20
40 60 80 100 120 140 160 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
180
200
VR = 80% OF RATED BVDSS VdsL = Vf + Li dls/dt
Figure 12. Commutating Safe Operating Area (CSOA)
Figure 13. Commutating Safe Operating Area Test Circuit
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Motorola TMOS Power MOSFET Transistor Device Data
5
MTP12N10E
2000 VDS = 0 V 1500 C, CAPACITANCE (pF) VGS = 0 V EAS , SINGLE PULSE AVALANCHE ENERGY (mJ) 300 250 200 PEAK IL = 12 A VDD = 25 V
1000 Ciss 500 Coss Crss 0 15 0 15 30 45 60 VGS VDS GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (VOLTS)
150 100 50 0
25
75 100 125 150 50 TJ, STARTING JUNCTION TEMPERATURE (C)
175
Figure 14. Capacitance Variation
Figure 15. Maximum Avalanche Energy versus Starting Junction Temperature
BVDSS
L VDS IL IL(t) VDD t RG VDD tP t, (TIME)
Figure 16. Unclamped Inductive Switching Test Circuit
Figure 17. Unclamped Inductive Switching Waveforms
PACKAGE DIMENSIONS
-T- B
4 SEATING PLANE DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.018 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 --- --- 0.080 MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 3.73 2.42 2.66 2.80 3.93 0.46 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 --- --- 2.04
F T S
C
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED.
Q
123
A U K
H Z L V G D N R J
STYLE 5: PIN 1. 2. 3. 4.
GATE DRAIN SOURCE DRAIN
CASE 221A-06 TO-220AB ISSUE Y
How to reach us: USA / EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
6
Motorola TMOS Power MOSFET Transistor Device Data MTP12N10E/D
*MTP12N10E/D*


▲Up To Search▲   

 
Price & Availability of MTP12N10E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X