Part Number Hot Search : 
0469PWR 2SC374 SDS20WK 9162B MM13204N MBR4060W EPF8147S TCM809RV
Product Description
Full Text Search
 

To Download MCM63F733ATQ11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MCM63F733A/D
Advance Information
MCM63F733A
128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
The MCM63F733A is a 4M-bit synchronous fast static RAM designed to provide a burstable, high performance, secondary cache for the PowerPCTM and other high performance microprocessors. It is organized as 128K words of 32 bits each, fabricated with high performance silicon gate CMOS technology. This device integrates input registers, a 2-bit address counter, and high speed SRAM onto a single monolithic circuit for reduced parts count in cache data RAM applications. Synchronous design allows precise cycle control with the use of an external clock (K). CMOS circuitry reduces the overall power consumption of the integrated functions for greater reliability. Addresses (SA), data inputs (DQx), and all control signals except output enable (G) and Linear Burst Order (LBO) are clock (K) controlled through positive-edge-triggered noninverting registers. Bursts can be initiated with either ADSP or ADSC input pins. Subsequent burst addresses can be generated internally by the MCM63F733A (burst sequence operates in linear or interleaved mode dependent upon state of LBO) and controlled by the burst address advance (ADV) input pin. Write cycles are internally self-timed and are initiated by the rising edge of the clock (K) input. This feature eliminates complex off-chip write pulse generation and provides increased timing flexibility for incoming signals. Synchronous byte write (SBx), synchronous global write (SGW), and synchronous write enable (SW) are provided to allow writes to either individual bytes or to all bytes. The four bytes are designated as "a", "b", "c", and "d". SBa controls DQa, SBb controls DQb, etc. Individual bytes are written if the selected byte writes SBx are asserted with SW. All bytes are written if either SGW is asserted or if all SBx and SW are asserted. For read cycles, a flow-through SRAM allows output data to simply flow freely from the memory array. The MCM63F733A operates from a 3.3 V core power supply and all outputs operate on a 2.5 V or 3.3 V power supply. All inputs and outputs are JEDEC Standard JESD8-5 compatible. * MCM63F733A-10 = 10 ns Access/13 ns Cycle (75 MHz) MCM63F733A-11 = 11 ns Access/15 ns Cycle (66 MHz) * 3.3 V + 10% / - 5% Core, Power Supply, 2.5 V or 3.3 V I/O Supply * ADSP, ADSC, and ADV Burst Control Pins * Selectable Burst Sequencing Order (Linear/Interleaved) * Internally Self-Timed Write Cycle * Byte Write and Global Write Control * Single-Cycle Deselect * Sleep Mode (ZZ) * 100-Pin TQFP Package
TQ PACKAGE TQFP CASE 983A-01
The PowerPC name is a trademark of IBM Corp., used under license therefrom.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
REV 2 3/20/98
(c) Motorola, Inc. 1998 MOTOROLA FAST SRAM
MCM63F733A 1
FUNCTIONAL BLOCK DIAGRAM
LBO ADV K ADSC ADSP K2
BURST COUNTER CLR 2
2
17 128K x 32 ARRAY
SA SA1 SA0
ADDRESS REGISTER
17
15
SGW SW WRITE REGISTER a
32
32
SBa
SBb
WRITE REGISTER b 4 WRITE REGISTER c DATA-IN REGISTER K
SBc
SBd
WRITE REGISTER d
K2
SE1 SE2 SE3 G
ENABLE REGISTER
DQa - DQd
MCM63F733A 2
MOTOROLA FAST SRAM
PIN ASSIGNMENT
SA SA SE1 SE2 SBd SBc SBb SBa SE3 VDD VSS K SGW SW G ADSC ADSP ADV SA SA NC DQc DQc VDDQ VSS DQc DQc DQc DQc VSS VDDQ DQc DQc NC VDD NC VSS DQd DQd VDDQ VSS DQd DQd DQd DQd VSS VDDQ DQd DQd NC 100 99 98 97 9695 94 93 92 91 90 89 88 87 86 85 84 83 82 81 1 80 2 79 3 78 4 77 5 76 6 75 7 74 8 73 9 72 10 71 11 70 12 69 13 68 14 67 15 66 16 65 17 64 18 63 19 62 20 61 21 60 22 59 23 58 24 57 25 56 26 55 27 54 28 53 29 52 30 51 31 32 33 34 35 36 3738 39 40 41 42 43 44 4546 47 48 49 50 LBO SA SA SA SA SA1 SA0 NC NC VSS VDD NC NC SA SA SA SA SA SA SA NC DQb DQb VDDQ VSS DQb DQb DQb DQb VSS VDDQ DQb DQb VSS NC VDD ZZ DQa DQa VDDQ VSS DQa DQa DQa DQa VSS VDDQ DQa DQa NC
MOTOROLA FAST SRAM
MCM63F733A 3
PIN DESCRIPTIONS
Pin Locations 85 Symbol ADSC Type Input Description Synchronous Address Status Controller: Active low, interrupts any ongoing burst and latches a new external address. Used to initiate a READ, WRITE, or chip deselect. Synchronous Address Status Processor: Active low, interrupts any ongoing burst and latches a new external address. Used to initiate a new READ, WRITE, or chip deselect (exception -- chip deselect does not occur when ADSP is asserted and SE1 is high). Synchronous Address Advance: Increments address count in accordance with counter type selected (linear/interleaved). Synchronous Data I/O: "x" refers to the byte being read or written (byte a, b, c, d).
84
ADSP
Input
83 (a) 51, 52, 53, 56, 57, 58, 59, 62, 63 (b) 68, 69, 72, 73, 74, 75, 78, 79, 80 (c) 1, 2, 3, 6, 7, 8, 9, 12, 13 (d) 18, 19, 22, 23, 24, 25, 28, 29, 30 86 89 31
ADV DQx
Input I/O
G K LBO
Input Input Input
Asynchronous Output Enable Input. Clock: This signal registers the address, data in, and all control signals except G, LBO, and ZZ. Linear Burst Order Input: This pin may be left floating; it will default as interleaved. Low -- linear burst counter (68K/PowerPC). High -- interleaved burst counter (486/i960/Pentium). Synchronous Address Inputs: These inputs are registered and must meet setup and hold times. Synchronous Address Inputs: These pins must be wired to the two LSBs of the address bus for proper burst operation. These inputs are registered and must meet setup and hold times. Synchronous Byte Write Inputs: "x" refers to the byte being written (byte a, b, c, d). SGW overrides SBx. Synchronous Chip Enable: Active low to enable chip. Negated high -- blocks ADSP or deselects chip when ADSC is asserted. Synchronous Chip Enable: Active high for depth expansion. Synchronous Chip Enable: Active low for depth expansion. Synchronous Global Write: This signal writes all bytes regardless of the status of the SBx and SW signals. If only byte write signals SBx are being used, tie this pin high. Synchronous Write: This signal writes only those bytes that have been selected using the byte write SBx pins. If only byte write signals SBx are being used, tie this pin low. Sleep Mode: This active high asynchronous signal places the RAM into the lowest power mode. The ZZ pin disables the RAMs internal clock when placed in this mode. When ZZ is negated, the RAM remains in low power mode until it is commanded to READ or WRITE. Data integrity is maintained upon returning to normal operation. Core Power Supply. I/O Power Supply. Ground. No Connection: There is no connection to the chip.
32, 33, 34, 35, 44, 45, 46, 47, 48, 49, 50, 81, 82, 99, 100 36, 37
SA SA1, SA0
Input Input
93, 94, 95, 96 (a) (b) (c) (d) 98
SBx SE1
Input Input
97 92 88
SE2 SE3 SGW
Input Input Input
87
SW
Input
64
ZZ
Input
15, 41, 65, 91 4, 11, 20, 27, 54, 61, 70, 77 5, 10, 17, 21, 26, 40, 55, 60, 67, 71, 76, 90 14, 16, 38, 39, 42, 43, 66
VDD VDDQ VSS NC
Supply Supply Supply --
MCM63F733A 4
MOTOROLA FAST SRAM
TRUTH TABLE (See Notes 1 through 5)
Next Cycle Deselect Deselect Deselect Deselect Deselect Begin Read Begin Read Continue Read Continue Read Continue Read Continue Read Suspend Read Suspend Read Suspend Read Suspend Read Begin Write Continue Write Continue Write Suspend Write Suspend Write Address Used None None None None None External External Next Next Next Next Current Current Current Current External Next Next Current Current SE1 1 0 0 X X 0 0 X X 1 1 X X 1 1 0 X 1 X 1 SE2 X X 0 X 0 1 1 X X X X X X X X 1 X X X X SE3 X 1 X 1 X 0 0 X X X X X X X X 0 X X X X ADSP X 0 0 1 1 0 1 1 1 X X 1 1 X X 1 1 X 1 X ADSC 0 X X 0 0 X 0 1 1 1 1 1 1 1 1 0 1 1 1 1 ADV X X X X X X X 0 0 0 0 1 1 1 1 X 0 0 1 1 G3 X X X X X X X 1 0 1 0 1 0 1 0 X X X X X DQx High-Z High-Z High-Z High-Z High-Z High-Z High-Z High-Z DQ High-Z DQ High-Z DQ High-Z DQ High-Z High-Z High-Z High-Z High-Z Write 2, 4 X X X X X X READ READ READ READ READ READ READ READ READ WRITE WRITE WRITE WRITE WRITE
NOTES: 1. X = Don't Care. 1 = logic high. 0 = logic low. 2. Write is defined as either 1) any SBx and SW low, or 2) SGW is low. 3. G is an asynchronous signal and is not sampled by the clock K. G drives the bus immediately (tGLQX) following G going low. 4. On write cycles that follow read cycles, G must be negated prior to the start of the write cycle to ensure proper write data setup times. G must also remain negated at the completion of the write cycle to ensure proper write data hold times.
ASYNCHRONOUS TRUTH TABLE
Operation Read Read Write Deselected Selected ZZ L L L L H G L H X X X I/O Status Data Out (DQx) High-Z High-Z High-Z High-Z
LINEAR BURST ADDRESS TABLE (LBO = VSS)
1st Address (External) X . . . X00 X . . . X01 X . . . X10 X . . . X11 2nd Address (Internal) X . . . X01 X . . . X10 X . . . X11 X . . . X00 3rd Address (Internal) X . . . X10 X . . . X11 X . . . X00 X . . . X01 4th Address (Internal) X . . . X11 X . . . X00 X . . . X01 X . . . X10
MOTOROLA FAST SRAM
MCM63F733A 5
INTERLEAVED BURST ADDRESS TABLE (LBO = VDD)
1st Address (External) X . . . X00 X . . . X01 X . . . X10 X . . . X11 2nd Address (Internal) X . . . X01 X . . . X00 X . . . X11 X . . . X10 3rd Address (Internal) X . . . X10 X . . . X11 X . . . X00 X . . . X01 4th Address (Internal) X . . . X11 X . . . X10 X . . . X01 X . . . X00
WRITE TRUTH TABLE
Cycle Type Read Read Write Byte a Write Byte b Write Byte c Write Byte d Write All Bytes Write All Bytes SGW H H H H H H H L SW H L L L L L L X SBa X H L H H H L X SBb X H H L H H L X SBc X H H H L H L X SBd X H H H H L L X
ABSOLUTE MAXIMUM RATINGS (See Note 1)
Rating Power Supply Voltage I/O Supply Voltage Input Voltage Relative to VSS for Any Pin Except VDD Input Voltage (Three-State I/O) Output Current (per I/O) Package Power Dissipation Temperature Under Bias Storage Temperature Symbol VDD VDDQ Vin, Vout VIT Iout PD Tbias Tstg Value - 0.5 to + 4.6 VSS - 0.5 to VDD - 0.5 to VDD + 0.5 - 0.5 to VDDQ + 0.5 20 1.2 - 10 to + 85 - 55 to + 125 Unit V V V V mA W C C 3 2 2 2 Notes This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high-impedance circuit.
NOTES: 1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to RECOMMENDED OPERATING CONDITIONS. Exposure to higher than recommended voltages for extended periods of time could affect device reliability. 2. This is a steady-state DC parameter that is in effect after the power supply has achieved its nominal operating level. Power sequencing is not necessary. 3. Power dissipation capability is dependent upon package characteristics and use environment. See Package Thermal Characteristics.
PACKAGE THERMAL CHARACTERISTICS
Rating Junction to Ambient (@ 200 lfm) Junction to Board (Bottom) Junction to Case (Top) Single-Layer Board Four-Layer Board Symbol RJA RJB RJC Max 40 25 17 9 Unit C/W C/W C/W Notes 1, 2 3 4
NOTES: 1. Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient temperature, air flow, board population, and board thermal resistance. 2. Per SEMI G38-87. 3. Indicates the average thermal resistance between the die and the printed circuit board. 4. Indicates the average thermal resistance between the die and the case top surface via the cold plate method (MIL SPEC-883 Method 1012.1).
MCM63F733A 6
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V + 10%, - 5%, TA = 0 to 70C, Unless Otherwise Noted) RECOMMENDED OPERATING CONDITIONS: 2.5 V I/O Supply (Voltages Referenced to VSS = 0 V)
Parameter Supply Voltage I/O Supply Voltage Input Low Voltage Input High Voltage Input High Voltage (I/O Pins) Output Low Voltage (IOL = 2 mA) Output High Voltage (IOH = - 2 mA) Symbol VDD VDDQ VIL VIH VIH2 VOL VOH Min 3.135 2.375 - 0.3 1.7 1.7 -- 1.7 Typ 3.3 2.5 -- -- -- -- -- Max 3.6 2.9 0.7 VDD + 0.3 VDDQ + 0.3 0.7 -- Unit V V V V V V V
RECOMMENDED OPERATING CONDITIONS: 3.3 V I/O Supply (Voltages Referenced to VSS = 0 V)
Parameter Supply Voltage I/O Supply Voltage Input Low Voltage Input High Voltage Input High Voltage (I/O Pins) Output Low Voltage (IOL = 8 mA) Output High Voltage (IOH = - 4 mA) Symbol VDD VDDQ VIL VIH VIH2 VOL VOH Min 3.135 3.135 - 0.5 2 2 -- 2.4 Typ 3.3 3.3 -- -- -- -- -- Max 3.6 VDD 0.8 VDD + 0.5 VDDQ + 0.5 0.4 -- Unit V V V V V V V
VIH
VSS
VSS - 1.0 V
20% tKHKH (MIN)
Figure 1. Undershoot Voltage
MOTOROLA FAST SRAM
MCM63F733A 7
SUPPLY CURRENTS
Parameter Input Leakage Current (0 V Vin VDD) Output Leakage Current (0 V Vin VDDQ) AC Supply Current (Device Selected, All Outputs Open, Freq = Max) Includes VDD Only MCM63F733A-10 MCM63F733A-11 Symbol Ilkg(I) Ilkg(O) IDDA Min -- -- -- Typ -- -- -- Max 1 1 TBD Unit A A mA 3, 4, 5 Notes 1, 2
CMOS Standby Supply Current (Device Deselected, Freq = 0, VDD = Max, All Inputs Static at CMOS Levels) Sleep Mode Supply Current (Sleep Mode, Freq = Max, VDD = Max, All Other Inputs Static at CMOS Levels, ZZ VDD - 0.2 V) TTL Standby Supply Current (Device Deselected, Freq = 0, VDD = Max, All Inputs Static at TTL Levels) Clock Running (Device Deselected, Freq = Max, VDD = Max, All Inputs Toggling at CMOS Levels) Static Clock Running (Device Deselected, Freq = Max, VDD = Max, All Inputs Static at TTL Levels) MCM63F733A-10 MCM63F733A-11 MCM63F733A-10 MCM63F733A-11
ISB2 IZZ
-- --
-- --
TBD 2
mA mA
6, 8 2, 7, 8
ISB3 ISB4
-- --
-- --
TBD TBD
mA mA
6, 9 3, 4, 5, 6, 8 6, 9
ISB5
--
--
TBD
mA
NOTES: 1. LBO pin has an internal pullup and will exhibit leakage currents of 5 A. 2. ZZ pin has an internal pulldown and will exhibit leakage currents of 5 A. 3. Reference AC Operating Conditions and Characteristics for input and timing. 4. All addresses transition simultaneously low (LSB) then high (MSB). 5. Data states are all zero. 6. Device is deselected as defined by the Truth Table. 7. Device in Sleep Mode as defined by the Asynchronous Truth Table. 8. CMOS levels for I/Os are VIT VSS + 0.2 V or VDDQ - 0.2 V. CMOS levels for other inputs are Vin VSS + 0.2 V or VDD - 0.2 V. 9. TTL levels for I/Os are VIT VIL or VIH2. TTL levels for other inputs are Vin VIL or VIH.
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 0 to 70C, Periodically Sampled Rather Than 100% Tested)
Parameter Input Capacitance Input/Output Capacitance Symbol Cin CI/O Min -- -- Typ 4 7 Max 5 8 Unit pF pF
MCM63F733A 8
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V + 10%, - 5%, TA = 0 to 70C, Unless Otherwise Noted)
Input Timing Measurement Reference Level . . . . . . . . . . . . . . 1.25 V Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to 2.5 V Input Rise/Fall Time . . . . . . . . . . . . . . . . . . . . . . 1.0 V/ns (20 to 80%) Output Timing Reference Level . . . . . . . . . . . . . . . . . . . . . . . . . 1.25 V Output Load . . . . . . . . . . . . . . See Figure 2 Unless Otherwise Noted
READ/WRITE CYCLE TIMING (See Notes 1 through 4)
MCM63F733A-10 75 MHz Parameter P Cycle Time Clock High Pulse Width Clock Low Pulse Width Clock Access Time Output Enable to Output Valid Clock High to Output Active Clock High to Output Change Output Enable to Output Active Output Disable to Q High-Z Clock High to Q High-Z Setup Times: Address ADSP, ADSC, ADV Data In Write Chip Enable Address ADSP, ADSC, ADV Data In Write Chip Enable Symbol S bl tKHKH tKHKL tKLKH tKHQV tGLQV tKHQX1 tKHQX2 tGLQX tGHQZ tKHQZ tADKH tADSKH tDVKH tWVKH tEVKH tKHAX tKHADSX tKHDX tKHWX tKHEX tZZS tZZREC tZZQZ Min 13 5.2 5.2 -- -- 0 1.5 0 -- 1.5 2 Max -- -- -- 10 3.8 -- -- -- 3.8 3.8 -- MCM63F733A-11 66 MHz Min 15 6 6 -- -- 0 1.5 0 -- 1.5 2 Max -- -- -- 11 3.8 -- -- -- 3.8 3.8 -- Unit Ui ns ns ns ns ns ns ns ns ns ns ns 5, 6 6 5, 6 5, 6 5, 6 Notes N
Hold Times:
0.5
--
0.5
--
ns
Sleep Mode Standby Sleep Mode Recovery Sleep Mode High to Q High-Z
-- 2x tKHKH --
2x tKHKH -- 15
-- 2x tKHKH --
2x tKHKH -- 15
ns ns ns
NOTES: 1. Write is defined as either any SBx and SW low or SGW is low. Chip Enable is defined as SE1 low, SE2 high, and SE3 low whenever ADSP or ADSC is asserted. 2. All read and write cycle timings are referenced from K or G. 3. G is a don't care after write cycle begins. To prevent bus contention, G should be negated prior to start of write cycle. 4. In order to reduce test correlation issues and to reduce the effects of application specific input edge rate variations on correlation between data sheet parameters and actual system performance, FSRAM AC parametric specifications are always specified at VDDQ/2. In some design exercises, it is desirable to evaluate timing using other reference levels. Since the maximum test input edge rate is known and is given in the AC Test Conditions section of the data sheet as 1 V/ns, one can easily interpolate timing values to other reference levels. 5. This parameter is sampled and not 100% tested. 6. Measured at 200 mV from steady state.
MOTOROLA FAST SRAM
MCM63F733A 9
OUTPUT Z0 = 50 RL = 50 1.25 V
Figure 2. AC Test Load
2400 2200 CLOCK ACCESS TIME DELAY (ps) 2000 1800 1600 1400 1200 1000 800 600 400 200 0 0 20 40 60 80 100 LUMPED CAPACITANCE, CL (pF)
OUTPUT CL
Figure 3. Lumped Capacitive Load and Typical Derating Curve
MCM63F733A 10
MOTOROLA FAST SRAM
2.9 2.5 PULL-UP VOLTAGE (V) - 0.5 0 0.8 1.25 1.5 2.3 2.7 2.9 I (mA) MIN - 38 - 38 - 38 - 30 - 27 0 0 0 I (mA) MAX - 105 - 105 - 105 - 83 - 75 - 40 - 15 0 0 0 - 40 CURRENT (mA) - 105 VOLTAGE (V) VOLTAGE (V) 2.3
1.25 0.8
(a) Pull-Up for VDDQ = 2.5 V
3.6
PULL-UP VOLTAGE (V) - 0.5 0 1.4 1.65 2.0 3.135 3.6 I (mA) MIN - 40 - 40 - 40 - 37 - 28 0 0 I (mA) MAX - 120 - 120 - 120 - 108 - 81 - 20 0
3.135 2.8
1.65 1.4
0 0 - 80 - 40 CURRENT (mA) - 120
(b) Pull-Up: VDDQ = 3.3 V
VDD I (mA) MAX 0 0 20 40 63 80 80 0.3 3.2 3.4 40 40 80 80 0 0 40 CURRENT (mA) 80 VOLTAGE (V) 1.6 1.25
PULL-DOWN VOLTAGE (V) - 0.5 0 0.4 0.8 1.25 1.6 2.8 I (mA) MIN 0 0 10 20 31 40 40
(c) Pull-Down Figure 4. Typical Output Buffer Characteristics
MOTOROLA FAST SRAM
MCM63F733A 11
READ/WRITE CYCLES
tKHKL tKLKH
MCM63F733A 12
B C D tKHQV BURST WRAPS AROUND tGLQV Q(A) tKHQX1 tKHQX2 Q(B) Q(B+1) Q(B+2) Q(B+3) tGHQZ Q(B) ADSP, SA SE2, SE3 IGNORED BURST READ BURST WRITE D(C) D(C+1) D(C+2) D(C+3) tGLQX Q(D) SINGLE READ
tKHKH
K
SA
A
ADSP
ADSC
ADV
SE1
E
W
G
DQx
Q(n)
tKHQZ
DESELECTED
SINGLE READ
MOTOROLA FAST SRAM
NOTE: E low = SE2 high and SE3 low. W low = SGW low and/or SW and SBx low.
NOTE: ADS low = ADSC low or ADSP low. ADS high = both ADSC, ADSP high. E low = SE1 low, SE2 high, SE3 low. IZZ (max) specifications will not be met if inputs toggle.
EEEEEEEEEEEEE EEEEEEEEEEEEE EEEEEEEEEEEEE EEEEEEEEEEEEE EEEEEEEEEEEEE EEEEEEEEEEEEE
tZZQZ tZZS
EEEEEEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEEEEEE
IN SLEEP MODE I ZZ tZZREC
MOTOROLA FAST SRAM
ADV ADS DQ ZZ W G E K ADDR IDD NORMAL OPERATION NO NEW READS OR WRITES ALLOWED
MCM63F733A 13
SLEEP MODE TIMING
NO READS OR WRITES ALLOWED NORMAL OPERATION
APPLICATION INFORMATION
SLEEP MODE A sleep mode feature, the ZZ pin, has been implemented on the MCM63F733A. It allows the system designer to place the RAM in the lowest possible power condition by asserting ZZ. The sleep mode timing diagram shows the different modes of operation: Normal Operation, No READ/WRITE Allowed, and Sleep Mode. Each mode has its own set of constraints and conditions that are allowed. Normal Operation: All inputs must meet setup and hold times prior to sleep and t ZZREC nanoseconds after recovering from sleep. Clock (K) must also meet cycle, high, and low times during these periods. Two cycles prior to sleep, initiation of either a read or write operation is not allowed. No READ/WRITE: During the period of time just prior to sleep and during recovery from sleep, the assertion of either ADSC, ADSP, or any write signal is not allowed. If a write operation occurs during these periods, the memory array may be corrupted. Validity of data out from the RAM can not be guaranteed immediately after ZZ is asserted (prior to being in sleep). Sleep Mode: The RAM automatically deselects itself. The RAM disconnects its internal clock buffer. The external clock may continue to run without impacting the RAMs sleep current (IZZ). All inputs are allowed to toggle -- the RAM will not be selected and perform any reads or writes. However, if inputs toggle, the IZZ (max) specification will not be met. NON-BURST SYNCHRONOUS OPERATION Although this BurstRAM has been designed for PowerPC -- and other high end MPU-based systems, these SRAMs can be used in other high speed L2 cache or memory applications that do not require the burst address feature. Most L2 caches designed with a synchronous interface can make use of the MCM63F733A. The burst counter feature of the BurstRAM can be disabled, and the SRAM can be configured to act upon a continuous stream of addresses. See Figure 5. CONTROL PIN TIE VALUES EXAMPLE (H VIH, L VIL)
Non-Burst Sync Non-Burst, Pipelined SRAM ADSP H ADSC L ADV H SE1 L SE2 H LBO X
NOTE: Although X is specified in the table as a don't care, the pin must be tied either high or low.
K
ADDR
A
B
C
D
E
F
G
H
SE3
W
G
DQ
Q(A)
Q(B)
Q(C)
Q(D)
D(E)
D(F)
D(G)
D(H)
READS
WRITES
Figure 5. Example Configuration as Non-Burst Synchronous SRAM
ORDERING INFORMATION
(Order by Full Part Number) MCM
Motorola Memory Prefix Part Number
63F733A XX
X
X
Blank = Trays, R = Tape and Reel Speed (10 = 10 ns, 11 = 11 ns) Package (TQ = TQFP)
Full Part Numbers -- MCM63F733ATQ10 MCM63F733ATQ10R
MCM63F733ATQ11 MCM63F733ATQ11R
MCM63F733A 14
MOTOROLA FAST SRAM
PACKAGE DIMENSIONS
TQ PACKAGE 100-PIN TQFP CASE 983A-01
4X
0.20 (0.008) H A-B D
2X 30 TIPS
e 0.20 (0.008) C A-B D e/2
-D-
80 81 51 50
B E/2 B VIEW Y E1 E E1/2
BASE METAL PLATING
-X- X=A, B, OR D
-A-
-B-
b1 c
1
30
D1/2 D1 D
2X 20 TIPS
D/2
0.13 (0.005)
0.20 (0.008) C A-B D
A -H- -C-
SEATING PLANE
q
2
0.10 (0.004) C
q
3 VIEW AB
0.05 (0.002)
S
S
q
1 0.25 (0.010)
GAGE PLANE
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DATUM PLANE -H- IS LOCATED AT BOTTOM OF LEAD AND IS COINCIDENT WITH THE LEAD WHERE THE LEAD EXITS THE PLASTIC BODY AT THE BOTTOM OF THE PARTING LINE. 4. DATUMS -A-, -B- AND -D- TO BE DETERMINED AT DATUM PLANE -H-. 5. DIMENSIONS D AND E TO BE DETERMINED AT SEATING PLANE -C-. 6. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 (0.010) PER SIDE. DIMENSIONS D1 AND B1 DO INCLUDE MOLD MISMATCH AND ARE DETERMINED AT DATUM PLANE -H-. 7. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION. DAMBAR PROTRUSION SHALL NOT CAUSE THE b DIMENSION TO EXCEED 0.45 (0.018). DIM A A1 A2 b b1 c c1 D D1 E E1 e L L1 L2 S R1 R2
q q q q
A2
R2
A1
R1
L2 L L1 VIEW AB
q
1 2 3
MOTOROLA FAST SRAM
CEE E CCCC ECCC EE
b
M MILLIMETERS MIN MAX --- 1.60 0.05 0.15 1.35 1.45 0.22 0.38 0.22 0.33 0.09 0.20 0.09 0.16 22.00 BSC 20.00 BSC 16.00 BSC 14.00 BSC 0.65 BSC 0.45 0.75 1.00 REF 0.50 REF 0.20 --- 0.08 --- 0.08 0.20 0_ 7_ 0_ --- 11 _ 13 _ 11 _ 13 _
100
31
c1
C A-B
S
D
S
SECTION B-B
INCHES MIN MAX --- 0.063 0.002 0.006 0.053 0.057 0.009 0.015 0.009 0.013 0.004 0.008 0.004 0.006 0.866 BSC 0.787 BSC 0.630 BSC 0.551 BSC 0.026 BSC 0.018 0.030 0.039 REF 0.020 REF 0.008 --- 0.003 --- 0.003 0.008 0_ 7_ 0_ --- 11 _ 13 _ 11 _ 13 _
MCM63F733A 15
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado, 80217. 1-303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 141, 4-32-1 Nishi-Gotanda, Shagawa-ku, Tokyo, Japan. 03-5487-8488
MfaxTM : RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 - http://sps.motorola.com /mfax / HOME PAGE : http://motorola.com/sps / CUSTOMER FOCUS CENTER: 1-800-521-6274
MCM63F733A 16
MOTOROLAMCM63F733A/D FAST SRAM


▲Up To Search▲   

 
Price & Availability of MCM63F733ATQ11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X