Part Number Hot Search : 
DS200 TM6198 PE42723 MCT210 0603K BAS40S WS256 MB203LCD
Product Description
Full Text Search
 

To Download MAZU000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zener Diodes
MAZU000 Series
Silicon planar type
Unit : mm
For constant voltage, constant-current, waveform clipper and surge absorption circuit
K A
0.625
* S-mini type 2-pin package * High breakdown voltage zener diode
2
0.16 - 0.06
+ 0.1
1
Parameter Instanious forward current Total power dissipation*
Symbol IFRM Ptot Tj Tstg
Rating 200 150 150 -55 to +150
Unit mA mW C C
0.4 0.1 1.7 0.1 2.5 0.2 0.4 0.1
Junction temperature Storage temperature
Note) * : With a printed-circuit board
1 : Cathode 2 : Anode S-Mini Type Package (2-pin)
I Common Electrical Characteristics Ta = 25C*1
Parameter Forward voltage Zener voltage*2 Reverse current Temperature coefficient of zener voltage Symbol VF VZ IR SZ IF = 10 mA IZ ****************** Specified value VR *************** Specified value IZ ****************** Specified value Conditions Min Typ Max 1.2 Refer to the list of the electrical characteristics within part numbers Unit V V A mW/C
Note) 1. Test method according to the JIS C7031 testing 2 Rated input/output frequency: 5 MHz 2 *1 : The VZ value is for the temperature of 25C. In other cases, carry out the temperature compensation. *2 : Guaranteed at 20 ms after power application.
0.7 0.1
I Absolute Maximum Ratings Ta = 25C
1.25 0.1
I Features
0.5 0.1
0.3
1
MAZU000 Series
I Electrical characteristics within part numbers Ta = 25C
Zener voltage Part Number Min (V) 180 190 210 220 230 240 250 260 270 280 290 300 310 320 330 340 VZ (V) Nom Max (V) (V) 190 200 220 230 240 250 260 270 280 290 300 310 320 330 340 350 200 210 240 230 240 270 250 260 270 300 280 290 300 330 310 320 330 360 340 350 360 IZ (mA) 0.1 0.1 Reverse current IR Max (A) 1 1 VR (V) 160 160 Typ (V/C) 0.22 0.31
Temperature coefficient of zener voltage
Zener Diodes
SZ IZ (mA) 0.1 0.1
Marking Symbol
MAZU190 MAZU200 MAZU200-L MAZU200-H MAZU220 MAZU220-L MAZU220-H MAZU240 MAZU240-L MAZU240-M MAZU240-H MAZU270 MAZU270-L MAZU270-M MAZU270-H MAZU300 MAZU300-L MAZU300-M MAZU300-H MAZU330 MAZU330-L MAZU330-M MAZU330-H
0.1
1
176
0.31
0.1
0.1
1
192
0.31
0.1
0.1
1
216
0.31
0.1
0.1
1
240
0.31
0.1
0.1
1
264
0.31
0.1
AZ AA or AB AA AB AC or AD AC AD AE or AF or AH AE AF AH AI or AK or AL AI AK AL AMor AN or AO AM AN AO APor AR or AS AP AR AS
IZ V Z
10
MAZU190 MAZU200 MAZU220 MAZU240 MAZU270 MAZU300 MAZU330
Ta = 25C
Zener current IZ (mA)
1
0.1
0.01
0.001 160
200
240
280
320
360
400
Zener voltage VZ (V)
2


▲Up To Search▲   

 
Price & Availability of MAZU000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X