Part Number Hot Search : 
100EL U3848B RM732LC4 BZX9736 HM9110B 20KW240A SMCJ58 25100
Product Description
Full Text Search
 

To Download IRFU3707 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 93934B
SMPS MOSFET
Applications l High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
l
IRFR3707 IRFU3707
HEXFET(R) Power MOSFET
VDSS
30V
RDS(on) max
13m
ID
61A
High Frequency Buck Converters for Computer Processor Power
Benefits
l l l
Ultra-Low RDS(on) Very Low Gate Impedance Fully Characterized Avalanche Voltage and Current
D-Pak IRFR3707 I-Pak IRFU3707
Absolute Maximum Ratings
Symbol
VDS VGS ID @ TC = 25C ID @ TC = 70C IDM PD @TC = 25C PD @TC = 70C TJ , TSTG
Parameter
Drain-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor Junction and Storage Temperature Range
Max.
30 20 61 51 244 87 61 0.59 -55 to + 175
Units
V V A W W mW/C C
Thermal Resistance
Parameter
RJC RJA RJA Junction-to-Case Junction-to-Ambient (PCB mount)* Junction-to-Ambient
Typ.
--- --- ---
Max.
1.73 50 110
Units
C/W
* When mounted on 1" square PCB (FR-4 or G-10 Material) . For recommended footprint and soldering techniques refer to application note #AN-994
Notes through are on page 9
www.irf.com
1
8/22/00
IRFR/U3707
Static @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient V(BR)DSS RDS(on) VGS(th) IDSS IGSS Min. 30 --- --- Static Drain-to-Source On-Resistance --- Gate Threshold Voltage 1.0 --- Drain-to-Source Leakage Current --- Gate-to-Source Forward Leakage --- Gate-to-Source Reverse Leakage --- Typ. --- 0.027 9.7 13.2 --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 13 VGS = 10V, ID = 15A m 17.5 VGS = 4.5V, ID = 12A 3.0 V VDS = VGS, ID = 250A 20 VDS = 24V, VGS = 0V A 100 VDS = 24V, VGS = 0V, TJ = 125C 200 VGS = 16V nA -200 VGS = -16V
Dynamic @ TJ = 25C (unless otherwise specified)
Symbol
gfs Qg Qgs Qgd Qoss td(on) tr td(off) tf Ciss Coss Crss Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Output Gate Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. 37 --- --- --- --- --- --- --- --- --- --- --- Typ. --- 19 8.2 6.3 18 8.5 78 11.8 3.3 1990 707 50 Max. Units Conditions --- S VDS = 15V, ID = 49.6A --- ID = 24.8A --- nC VDS = 15V --- VGS = 4.5V 27 VGS = 0V, VDS = 15V --- VDD = 15V --- ID = 24.8A ns --- RG = 1.8 --- VGS = 4.5V --- VGS = 0V --- VDS = 15V --- pF = 1.0MHz
Avalanche Characteristics
Symbol
EAS IAR
Parameter
Single Pulse Avalanche Energy Avalanche Current
Typ.
--- ---
Max.
213 61
Units
mJ A
Diode Characteristics
Symbol
IS
ISM
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Reverse Reverse Reverse Recovery Recovery Recovery Recovery Time Charge Time Charge
Min. Typ. Max. Units --- --- --- --- --- --- --- --- --- 61 A --- 0.88 0.8 39 49 42 62 244 1.3 --- 59 74 63 93 V ns nC ns nC
VSD trr Qrr trr Qrr
Conditions D MOSFET symbol showing the G integral reverse S p-n junction diode. TJ = 25C, IS = 31A, VGS = 0V TJ = 125C, I S = 31A, VGS = 0V TJ = 25C, I F = 31A, VR=20V di/dt = 100A/s TJ = 125C, IF = 31A, VR=20V di/dt = 100A/s
2
www.irf.com
IRFR/U3707
1000
VGS 10.0V 9.0V 8.0V 7.0V 6.0V 5.0V 4.5V BOTTOM 3.5V TOP
1000
VGS 10.0V 9.0V 8.0V 7.0V 6.0V 5.0V 4.5V BOTTOM 3.5V TOP
100
ID, Drain-to-Source Current (A)
ID , Drain-to-Source Current (A)
100
3.5V
10
3.5V
10
20s PULSE WIDTH Tj = 25C
1 0.1 1 10 100
20s PULSE WIDTH Tj = 175C
1 0.1 1 10 100
VDS , Drain-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.5
TJ = 25 C
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = 61A
I D , Drain-to-Source Current (A)
2.0
TJ = 175 C
1.5
100
1.0
0.5
10 3.0
V DS = 15V 20s PULSE WIDTH 6.0 7.0 4.0 5.0 8.0
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFR/U3707
3000
2500
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
10
ID = 24.8A
8
VDS = 15V
C, Capacitance (pF)
2000
Ciss
6
1500
1000
C oss
4
2
500
C rss
0 1 10 100 0 0 10 20 30 40
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY R
DS(on)
100
I D , Drain Current (A)
TJ = 175 C
10us
100
10
100us
TJ = 25 C
1
10
1ms
0.1 0.2
V GS = 0 V
0.6 1.0 1.4 1.8
1
TC = 25 C TJ = 175 C Single Pulse
1 10
10ms
100
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFR/U3707
70
VDS
RD
LIMITED BY PACKAGE
60
VGS RG
D.U.T.
+
I D , Drain Current (A)
50 40 30
-VDD
10V
Pulse Width 1 s Duty Factor 0.1 %
Fig 10a. Switching Time Test Circuit
20
VDS
10 0 25 50 75 100 125 150 175
90%
TC , Case Temperature ( C)
10% VGS
Fig 9. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1
D = 0.50 0.20 0.10 0.05
0.1
0.02 0.01
SINGLE PULSE (THERMAL RESPONSE)
0.01 0.00001
Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.1 0.0001 0.001 0.01 1
PDM t1 t2
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRFR/U3707
R DS ( on ) , Drain-to-Source On Resistance ( )
R DS(on) , Drain-to -Source On Resistance ( )
0.10 0.09 0.08 0.07 0.06 0.05 0.04 0.03 0.02 0.01 0.00 0 50 100 150 200 250 ID , Drain Current ( A ) VGS = 10V VGS = 4.5V
0.013
0.012
0.011
ID = 31A
0.010
0.009 4.0 5.0 6.0 7.0 8.0 9.0 10.0
VGS, Gate -to -Source Voltage (V)
Fig 12. On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
Fig 13. On-Resistance Vs. Gate Voltage
50K 12V .2F .3F
VGS
QGS
D.U.T. + V - DS
QG QGD
600
VG
EAS , Single Pulse Avalanche Energy (mJ)
VGS
3mA
Charge
IG ID
500
ID 10.1A 20.7A BOTTOM 24.8A TOP
Current Sampling Resistors
400
Fig 14a&b. Basic Gate Charge Test Circuit and Waveforms
300
200
15V
V (B R )D S S tp VD S L DRIVER
100
RG
20 V
D.U .T IA S
+ - VD D
0 25 50 75 100 125 150 175
A
IAS
tp
0.0 1
Starting TJ , Junction Temperature ( C)
Fig 15a&b. Unclamped Inductive Test Circuit and Waveforms
Fig 15c. Maximum Avalanche Energy Vs. Drain Current
6
www.irf.com
IRFR/U3707
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
6 .7 3 (.2 6 5 ) 6 .3 5 (.2 5 0 ) -A5 .4 6 (.2 1 5 ) 5 .2 1 (.2 0 5 ) 4 1 .2 7 (.0 5 0 ) 0 .8 8 (.0 3 5 )
2 .3 8 (.0 9 4 ) 2 .1 9 (.0 8 6 )
1 .1 4 (.0 4 5 ) 0 .8 9 (.0 3 5 ) 0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 )
6 .4 5 (.2 4 5 ) 5 .6 8 (.2 2 4 ) 6 .2 2 (.2 4 5 ) 5 .9 7 (.2 3 5 ) 1.0 2 (.0 4 0 ) 1.6 4 (.0 2 5 ) 1 2 3 0 .5 1 (.0 2 0 ) M IN . 1 0 .4 2 (.4 1 0 ) 9 .4 0 (.3 7 0 )
L E A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - S OU R CE 4 - D R A IN
-B 1 .5 2 (.0 6 0 ) 1 .1 5 (.0 4 5 ) 1 .1 4 (.0 4 5 ) 0 .7 6 (.0 3 0 ) 2 .2 8 ( .0 9 0 ) 4 .5 7 ( .1 8 0 ) 0 .8 9 (.0 3 5 ) 3X 0 .6 4 (.0 2 5 ) 0 .2 5 ( .0 1 0 ) M AMB N O TE S :
2X
0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 )
1 D IM E N S IO N IN G & T O L E R A N C IN G P E R A N S I Y 1 4 .5 M , 1 9 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 C O N F O R M S T O J E D E C O U T L IN E T O -2 5 2 A A . 4 D IM E N S IO N S S H O W N A R E B E F O R E S O L D E R D IP , S O L D E R D IP M A X. + 0 .1 6 (.0 0 6 ) .
D-Pak (TO-252AA) Part Marking Information
www.irf.com
7
IRFR/U3707
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
6 .7 3 (.26 5 ) 6 .3 5 (.25 0 ) -A 5 .4 6 (.2 1 5 ) 5 .2 1 (.2 0 5 ) 4 1 .2 7 ( .0 5 0 ) 0 .8 8 ( .0 3 5 )
2 .3 8 (.0 9 4 ) 2 .1 9 (.0 8 6 ) 0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 ) L E A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - SOURCE 4 - D R A IN
6 .4 5 (.2 4 5 ) 5 .6 8 (.2 2 4 ) 1 .5 2 (.0 6 0 ) 1 .1 5 (.0 4 5 ) 1 -B 2.2 8 (.0 9 0) 1.9 1 (.0 7 5) 9 .6 5 ( .3 8 0 ) 8 .8 9 ( .3 5 0 ) 2 3 6 .2 2 ( .2 4 5 ) 5 .9 7 ( .2 3 5 )
N O TE S : 1 D IM E N S IO N IN G & TO L E R A N C IN G P E R A N S I Y 1 4 .5M , 19 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 C O N F O R MS TO J E D E C O U T L IN E TO -2 5 2 A A . 4 D IM E N S IO N S S H O W N A R E B E F O R E S O L D E R D IP , S O L D E R D IP M A X. + 0.1 6 (.0 0 6 ).
3X
1 .1 4 (.0 45 ) 0 .7 6 (.0 30 )
3X
0 .8 9 (.0 35 ) 0 .6 4 (.0 25 ) M AMB
1 .1 4 ( .0 4 5 ) 0 .8 9 ( .0 3 5 ) 0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 )
2 .28 (.0 9 0 ) 2X
0 .2 5 (.0 1 0 )
I-Pak (TO-251AA) Part Marking Information
8
www.irf.com
IRFR/U3707
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR TRR TR L
1 6 .3 ( .6 4 1 ) 1 5 .7 ( .6 1 9 )
1 6 .3 ( .64 1 ) 1 5 .7 ( .61 9 )
1 2 .1 ( .4 7 6 ) 1 1 .9 ( .4 6 9 )
FE E D D IR E C TIO N
8 .1 ( .3 18 ) 7 .9 ( .3 12 )
FE E D D IR E C T IO N
N O T ES : 1 . C O N T R O L L IN G D IM EN S IO N : M IL L IM ET E R . 2 . AL L D IM EN SIO N S AR E SH O W N IN M IL L IM ET E R S ( IN C H E S ). 3 . O U TL IN E C O N F O R M S T O E IA -4 81 & E IA -54 1 .
1 3 IN C H
16 m m N O T ES : 1 . O U TL IN E C O N F O R M S T O E IA-4 8 1 .
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 300s; duty cycle 2%. Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 30A
Starting TJ = 25C, L = 0.7 mH
RG = 25, IAS = 24.8 A.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936 Data and specifications subject to change without notice. 8/00
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of IRFU3707

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X