|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PD - 93936A SMPS MOSFET IRFR3706 IRFU3706 HEXFET(R) Power MOSFET Applications l High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use l High Frequency Buck Converters for Computer Processor Power Benefits l l l VDSS 20V RDS(on) max 9.0m ID 75A Ultra-Low Gate Impedance Very Low RDS(on) at 4.5V VGS Fully Characterized Avalanche Voltage and Current D-Pak IRFR3706 I-Pak IRFU3706 Absolute Maximum Ratings Symbol VDS VGS ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C PD @TC = 100C TJ , TSTG Parameter Drain-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor Junction and Storage Temperature Range Max. 20 12 75 53 280 88 44 0.59 -55 to + 175 Units V V A W W mW/C C Thermal Resistance Parameter RJC RJA RJA Junction-to-Case Junction-to-Ambient (PCB mount)* Junction-to-Ambient Typ. --- --- --- Max. 1.7 50 110 Units C/W * When mounted on 1" square PCB (FR-4 or G-10 Material) . For recommended footprint and soldering techniques refer to application note #AN-994 Notes through are on page 10 www.irf.com 1 7/6/00 IRFR/U3706 Static @ TJ = 25C (unless otherwise specified) Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient V(BR)DSS RDS(on) VGS(th) IDSS IGSS Static Drain-to-Source On-Resistance Gate Threshold Voltage Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Min. 20 --- --- --- --- 0.6 --- --- --- --- Typ. --- 0.021 6.9 8.1 11.5 --- --- --- --- --- Max. Units --- V --- V/C 9.0 11 m 23 2.0 V 20 A 100 200 nA -200 Conditions VGS = 0V, ID = 250A Reference to 25C, ID = 1mA VGS = 10V, ID = 36A VGS = 4.5V, ID = 28A VGS = 2.8V, ID = 18A VDS = VGS, ID = 250A VDS = 16V, VGS = 0V VDS = 16V, VGS = 0V, T J = 125C VGS = 12V VGS = -12V Dynamic @ TJ = 25C (unless otherwise specified) Symbol gfs Qg Qgs Qgd Qoss td(on) tr td(off) tf Ciss Coss Crss Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Output Gate Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. 53 --- --- --- --- --- --- --- --- --- --- --- Typ. --- 23 8.0 5.5 16 6.8 87 17 4.8 2410 1070 140 Max. Units Conditions --- S VDS = 16V, ID = 57A 35 ID = 28A 12 nC VDS = 10V 8.3 VGS = 4.5V 24 VGS = 0V, VDS = 10V --- VDD = 10V --- ID = 28A ns --- RG = 1.8 --- VGS = 4.5V --- VGS = 0V --- VDS = 10V --- pF = 1.0MHz Avalanche Characteristics Symbol EAS IAR Parameter Single Pulse Avalanche Energy Avalanche Current Typ. --- --- Max. 220 28 Units mJ A Diode Characteristics Symbol IS ISM Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Reverse Reverse Reverse Recovery Time Recovery Charge Recovery Time Recovery Charge Min. Typ. Max. Units --- --- --- --- --- --- --- --- --- --- 0.88 0.82 45 65 49 78 75 A 280 1.3 --- 68 98 74 120 V ns nC ns nC VSD trr Qrr trr Qrr Conditions D MOSFET symbol showing the G integral reverse S p-n junction diode. TJ = 25C, IS = 36A, VGS = 0V TJ = 125C, I S = 36A, VGS = 0V TJ = 25C, I F = 36A, VR=20V di/dt = 100A/s TJ = 125C, IF = 36A, VR=20V di/dt = 100A/s 2 www.irf.com IRFR/U3706 1000 VGS 10V 4.5V 3.7V 3.5V 3.3V 3.0V 2.7V BOTTOM 2.5V TOP 1000 I D , Drain-to-Source Current (A) 100 I D , Drain-to-Source Current (A) VGS 10V 4.5V 3.7V 3.5V 3.3V 3.0V 2.7V BOTTOM 2.5V TOP 100 2.5V 2.5V 10 0.1 20s PULSE WIDTH TJ = 25 C 1 10 100 10 0.1 20s PULSE WIDTH TJ = 175 C 1 10 100 VDS , Drain-to-Source Voltage (V) VDS , Drain-to-Source Voltage (V) Fig 1. Typical Output Characteristics Fig 2. Typical Output Characteristics 1000 2.0 ID = 71A R DS(on) , Drain-to-Source On Resistance (Normalized) I D , Drain-to-Source Current (A) TJ = 25 C TJ = 175 C 1.5 100 1.0 0.5 10 2.5 V DS = 15V 20s PULSE WIDTH 3.5 4.5 5.5 6.5 0.0 -60 -40 -20 VGS = 10V 0 20 40 60 80 100 120 140 160 180 VGS , Gate-to-Source Voltage (V) TJ , Junction Temperature ( C) Fig 3. Typical Transfer Characteristics Fig 4. Normalized On-Resistance Vs. Temperature www.irf.com 3 IRFR/U3706 100000 10 VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + Cgd ds ID = 28A VDS = 16V VDS = 10V VGS , Gate-to-Source Voltage (V) 8 10000 C, Capacitance(pF) Ciss 1000 6 Coss 4 100 Crss 2 10 1 10 100 0 0 10 20 30 40 50 VDS , Drain-to-Source Voltage (V) QG , Total Gate Charge (nC) Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage 1000 1000 ISD , Reverse Drain Current (A) OPERATION IN THIS AREA LIMITED BY RDS(on) 10us 100 TJ = 175 C I D , Drain Current (A) 100 100us 10 1ms 10 10ms TJ = 25 C 1 0.1 0.2 V GS = 0 V 0.6 1.0 1.4 1.8 1 1 TC = 25 C TJ = 175 C Single Pulse 10 100 VSD ,Source-to-Drain Voltage (V) VDS , Drain-to-Source Voltage (V) Fig 7. Typical Source-Drain Diode Forward Voltage Fig 8. Maximum Safe Operating Area 4 www.irf.com IRFR/U3706 80 LIMITED BY PACKAGE VDS VGS RD D.U.T. + I D , Drain Current (A) 60 RG -VDD 4.5V 40 Pulse Width 1 s Duty Factor 0.1 % Fig 10a. Switching Time Test Circuit 20 VDS 90% 0 25 50 75 100 125 150 175 TC , Case Temperature ( C) 10% VGS Fig 9. Maximum Drain Current Vs. Case Temperature td(on) tr t d(off) tf Fig 10b. Switching Time Waveforms 10 Thermal Response (Z thJC ) 1 D = 0.50 0.20 0.10 0.05 P DM SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 0.1 0.02 0.01 0.01 0.00001 t1 , Rectangular Pulse Duration (sec) Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case www.irf.com 5 IRFR/U3706 1 5V 500 EAS , Single Pulse Avalanche Energy (mJ) TOP 400 VDS L D R IV E R BOTTOM ID 12A 24A 28A RG 20V tp D .U .T IA S + V - DD 300 A 0 .0 1 200 Fig 12a. Unclamped Inductive Test Circuit 100 V (B R )D SS tp 0 25 50 75 100 125 150 175 Starting TJ , Junction Temperature ( C) IAS Fig 12c. Maximum Avalanche Energy Vs. Drain Current Fig 12b. Unclamped Inductive Waveforms Current Regulator Same Type as D.U.T. QG 50K 12V .2F .3F 4.5 V QGS VG QGD D.U.T. VGS 3mA + V - DS Charge IG ID Current Sampling Resistors Fig 13a. Basic Gate Charge Waveform Fig 13b. Gate Charge Test Circuit 6 www.irf.com IRFR/U3706 Peak Diode Recovery dv/dt Test Circuit D.U.T + + Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer - + RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test + VDD Driver Gate Drive P.W. Period D= P.W. Period VGS=10V * D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt VDD Re-Applied Voltage Inductor Curent Body Diode Forward Drop Ripple 5% ISD * VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFET(R) Power MOSFETs www.irf.com 7 IRFR/U3706 D-Pak (TO-252AA) Package Outline Dimensions are shown in millimeters (inches) 6 .7 3 (.2 6 5 ) 6 .3 5 (.2 5 0 ) -A5 .4 6 (.2 1 5 ) 5 .2 1 (.2 0 5 ) 4 1 .2 7 (.0 5 0 ) 0 .8 8 (.0 3 5 ) 2 .3 8 (.0 9 4 ) 2 .1 9 (.0 8 6 ) 1 .1 4 (.0 4 5 ) 0 .8 9 (.0 3 5 ) 0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 ) 6 .4 5 (.2 4 5 ) 5 .6 8 (.2 2 4 ) 6 .2 2 (.2 4 5 ) 5 .9 7 (.2 3 5 ) 1.0 2 (.0 4 0 ) 1.6 4 (.0 2 5 ) 1 2 3 0 .5 1 (.0 2 0 ) M IN . 1 0 .4 2 (.4 1 0 ) 9 .4 0 (.3 7 0 ) L E A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - S OU R CE 4 - D R A IN -B 1 .5 2 (.0 6 0 ) 1 .1 5 (.0 4 5 ) 1 .1 4 (.0 4 5 ) 0 .7 6 (.0 3 0 ) 2 .2 8 ( .0 9 0 ) 4 .5 7 ( .1 8 0 ) 0 .8 9 (.0 3 5 ) 3X 0 .6 4 (.0 2 5 ) 0 .2 5 ( .0 1 0 ) M AMB N O TE S : 2X 0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 ) 1 D IM E N S IO N IN G & T O L E R A N C IN G P E R A N S I Y 1 4 .5 M , 1 9 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 C O N F O R M S T O J E D E C O U T L IN E T O -2 5 2 A A . 4 D IM E N S IO N S S H O W N A R E B E F O R E S O L D E R D IP , S O L D E R D IP M A X. + 0 .1 6 (.0 0 6 ) . D-Pak (TO-252AA) Part Marking Information 8 www.irf.com IRFR/U3706 I-Pak (TO-251AA) Package Outline Dimensions are shown in millimeters (inches) 6 .7 3 (.26 5 ) 6 .3 5 (.25 0 ) -A 5 .4 6 (.2 1 5 ) 5 .2 1 (.2 0 5 ) 4 1 .2 7 ( .0 5 0 ) 0 .8 8 ( .0 3 5 ) 2 .3 8 (.0 9 4 ) 2 .1 9 (.0 8 6 ) 0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 ) L E A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - SOURCE 4 - D R A IN 6 .4 5 (.2 4 5 ) 5 .6 8 (.2 2 4 ) 1 .5 2 (.0 6 0 ) 1 .1 5 (.0 4 5 ) 1 -B 2.2 8 (.0 9 0) 1.9 1 (.0 7 5) 9 .6 5 ( .3 8 0 ) 8 .8 9 ( .3 5 0 ) 2 3 6 .2 2 ( .2 4 5 ) 5 .9 7 ( .2 3 5 ) N O TE S : 1 D IM E N S IO N IN G & TO L E R A N C IN G P E R A N S I Y 1 4 .5M , 19 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 C O N F O R MS TO J E D E C O U T L IN E TO -2 5 2 A A . 4 D IM E N S IO N S S H O W N A R E B E F O R E S O L D E R D IP , S O L D E R D IP M A X. + 0.1 6 (.0 0 6 ). 3X 1 .1 4 (.0 45 ) 0 .7 6 (.0 30 ) 3X 0 .8 9 (.0 35 ) 0 .6 4 (.0 25 ) M AMB 1 .1 4 ( .0 4 5 ) 0 .8 9 ( .0 3 5 ) 0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 ) 2 .28 (.0 9 0 ) 2X 0 .2 5 (.0 1 0 ) I-Pak (TO-251AA) Part Marking Information www.irf.com 9 IRFR/U3706 D-Pak (TO-252AA) Tape & Reel Information Dimensions are shown in millimeters (inches) TR TRR TR L 1 6 .3 ( .6 4 1 ) 1 5 .7 ( .6 1 9 ) 1 6 .3 ( .64 1 ) 1 5 .7 ( .61 9 ) 1 2 .1 ( .4 7 6 ) 1 1 .9 ( .4 6 9 ) FE E D D IR E C TIO N 8 .1 ( .3 18 ) 7 .9 ( .3 12 ) FE E D D IR E C T IO N N O T ES : 1 . C O N T R O L L IN G D IM EN S IO N : M IL L IM ET E R . 2 . AL L D IM EN SIO N S AR E SH O W N IN M IL L IM ET E R S ( IN C H E S ). 3 . O U TL IN E C O N F O R M S T O E IA -4 81 & E IA -54 1 . 1 3 IN C H 16 m m N O T ES : 1 . O U TL IN E C O N F O R M S T O E IA-4 8 1 . Notes: Repetitive rating; pulse width limited by max. junction temperature. Pulse width 400s; duty cycle 2%. Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 30A. Starting TJ = 25C, L = 0.54mH RG = 25, IAS = 28A. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105IR EUROPEAN REGIONAL CENTER: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936 Data and specifications subject to change without notice. 7/00 10 www.irf.com |
Price & Availability of IRFU3706 |