Part Number Hot Search : 
1N4762A FN521 BCR8PM 12CTQ045 74AC74B 32000 AD7224TE SGM8291
Product Description
Full Text Search
 

To Download IRFRU4105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 91302C
IRFR/U4105
HEXFET(R) Power MOSFET
l l l l l
Ultra Low On-Resistance Surface Mount (IRFR4105) Straight Lead (IRFU4105) Fast Switching Fully Avalanche Rated
D
VDSS = 55V
G S
RDS(on) = 0.045 ID = 27A
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications. The D-PAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight lead version (IRFU series) is for throughhole mounting applications. Power dissipation levels up to 1.5 watts are possible in typical surface mount applications.
D -P A K T O -252 A A
I-P A K T O -25 1A A
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
27 19 100 68 0.45 20 65 16 6.8 5.0 -55 to + 175 300 (1.6mm from case )
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA RJA Junction-to-Case Junction-to-Ambient (PCB mount) ** Junction-to-Ambient
Typ.
--- --- ---
Max.
2.2 50 110
Units
C/W
www.irf.com
1
5/11/98
IRFR/U4105
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. Typ. Max. Units Conditions 55 --- --- V V GS = 0V, ID = 250A --- 0.052 --- V/C Reference to 25C, ID = 1mA --- --- 0.045 VGS = 10V, ID = 16A 2.0 --- 4.0 V VDS = VGS, ID = 250A 6.5 --- --- S VDS = 25V, ID = 16A --- --- 25 VDS = 55V, VGS = 0V A --- --- 250 VDS = 44V, VGS = 0V, TJ = 150C --- --- 100 VGS = 20V nA --- --- -100 V GS = -20V --- --- 34 ID = 16A --- --- 6.8 nC VDS = 44V --- --- 14 VGS = 10V, See Fig. 6 and 13 --- 7.0 --- VDD = 28V --- 49 --- ID = 16A ns --- 31 --- RG = 18 --- 40 --- RD = 1.8, See Fig. 10 Between lead, --- 4.5 --- nH 6mm (0.25in.) G from package --- 7.5 --- and center of die contact --- 700 --- VGS = 0V --- 240 --- pF VDS = 25V --- 100 --- = 1.0MHz, See Fig. 5
D
S
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 27 showing the A G integral reverse --- --- 100 p-n junction diode. S --- --- 1.6 V TJ = 25C, IS = 16A, VGS = 0V --- 57 86 ns TJ = 25C, IF = 16A --- 130 200 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 ) VDD = 25V, starting TJ = 25C, L = 410H RG = 25, IAS = 16A. (See Figure 12)
Pulse width 300s; duty cycle 2% Calculated continuous current based on maximum allowable junction This is applied for I-PAK, Ls of D-PAK is measured between lead and
center of die contact temperature; Package limitation current = 20A
ISD 16A, di/dt 420A/s, VDD V(BR)DSS,
TJ 175C
Uses IRFZ34N data and test conditions
** When mounted on 1" square PCB (FR-4 or G-10 Material ) . For recommended footprint and soldering techniques refer to application note #AN-994
2
www.irf.com
IRFR/U4105
1000
I , Drain-to-S ource C urrent (A ) D
I , D rain-to-Source Current (A ) D
100
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1000
100
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
10
10
4.5 V
4.5 V
1
1
0.1 0.1 1
2 0 s P U L S E W ID TH T C = 25 C
10 100
A
0.1 0.1 1
20 s P U LS E W ID TH T C = 1 75 C
10 100
A
V DS , D rain-to-S ource V oltage (V )
V DS , D rain-to-S ource V oltage (V )
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.4
R D S (on) , D rain-to-Source O n Resistance (Norm alized)
I D = 2 6A
I D , D rain-to -So urc e C urre nt (A )
2.0
TJ = 2 5 C TJ = 1 7 5C
1.6
10
1.2
0.8
0.4
tion
1 4 5 6 7
V DS = 25V 2 0 s P U LS E W ID TH
8 9 10
A
0.0 -60 -40 -20 0 20 40 60 80
V G S = 1 0V
100 120 140 160 180
A
V G S , G ate-to-So urce Vo ltag e (V)
T J , Junction T em perature (C )
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFR/U4105
1200
20
1000
800
C o ss
600
V G S , G ate-to-S ourc e V oltage (V )
V GS C is s C rs s C iss C o s s
= = = =
0V, f = 1MHz C g s + C g d , C d s S H O R TE D C gd C ds + C gd
I D = 16 A V DS = 44V V DS = 28V
16
C , Capacitance (pF)
12
8
400
C rss
200
4
0 1 10 100
A
0 0 10 20
FO R TE S T C IR C U IT S E E F IG U R E 1 3
30 40
A
V D S , D rain-to-S ourc e V oltage (V )
Q G , T otal G ate C h arge (n C )
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
I S D , Reverse D rain C urrent (A)
O P E R A TIO N IN TH IS A R E A L IM ITE D B Y R D S (o n)
100
I D , Drain C urrent (A )
100 10 s
TJ = 17 5C TJ = 25 C
100 s 10 1m s
10
1 0.4 0.8 1.2 1.6
V G S = 0V
A
1 1
T C = 25 C T J = 17 5C S ing le P u lse
10 100
2.0
A
V S D , S ourc e-to-D rain V oltage (V )
V D S , D rain-to-S ource V oltage (V )
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFR/U4105
30
LIMITED BY PACKAGE
25
VDS VGS RG
RD
D.U.T.
+
I D , Drain Current (A)
20
-VDD
5.0V
15
Pulse Width 1 s Duty Factor 0.1 %
10
Fig 10a. Switching Time Test Circuit
VDS 90%
5
0 25 50 75 100 125 150 175
TC , Case Temperature ( C)
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1
D = 0.50 0.20 0.10 0.05 PDM SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC
0.1
0.02 0.01
0.01 0.00001
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFR/U4105
140
E AS , S ingle P ulse A valanc he Energy (m J )
TO P
120
1 5V
B O TTO M
100
ID 6 .5A 1 1A 16 A
VD S
L
D R IV E R
80
RG
10V tp
D .U .T
IA S
+ V - DD
60
A
0.0 1
40
Fig 12a. Unclamped Inductive Test Circuit
20
0 25
VDD = 25V
50 75 100 125 150
A
175
V (B R )D SS tp
S tarting T J , J unc tion T em perature (C )
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
5.0 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFR/U4105
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
www.irf.com
7
IRFR/U4105 Package Outline
TO-252AA Outline Dimensions are shown in millimeters (inches)
6 .7 3 (.2 6 5 ) 6 .3 5 (.2 5 0 ) -A5 .4 6 (.2 1 5 ) 5 .2 1 (.2 0 5 ) 4 6 .4 5 (.2 4 5 ) 5 .6 8 (.2 2 4 ) 6 .2 2 (.2 4 5 ) 5 .9 7 (.2 3 5 ) 1 .0 2 (.0 4 0 ) 1 .6 4 (.0 2 5 ) 1 2 3 -B 1 .5 2 (.0 6 0 ) 1 .1 5 (.0 4 5 ) 3X 1 .1 4 (.0 4 5 ) 2 X 0 .7 6 (.0 3 0 ) 2 .2 8 (.0 9 0 ) 4 .5 7 (.1 8 0 ) 0 .8 9 (.0 3 5 ) 0 .6 4 (.0 2 5 ) 0 .2 5 (.0 1 0 ) M AMB 0 .5 1 (.0 2 0 ) M IN . 1 0 .4 2 (.4 1 0 ) 9 .4 0 (.3 7 0 ) 1 .2 7 (.0 5 0 ) 0 .8 8 (.0 3 5 ) 2 .3 8 (.0 9 4 ) 2 .1 9 (.0 8 6 )
1 .1 4 (.0 4 5 ) 0 .8 9 (.0 3 5 ) 0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 )
L E A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - SOURCE 4 - D R A IN
0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 ) N O TE S : 1 D IM E N S IO N IN G & T O L E R A N C IN G P E R A N S I Y 1 4 .5 M , 1 9 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 C O N F O R M S T O J E D E C O U T L IN E T O -2 5 2 A A . 4 D IM E N S IO N S S H O W N A R E B E F O R E S O L D E R D IP , S O L D E R D IP M A X . + 0 .1 6 (.0 0 6 ).
Part Marking Information
TO-252AA (D-PARK)
E XA M P L E : T H IS IS A N IR F R 1 2 0 W IT H A S S E M B L Y LOT COD E 9U1P
IN T E R N A T IO N A L R E C T IF IE R LO GO
A
IR F R 120 9U 1P
F IR S T P O R T IO N OF PART NUMBER
ASS EMB LY LOT CODE
S E C O N D P O R TIO N OF PART NUMBER
8
www.irf.com
IRFR/U4105 Package Outline
TO-251AA Outline Dimensions are shown in millimeters (inches)
6 .7 3 (.2 6 5 ) 6 .3 5 (.2 5 0 ) -A 5 .4 6 (.2 1 5 ) 5 .2 1 (.2 0 5 ) 4 6 .4 5 (.2 4 5 ) 5 .6 8 (.2 2 4 ) 1 .2 7 (.0 5 0 ) 0 .8 8 (.0 3 5 ) 2 .3 8 (.0 9 4 ) 2 .1 9 (.0 8 6 ) 0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 ) L E A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - SOURCE 4 - D R A IN
1 .5 2 (.0 6 0 ) 1 .1 5 (.0 4 5 ) 1 -B 2 .2 8 (.0 9 0 ) 1 .9 1 (.0 7 5 ) 2 3
6 .2 2 (.2 4 5 ) 5 .9 7 (.2 3 5 )
9 .6 5 (.3 8 0 ) 8 .8 9 (.3 5 0 )
N O TE S : 1 D IM E N S IO N IN G & T O L E R A N C IN G P E R A N S I Y 1 4 .5 M , 1 9 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 C O N F O R M S T O J E D E C O U T L IN E T O -2 5 2 A A . 4 D IM E N S IO N S S H O W N A R E B E F O R E S O L D E R D IP , S O L D E R D IP M A X . + 0 .1 6 (.0 0 6 ).
3X
1 .1 4 (.0 4 5 ) 0 .7 6 (.0 3 0 )
3X
0 .8 9 (.0 3 5 ) 0 .6 4 (.0 2 5 ) M AMB
1 .1 4 (.0 4 5 ) 0 .8 9 (.0 3 5 ) 0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 )
2 .2 8 (.0 9 0 ) 2X
0 .2 5 (.0 1 0 )
Part Marking Information
TO-251AA (I-PARK)
E XA M P L E : TH IS IS A N IR F U 1 2 0 W IT H A S S E M B L Y LOT CODE 9U1P
IN TE R N A T IO N A L R E C TIF IE R LO G O
IR F U 12 0 9U 1P
F IR S T P O R TIO N OF PART NUMBER
AS SEMBLY LOT CODE
S E C O N D P O R TIO N OF PART NUM BER
www.irf.com
9
IRFR/U4105 Tape & Reel Information
TO-252AA
TR
TRR
TR L
1 6.3 ( .641 ) 1 5.7 ( .619 )
16.3 ( .64 1 ) 15.7 ( .61 9 )
12 .1 ( .4 76 ) 11 .9 ( .4 69 )
F E E D D IR E C T IO N
8 .1 ( .3 18 ) 7 .9 ( .3 12 )
F E E D D IR E C T IO N
NO T ES : 1. C O N T R O LL IN G D IM E N S IO N : M ILLIM E T E R . 2. A LL D IM E N S IO N S A R E S H O W N IN M ILL IM E T E R S ( IN C H E S ). 3. O U T L IN E C O N F O R M S T O E IA -4 81 & E IA -54 1.
13 IN C H
16 m m NOTES : 1. O U T LIN E C O N F O R M S T O E IA -481 .
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T 3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: 171 (K&H Bldg.) 30-4 Nishi-ikebukuro 3-chome, Toshima-ku, Tokyo Japan Tel: 81 33 983 0086 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 16907 Tel: 65 221 8371 Data and specifications subject to change without notice. 5/98
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFRU4105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X