Part Number Hot Search : 
1N581 40N60 123JM RGFZ10B 2SK225 KTLP350 SF68G 1765EPC
Product Description
Full Text Search
 

To Download HTL294MI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data Issued Date : 2000.12.21 Revised Date : 2001.03.08 Page No. : 1/3
HTL294MI
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HTL294MI is designed for high voltage low power switching applications especially for use in telephone and telecommunication circuits.
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature ..................................................................................... 150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ...................................................................................... 1 W * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ..................................................................................... -400 V VCEO Collector to Emitter Voltage .................................................................................. -400 V VEBO Emitter to Base Voltage ............................................................................................ -6 V IC Collector Current ...................................................................................................... -400 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO ICES IEBO *VCE(sat)1 *VCE(sat)2 *VCE(sat)3 *VBE(sat) *hFE1 *hFE2 *hFE3 fT Cob Min. -400 -400 -6 50 60 50 30 Typ. Max. -1 -10 -0.2 -200 -300 -1.2 -750 250 30 Unit V V V uA uA uA mV mV V mV Test Conditions IC=-100uA, IE=0 IC=-1mA, IB=0 IE=10uA VCB=-400V, IE=0 VCE=-400V, IE=0 VEB=-6V, IC=0 IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA IC=-80mA, IB=-4mA IC=-10mA, IB=-1mA VCE=-10V, IC=-1mA VCE=-10V, IC=-20mA VCE=-10V, IC=-80mA VCE=-20V, IE=-10mA, f=1MHz VCB=-20V, f=1MHz, IE=0
*Pulse Test : Pulse Width 380us, Duty Cycle2%
MHz pF
HTL294MI
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 100000
Spec. No. : Preliminary Data Issued Date : 2000.12.21 Revised Date : 2001.03.08 Page No. : 2/3
Saturation Voltage & Collector Current
100 hFE @ VCE=10V
Saturation Voltage (mV)
10000
hFE
1000 VCE(sat) @ IC=20IB 100 VCE(sat) @ IC=10IB
10
1 0.1 1 10 100 1000
10 1 10 100 1000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
10000 100
Capacitance & Reverse-Biased Voltage
Saturation Voltage (mV)
Cob
1000
Capacitance (pF)
1000
10
VBE(sat) @ IC=10IB
100 1 10 100
1 0.1 1 10 100
Collector Current-IC (mA)
Reverse Biased Voltage (V)
Safe Operating Area
10 1.2
Power Derating
PT=1mS
1
1 PT=100mS
PD(W) , Power Dissipation
100 1000
Collector Current-IC (A)
0.8
0.6
PT=1S 0.1
0.4
0.2
0.01 1 10
0 0 50
o
100
150
200
Forward Biased Voltage-VCE (V)
Ta( C) , Ambient Temperature
HTL294MI
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-251 Dimension
Marking :
HSMC Logo
Spec. No. : Preliminary Data Issued Date : 2000.12.21 Revised Date : 2001.03.08 Page No. : 3/3
A
B
C D
Part Number Date Code
H TL 294MI
Product Series
Ink Mark
F 3 I E K 2 1
G
Style : Pin 1.Base 2.Collector 3.Emitter
H
J
3-Lead TO-251 Plastic Package HSMC Package Code : I *:Typical
DIM A B C D E F
Inches Min. Max. 0.0177 0.0217 0.0354 0.0591 0.0177 0.0236 0.0866 0.0945 0.2520 0.2677 0.2677 0.2835
Millimeters Min. Max. 0.45 0.55 0.90 1.50 0.45 0.60 2.20 2.40 6.40 6.80 6.80 7.20
DIM G H I J K
Inches Min. Max. 0.2559 *0.1811 0.0354 0.0315 0.2047 0.2165
Millimeters Min. Max. 6.50 *4.60 0.90 0.80 5.20 5.50
Notes : 1.Dimension and tolerance based on our Spec. dated May. 24,1995.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931
HTL294MI
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HTL294MI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X