Part Number Hot Search : 
04365 S1202 BCR133W MM1665 X0405DE EUP9287 EZQAFDA 02070
Product Description
Full Text Search
 

To Download HTIP29C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6768 Issued Date : 1994.07.29 Revised Date : 2002.02.20 Page No. : 1/3
HTIP29C
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HTIP29C is designed for use in general purpose amplifier and switching applications.
Absolute Maximum Ratings (Ta=25C)
TO-220
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Tc=25C) ..................................................................................... 30 W Total Power Dissipation (Ta=25C) ....................................................................................... 2 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage..................................................................................... 100 V BVCEO Collector to Emitter Voltage.................................................................................. 100 V BVEBO Emitter to Base Voltage............................................................................................ 5 V IC Collector Current............................................................................................................... 1 A
Characteristics (Ta=25C)
Symbol BVCBO BVCEO ICES ICEO IEBO *VCE(sat) *VBE(on) *hFE1 *hFE2 fT Min. 100 100 40 15 3 Typ. Max. 200 300 1 0.7 1.3 75 Unit V V uA uA mA V V Test Conditions IC=1mA, IE=0 IC=30mA, IB=0 VCE=100V, IB=0 VCE=60V, IB=0 VEB=5V IC=1A, IB=125mA IC=1A, VCE=4V IC=0.2A, VCE=4V IC=1A, VCE=4V IC=0.2A, VCE=10V, f=1MHz
*Pulse Test: Pulse Width 380us, Duty Cycle2%
MHz
HTIP29C
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 hFE @ VCE=4V 1000 VCE(sat) @ IC=8IB
Spec. No. : HE6768 Issued Date : 1994.07.29 Revised Date : 2002.02.20 Page No. : 2/3
Saturation Voltage & Collector Current
Saturation Voltage (mV)
75 C 100 25 C 125 C
o o
o
hFE
125 C 100 25 C 75 C
o o
o
10 1 10 100 1000
10 1 10 100 1000
Collector Current IC (mA)
Collector Current-IC (mA)
ON Voltage & Collector Current
1000 25 C
o
Switching Time & Collector Current
10.0 VCC=30V, IC=10IB1=-10IB2
75 C
o
Switching Times (us).. .
ON Voltage (mV)
1.0
125 C VBE(ON) @ VCE=4V
o
Tstg
Ton Tf 100 1 10 100 1000 0.1 0.1 1.0 10.0
Collector Current-IC (mA)
Collector Current (A)
Capacitance & Reverse-Biased Voltage
1000 100000 PT=1ms PT=100ms
Safe Operating Area
Collector Current-IC (mA)
10000
Capacitance (pF)
PT=1s 1000
100
100
Cob 10 0.1 1 10 100 10 1 10 100 1000
Reverse-Biased Voltage (V)
Forward Voltage-VCE (V)
HTIP29C
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-220AB Dimension
Marking:
A D B E C
Date Code
Spec. No. : HE6768 Issued Date : 1994.07.29 Revised Date : 2002.02.20 Page No. : 3/3
H TIP 29C Control Code
H I G 4 P M 3 2 1 N K
Style: Pin 1.Base 2.Collector 3.Emitter
O
3-Lead TO-220AB Plastic Package HSMC Package Code: E *: Typical
DIM A B C D E G H
Inches Min. Max. 0.2197 0.2949 0.3299 0.3504 0.1732 0.185 0.0453 0.0547 0.0138 0.0236 0.3803 0.4047 *0.6398
Millimeters Min. Max. 5.58 7.49 8.38 8.90 4.40 4.70 1.15 1.39 0.35 0.60 9.66 10.28 *16.25
DIM I K M N O P
Inches Min. Max. *0.1508 0.0295 0.0374 0.0449 0.0551 *0.1000 0.5000 0.5618 0.5701 0.6248
Millimeters Min. Max. *3.83 0.75 0.95 1.14 1.40 *2.54 12.70 14.27 14.48 15.87
Notes: 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead : 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HTIP29C
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HTIP29C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X