Part Number Hot Search : 
16244 C114E BD911 SSTUAF MAX5106 00350 GPDN5113 ADUM5200
Product Description
Full Text Search
 

To Download FMMTL618 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
ISSUE 1 - NOVEMBER 1997 FEATURES Very low equivalent on-resistance; RCE(sat)=140m at 1.25A COMPLEMENTARY TYPE - PARTMARKING DETAIL - FMMTL718 L68
FMMTL618
C B
E
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Pulse Current Base Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO IC ICM IB Ptot Tj:Tstg VALUE 60 20 5 1.25 4 200 500 -55 to +150 UNIT V V V A A mA mW C
FMMTL618
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO MIN. 60 20 5 TYP. 105 30 8.5 10 10 10 18 80 130 170 260 1000 850 200 300 250 200 100 50 400 440 400 300 190 100 195 9 72 388 12 MHz pF ns ns 35 160 200 280 350 1100 1000 MAX. UNIT V V V nA nA nA mV mV mV mV mV mV mV CONDITIONS. IC=100A IC=10mA* IE=100A VCB=16V VEB=4V VCE=16V IC=100mA, IB=10mA* IC=500mA, IB=25mA* IC=1A, IB=100mA* IC=1.25A, IB=100mA* IC=2A, IB=200mA* IC=1.25A, IB=100mA* IC=1.25A, VCE=2V* IC=10mA, VCE=2V IC=200mA, VCE=2V* IC=500mA, VCE=2V* IC=1A, VCE=2V* IC=2A, VCE=2V* IC=3A, VCE=2V* IC=50mA, VCE=10V f=100MHz VCB=10V, f=1MHz IC=1A, VCC=10V IB1=-IB2=10mA
Collector Cut-Off Current ICBO Emitter Cut-Off Current IEBO VCE(sat) Collector Cut-Off Current ICES Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage Base-Emitter Turn On Voltage Static Forward Current Transfer Ratio
VBE(sat) VBE(on) hFE
Transition Frequency Collector-Base Breakdown Voltage Switching times
fT Cobo ton toff
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2%
FMMTL618
TYPICAL CHARACTERISTICS
+25C IC/IB=10
300m
300m
VCE(sat) - (V)
VCE(sat) - (V)
200m
IC/IB=10 IC/IB=20 IC/IB=50
200m
-55C +25C +100C
100m
100m
0 1mA
0 10mA 100mA 1A 10A 1m 10m 100m 1A 10A
IC - Collector Current (A)
IC - Collector Current (A)
VCE(sat) v IC
VCE(sat) v IC
600
VCE=2V
1.0 0.8
IC/IB=10
hFE - Typical Gain
VBE(sat) - (V)
0.6 0.4 0.2 0 1mA
-55C +25C +100C
300
+100C +25C -55C
0 1mA
10mA
100mA
1A
10A
10mA
100mA
1A
10A
IC - Collector Current (A)
IC - Collector Current (A)
hFE v IC
VBE(sat) v IC
1.0
VCE=2V
10A
0.8
IC - Collector Current (A)
VBE(on) - (V)
1A
DC 1s 100ms 10ms 1ms 100us
0.6
0.4 0.2 0 1mA
-55C +25C +100C
100m
10mA
100mA
1A
10A
10m 100m
1
10
100
IC - Collector Current (A)
VCE - Collector Emitter Voltage (V)
VBE(on) v IC
Safe Operating Area


▲Up To Search▲   

 
Price & Availability of FMMTL618

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X