Part Number Hot Search : 
TC74LC LM2931 FT37AR1 C900603 TL431 2SD1210 1N4001 21A08
Product Description
Full Text Search
 

To Download CS452GTVA5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CS452/453
CS452/453 2.4A/4.4A Injector Solenoid Driver
Description
The CS452/453 is a monolithic integrated circuit designed for medium current solenoid driver applications. Its typical function is to supply full battery voltage to fuel injector(s) for rapid current rise, in order to produce positive injector opening. When load current reaches a preset level (2.4A for CS452, or 4.4A for CS453), the injector driver reduces the load current by a 4:1 ratio and operates as a constant current source. This condition holds the injector open and reduces system power dissipation. Other solenoid or relay applications can be equally well served by the CS452/453. Two high impedance inputs are provided which permit a variety of control options and can be driven by TTL or CMOS logic.
Features
s Microprocessor Compatible Inputs s On-Chip Power Device 2.4A Peak, Typical CS-452 4.4A Peak, Typical CS453 s Low Thermal Resistance To Grounded Tab s 60V Peak Transient Voltage s Low Saturation Voltage s Operates Over a 4.5V to 24V Battery Range
Absolute Maximum Ratings Power Supply Voltage (VCC) .........................................................................24V VIN..........................................................................................................-6.0 to 24V Control ..................................................................................................-6.0 to 24V Peak Transient Voltage (46V Load Dump)..................................................60V Internal Regulator Current.........................................................................50mA Junction Temperature Range....................................................-40C to +150C Operating Temperature Range (Tab Temperature) ..............-40C to +125C Storage Temperature Range .....................................................-65C to +150C Lead Temperature Soldering Wave Solder (through hole styles only)...10 sec. max, 260C peak
Package Options
Typical Application Diagram 5 Lead TO-220
Tab (Gnd)
19kW
300W VBAT 4.5V to 24V (60V Transient) VCC IOUT OUT Injector
VIN
VIN
CS452/453
CONTROL 1kW Gnd 40VZ (max)
1
1 2 3 4 5
VIN CONTROL Gnd OUT VCC
Cherry Semiconductor Corporation 2000 South County Trail, East Greenwich, RI 02818 Tel: (401)885-3600 Fax: (401)885-5786 Email: info@cherry-semi.com Web Site: www.cherry-semi.com
Rev. 12/18/97
1
A
Company
CS452/453
Electrical Characteristics: VBAT= 12 VDC, TA = 25uC, test circuit of Test Circuit diagram, unless noted
CHARACTERISTIC MIN TYP MAX UNIT
Output Peak Current (Ipk) Output Sustaining Current (Isus) V(BR)CEO(sus) @ 1mA Output Voltage in Saturated Mode CS452 @ 1.5A CS453 @ 3.0A Internal Regulated Voltage Input OonO Threshold Voltage Input OoffO Threshold Voltage Input OonO Current @ VIN = 1.4VDC @ VIN = 5.0VDC CONTROL OonO Threshold Voltage CONTROL Current CONTROL = 0.8VDC CONTROL = 5.0VDC Input Turn On Delay (tl) Ipk sense to Isus delay (tp) CONTROL Signal Delay (tt)
CS452 CS453 CS452 CS453
1.7 3.6 0.50 0.95 42
2.4 4.4 0.60 1.12 50 1.2 1.6 6.9
2.9 5.2 0.70 1.25
A A A A V V V V
(@VCC, Test Circuit diagram) 0.7
1.4 1.3 35 220
2.0
V V A A
1.2
1.5 -5 1.0 0.5 60 15 1.0 0.2 0.4 0.6
1.8 -50 1.0
V A A s s s s s s
Input Turn Off from Saturated Mode Delay (ts) Input Turn Off from Sustain Mode Delay (td) Output Voltage Rise Time (tv) Output Current Fall Time (tf) 4.0A Package Lead Description
PACKAGE LEAD # LEAD SYMBOL
1.0
s
FUNCTION
TO-220 1 2 3 4 5
VIN CONTROL Gnd OUT VCC
Switches the injector driver on and off. Acts to disable OUT when high. Ground connection. Output Drive current. Supply voltage to IC. VCC is connected to VBAT through a series resistor (3001/2 typ.) Test Circuit
VBAT 300 W/2W
High S2 Low S1
1.2 VCC CONTROL
RL
Injector Load I
CS452/453
VIN OUT Gnd 0-5.0 VDC
2.0 mH
5 Vp-p 250Hz Square Wave
40 V/10 W Zener
2
CS452/453
Circuit Description Inductive actuators such as automotive electronic fuel injectors, relays, solenoids and hammer drivers can be powered more efficiently by providing a high current drive until actuation (pull-in) occurs and then decreasing the drive current to a level which will sustain actuation. Pull-in and especially dropout times of the actuators are also improved. The fundamental output characteristic of the CS452/453 provides a low impedance saturated power switch until the load current reaches a predetermined high-current level and then changes to a current source of lower magnitude until the device is turned off. This output characteristic allows the inductive load to control its actuation time during turn-on while minimizing power and stored energy during the sustain period, thereby promoting a fast turnoff time. Automotive injectors at present time come in two types. The large throttle body injectors have an inductance of about 2.0mH and an impedance of 1.21/2 and require the CS453 driver. The smaller type, popular worldwide, have an inductance of 4.0mH and an impedance of 2.41/2 and needs about a 2.0A pulse for good results, which can be met with the CS452. Some designs are planned which employ two of the smaller types in parallel. The inductance of the injectors are much larger at low current, decreasing due to armature movement and core saturation to the values above at rated current. Operating frequencies range from 5.0Hz to 250Hz depending on the injector location and engine type. Duty cycle in some designs reaches 80%.
Input Signal VIN >1.4V 0 Load Current 2.0 4.0ms
Ipk
Output Current
Ipk Ipk (SENSE) Isus ti tp td
Output Voltage VBAT VBAT - (Isus RL) VSAT
VZ
VZ Ipk Power Dissipation VZ Isus
(VBAT - Isus RL) Isus VSAT Ipk
Figure 1. Operating Waveforms (Max. Frequency 250Hz, CONTROL Grounded)
Timing Diagrams
Input Voltage and Output Current vs. Time
CS452 VIN (Volts) VIN (Volts) 10 5 0 2.4 IOUT (Amps) 1.8 1.2 0.6 IOUT 0 0 1 2 3 4 5 6 7 8 9 10 10 5 0 4 IOUT (Amps) 3 2 1 IOUT 0 0 1 2 3 4 5 6 7 8 9 10 CS453
3
CS452/453
Application Information The CS452/453 is provided with an input lead (VIN) which turns the injector driver OonO and OoffO. This lead has a nominal trip level of 1.4V and an input impedance of 20k1/2. It is internally protected against negative voltages and is compatible with TTL and most other logic. There is also a control lead (CONTROL) which if held low or grounded, permits the device to operate in saturation to Ipk(sense), where it will switch to Isus automatically. If CONTROL is brought high (>1.5V), the output drive stage is turned off, regardless of what state the input (VIN) is at, and the output current goes to zero. Figure 1 shows the operating waveforms for the simplest mode; i.e., with CONTROL grounded. When the driver is turned on, the current ramps up to the peak current sense level, where some overshoot occurs because of internal delay. The CS452/453 then reduces its output to Isus. The fall time of the device is very rapid (1.0s), but the decay of the load current takes 150 to 220 s, while dumping the load energy into the protection Zener clamp. It is essential that the Zener voltage be lower than the V(BR)CEO(sus), but not so low as to greatly stretch the load current decay time. Without the zener, the discharge of the load energy would be totally into the CS452/453, which, for the high current applications, could cause the device to fail. Also in figure 1 is the graphically derived instantaneous power dissipation of the CS452/453. It shows that, for practical purposes, the worst case dissipation is less than (Isus) (VBAT) (duty cycle).
Input Signal VIN
>1.4V
Control >1.5V Signal CONTROL Output Current Ipk Isus tl
Figure 4. Application of CONTROL
Provided in Figures 2,3, and 4 are definitions of the switching intervals specified in the Electrical Characteristics. Figure 3 shows that the critical switching parameters stay under control at elevated temperatures. In those applications where high voltage transients may occur while the output lead (OUT) is in the Isus mode, excessive instantaneous power dissipation may occur, causing device failure. When this condition occurs, the control lead (CONTROL) can be used to shut off the output stage in order to protect the CS452/453. As long as CONTROL is in the high state (>1.5 volts, typ.), the output will remain off. One method of sensing the supply voltage and controlling CONTROL is to use a resistor divider between the supply voltage and ground with CONTROL connected to the resistor divider (see Typical Application diagram). Another application option of the control lead is to use it to accomplish an enable/disable function. Since CONTROL is compatible with TTL and CMOS logic levels, a logic low will enable the output, and allow it to follow the input signal at VIN. If CONTROL is held at a logic high, the output will be disabled regardless of the state of the input signal. If the control function is not being used in the application, it must be grounded or otherwise placed in a logic low state. If CONTROL is left open, the output stage will remain off. The output current in the Isus mode should be oscillation free. There is a possibility that in a given application, the output current could oscillate for a small fraction of parts. If this was to occur, the remedy is place a capacitor from OUT to Ground. The value of the capacitor should not exceed 0.01F.
Ipk 90% Output Voltage Output Current
Vl Turn Off 10% 0
ts 0 1.0
tv
tf 2.0 3.0 ms
Figure 2. Switching Waveforms (Expanded Time Scale)
2.0 ts 1.5
Switching Speed (ms)
1.0 tf 0.5 tv
0 -40 -20 0 20 40 60 80 100 120 140 Case Temperature (uC)
Figure3. Switching Speed vs. Temperature
4
CS452/453
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES) PACKAGE THERMAL DATA
Thermal Data RQJC typ RQJA typ
5 Lead TO-220 (Straight)
5 Lead TO-220 2.6 50
5 Lead TO-220 (Horizontal)
C/W C/W
4.83 (.190) 10.54 (.415) 9.78 (.385) 2.87 (.113) 2.62 (.103) 1.40 (.055) 3.96 (.156) 3.71 (.146) 1.14 (.045) 4.06 (.160)
10.54 (.415) 9.78 (.385) 2.87 (.113) 6.55 (.258) 2.62 (.103) 5.94 (.234)
4.83 (.190) 4.06 (.160) 3.96 (.156) 3.71 (.146)
1.40 (.055) 1.14 (.045)
6.55 (.258) 5.94 (.234) 14.99 (.590) 14.22 (.560)
14.99 (.590) 14.22 (.560)
6.83 (.269)
2.77 (.109)
0.81(.032)
14.22 (.560) 13.72 (.540)
1.68 (.066) TYP 1.70 (.067) 6.81(.268)
0.56 (.022) 0.36 (.014) 6.60 (.260) 5.84 (.230)
2.92 (.115) 2.29 (.090)
1.02 (.040) 0.76 (.030)
1.02(.040) 0.63(.025) 6.93(.273) 6.68(.263)
1.83(.072) 1.57(.062)
0.56 (.022) 0.36 (.014) 2.92 (.115) 2.29 (.090)
5 Lead TO-220 (Vertical)
4.83 (.190) 4.06 (.160) 10.54 (.415) 9.78 (.385) 3.96 (.156) 3.71 (.146)
1.40 (.055) 1.14 (.045)
6.55 (.258) 5.94 (.234) 2.87 (.113) 2.62 (.103) 14.99 (.590) 14.22 (.560)
1.78 (.070) 2.92 (.115) 2.29 (.090) 8.64 (.340) 7.87 (.310) 0.56 (.022) 0.36 (.014)
4.34 (.171) 7.51 (.296) 1.68 (.066) typ 6.80 (.268)
1.70 (.067)
.94 (.037) .69 (.027)
Ordering Information
Part Number CS452GT5 CS452GTVA5 CS452GTHA5 CS453GT5 CS453GTVA5 CS453GTHA5
Rev. 12/18/97
Description 5 Lead TO-220 Straight 5 Lead TO-220 Vertical 5 Lead TO-220 Horizontal 5 Lead TO-220 Straight 5 Lead TO-220 Vertical 5 Lead TO-220 Horizontal 5
Cherry Semiconductor Corporation reserves the right to make changes to the specifications without notice. Please contact Cherry Semiconductor Corporation for the latest available information.
(c) 1999 Cherry Semiconductor Corporation


▲Up To Search▲   

 
Price & Availability of CS452GTVA5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X