Part Number Hot Search : 
5821BCB HAF2017 AON6508 1117B 00144 A5800335 1117B FMB3904
Product Description
Full Text Search
 

To Download BU4508DX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4508DX
GENERAL DESCRIPTION
Enhanced performance, new generation, high-voltage, high-speed switching npn transistor with an integrated damper diode in a plastic full-pack envelope intended for use in horizontal deflection circuits of colour television receivers. Features exceptional tolerance to base drive and collector current load variations resulting in a very low worst case dissipation.
QUICK REFERENCE DATA
SYMBOL VCESM VCEO IC ICM Ptot VCEsat ICsat VF tf PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Total power dissipation Collector-emitter saturation voltage Collector saturation current Diode forward voltage Fall time CONDITIONS VBE = 0 V TYP. 5.0 1.85 300 MAX. 1500 800 8 15 45 3.0 2.2 400 UNIT V V A A W V A V ns
Ths 25 C IC = 5.0 A; IB = 1.25 A f = 16kHz IF = 5 A ICsat = 5A; f = 16kHz
PINNING - SOT399
PIN 1 2 3 base collector emitter DESCRIPTION
PIN CONFIGURATION
case
SYMBOL
c b
Rbe
case isolated
123
e
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134) SYMBOL VCESM VCEO IC ICM IB IBM -IBM Ptot Tstg Tj PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Base current (DC) Base current peak value Reverse base current peak value 1 Total power dissipation Storage temperature Junction temperature CONDITIONS VBE = 0 V MIN. -65 MAX. 1500 800 8 15 4 6 5 45 150 150 UNIT V V A A A A A W C C
Ths 25 C
THERMAL RESISTANCES
SYMBOL Rth j-hs Rth j-a PARAMETER Junction to heatsink Junction to ambient CONDITIONS with heatsink compound in free air TYP. 35 MAX. 2.8 UNIT K/W K/W
1 Turn-off current.
February 1999
1
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4508DX
ISOLATION LIMITING VALUE & CHARACTERISTIC
Ths = 25 C unless otherwise specified SYMBOL Visol PARAMETER Repetitive peak voltage from all three terminals to external heatsink CONDITIONS R.H. 65 % ; clean and dustfree MIN. TYP. MAX. 2500 UNIT V
Cisol
Capacitance from T2 to external f = 1 MHz heatsink
-
22
-
pF
STATIC CHARACTERISTICS
Ths = 25 C unless otherwise specified SYMBOL ICES ICES BVEBO Rbe VCEOsust VCEsat VBEsat hFE hFE VF PARAMETER Collector cut-off current
2
CONDITIONS
MIN. 7.5 800 0.85 4.2 -
TYP. 13.5 25 0.94 7 5.7 1.85
MAX. 1.0 2.0 3.0 1.03 7.3 2.2
UNIT mA mA V V V V V
VBE = 0 V; VCE = VCESMmax VBE = 0 V; VCE = VCESMmax; Tj = 125 C Emitter-base breakdown voltage IB = 600 mA Base-emitter resistance VEB = 6 V Collector-emitter sustaining voltage IB = 0 A; IC = 100 mA; L = 25 mH Collector-emitter saturation voltages IC = 5.0 A; IB = 1.25 A Base-emitter saturation voltage IC = 5.0 A; IB = 1.25 A DC current gain IC = 500 mA; VCE = 5 V IC = 5.0 A; VCE = 5 V Diode forward voltage IF = 5 A
DYNAMIC CHARACTERISTICS
Ths = 25 C unless otherwise specified SYMBOL PARAMETER Switching times (16 kHz line deflection circuit) Turn-off storage time Turn-off fall time Anti-parallel diode forward recovery voltage Anti-parallel diode forward recovery time IF = 4 A; dIF/dt = 50 A/s VF = 5 V CONDITIONS ICsat = 5.0 A; IB1 = 1.0 A;(IB2 = -2.5 A) 2.75 300 19 500 3.75 400 s ns V ns TYP. MAX. UNIT
ts tf Vfr tfr
2 Measured with half sine-wave voltage (curve tracer).
February 1999
2
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4508DX
TRANSISTOR IC DIODE
ICsat
+ 150 v nominal adjust for ICsat
t
Lc
IB IB1 t 20us 26us 64us VCE IB2
D.U.T. IBend LB Cfb
Rbe
-VBB
t
Fig.1. Switching times waveforms (16 kHz).
Fig.4. Switching times test circuit.
ICsat 90 % IC
100
hFE
VCE = 1V
BU4508DF/X/Z
Ths = 25 C Ths = 85 C
10 % tf ts IB IB1
t
10
t
1 0.01
- IB2
0.1
1
IC / A
10
Fig.2. Switching times definitions.
Fig.5. High and low DC current gain.
I
F
I
F
100
hFE
VCE = 5V
BU4508DF/X/Z
Ths = 25 C Ths = 85 C
10% t fr
V F time
10
5V
V F time
V
fr
1 0.01
0.1
1
IC / A
10
Fig.3. Definition of anti-parallel diode Vfr and tfr.
Fig.6. High and low DC current gain.
February 1999
3
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4508DX
10
VCESAT \ V
BU4508DF/X/Z
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
Normalised Power Derating
with heatsink compound
Ths = 25 C Ths = 85 C
1
0.1
0.01 0.1
1
10
IC / A
100
0
20
40
60
80 Ths / C
100
120
140
Fig.7. Typical collector-emitter saturation voltage.
Fig.10. Normalised power dissipation. PD% = 100PD/PD 25C
Zth K/W
10
VBESAT / V 1.2
BU4508DF/X/Z Ths = 25 C Ths = 85 C
BU4508AF
1.1
1
0.5 0.2
1
0.1
0.1 0.05
0.9
IC = 5 A
0.02
0.8
0.01
P D
tp
D=
tp T t
1.0E+01
0.7
0
T
1.0E-05 1.0E-03 1.0E-01
0.6
0
1
2
3
IB / A
4
0.001 1.0E-07
t/s
Fig.8. Typical base-emitter saturation voltage.
Fig.11. Transient thermal impedance.
10
ts/tf/ us
BU4508D ts/tf
ICsat = 5 A Ths = 85 C Freq = 16 kHz
8
6
4
2
0
0
0.5
1
1.5
2
2.5
IB / A
3
Fig.9. Typical collector storage and fall time. IC =5 A; Tj = 85C; f = 16kHz
February 1999
4
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4508DX
MECHANICAL DATA
Dimensions in mm Net Mass: 5.88 g
16.0 max 0.7 4.5 10.0 27 max 25.1 25.7 22.5 max 5.1 2.2 max 18.1 min 4.5 1.1 0.4 M 2 5.45 5.45 3.3
5.8 max 3.0
25
0.9 max 3.3
Fig.12. SOT399; The seating plane is electrically isolated from all terminals.
Notes 1. Refer to mounting instructions for F-pack envelopes. 2. Epoxy meets UL94 V0 at 1/8".
February 1999
5
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4508DX
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1999 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
February 1999
6
Rev 1.000


▲Up To Search▲   

 
Price & Availability of BU4508DX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X