Part Number Hot Search : 
APD322 RE46C101 LTE4208 MJ13009 SMCJ11 SMCJ11 SMCJ11 6TRPB
Product Description
Full Text Search
 

To Download BU2525DF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2525DF
GENERAL DESCRIPTION
New generation, high-voltage, high-speed switching npn transistor with integrated damper diode in a plastic full-pack envelope intended for use in horizontal deflection circuits of large screen colour television receivers up to 32 kHz.
QUICK REFERENCE DATA
SYMBOL VCESM VCEO IC ICM Ptot VCEsat ICsat ts PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Total power dissipation Collector-emitter saturation voltage Collector saturation current Storage time CONDITIONS VBE = 0 V TYP. 8.0 3.0 MAX. 1500 800 12 30 45 5.0 4.0 UNIT V V A A W V A s
Ths 25 C IC = 8.0 A; IB = 1.6 A ICsat = 8.0 A; IB(end) = 1.1 A
PINNING - SOT199
PIN 1 2 3 base collector emitter DESCRIPTION
PIN CONFIGURATION
case
SYMBOL
c b
Rbe
case isolated
1
2
3
e
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134) SYMBOL VCESM VCEO IC ICM IB IBM -IB(AV) -IBM Ptot Tstg Tj PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Base current (DC) Base current peak value Reverse base current Reverse base current peak value 1 Total power dissipation Storage temperature Junction temperature CONDITIONS VBE = 0 V MIN. -65 MAX. 1500 800 12 30 8 12 200 9 45 150 150 UNIT V V A A A A mA A W C C
average over any 20 ms period Ths 25 C
THERMAL RESISTANCES
SYMBOL Rth j-hs Rth j-hs Rth j-a PARAMETER Junction to heatsink Junction to heatsink Junction to ambient CONDITIONS without heatsink compound with heatsink compound in free air TYP. 35 MAX. 3.7 2.8 UNIT K/W K/W K/W
1 Turn-off current.
September 1997
1
Rev 1.200
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2525DF
ISOLATION LIMITING VALUE & CHARACTERISTIC
Ths = 25 C unless otherwise specified SYMBOL Visol PARAMETER Repetitive peak voltage from all three terminals to external heatsink CONDITIONS R.H. 65 % ; clean and dustfree MIN. TYP. MAX. 2500 UNIT V
Cisol
Capacitance from T2 to external f = 1 MHz heatsink
-
22
-
pF
STATIC CHARACTERISTICS
Ths = 25 C unless otherwise specified SYMBOL ICES ICES IEBO Reb BVEBO VCEOsust VCEsat VBEsat hFE hFE VF PARAMETER Collector cut-off current
2
CONDITIONS VBE = 0 V; VCE = VCESMmax VBE = 0 V; VCE = VCESMmax; Tj = 125 C VEB = 6.0 V; IC = 0 A VEB = 6.0 V IB = 600 mA IB=0A ;Ic = 100mA L = 25 mH IC = 8.0 A; IB = 1.6 A IC = 8.0 A; IB = 1.6 A IC = 1 A; VCE = 5 V IC = 8 A; VCE = 5 V IF = 8 A
MIN. 72 7.5 800 5 -
TYP. 110 55 13.5 11 7 1.6
MAX. 1.0 2.0 218 5.0 1.1 9.5 2.0
UNIT mA mA mA V V V V V
Emitter cut-off current Base-emitter resistance Emitter-base breakdown voltage Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage DC current gain Diode forward voltage
DYNAMIC CHARACTERISTICS
Ths = 25 C unless otherwise specified SYMBOL Cc PARAMETER Collector capacitance Switching times (32 kHz line deflection circuit) ts tf Vfr tfr Turn-off storage time Turn-off fall time Anti-parallel diode forward recovery voltage Anti-parallel diode forward recovery time CONDITIONS IE = 0 A; VCB = 10 V; f = 1 MHz ICsat = 8.0 A; LC = 260 H; Cfb = 13 nF; IB(end) = 1.1 A; LB = 2.5 H; -VBB = 4 V; (-dIB/dt = 1.6 A/s) TYP. 145 MAX. UNIT pF
3.0 0.2 16 410
4.0 0.35 -
s s V ns
IF = 8 A; dIF/dt = 50 A/s VF = 5 V
2 Measured with half sine-wave voltage (curve tracer).
September 1997
2
Rev 1.200
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2525DF
TRANSISTOR IC DIODE
ICsat
+ 150 v nominal adjust for ICsat
t
Lc
IB IBend t 10us 13us
D.U.T. IBend LB Cfb
Rbe
32us VCE
-VBB
t
Fig.1. Switching times waveforms.
Fig.4. Switching times test circuit.
ICsat 90 % IC
100
hFE
BU2525DF Tj = 25 C Tj = 125 C
5V
10 % tf ts IB IBend
t
10 1V
t
1 0.1 1 10 IC / A 100
- IBM
Fig.2. Switching times definitions.
Fig.5. Typical DC current gain. hFE = f (IC) parameter VCE
I
F
I
F
1.2 1.1 1
VBESAT / V
Tj = 25 C Tj = 125 C
BU2525AF
10% t fr
V F time
0.9 0.8 0.7 0.6 IC/IB= 3 4 5 0.1 1 IC / A 10
5V
V F time
V
fr
0.5 0.4
Fig.3. Definition of anti-parallel diode Vfr and tfr
Fig.6. Typical base-emitter saturation voltage. VBEsat = f (IC); parameter IC/IB
September 1997
3
Rev 1.200
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2525DF
1 0.9 0.8 0.7 0.6 0.5
VCESAT / V IC/IB = 5 4 3
BU2525AF
1000
Eoff / uJ IC = 8 A
BU2525AF
7A 100
Tj = 25 C
0.4 0.3 0.2 0.1 0 0.1
Tj = 125 C
1 IC / A
10
100
10 0.1 1 IB / A 10
Fig.7. Typical collector-emitter saturation voltage. VCEsat = f (IC); parameter IC/IB
Fig.10. Typical turn-off losses. Tj = 85C Eoff = f (IB); parameter IC; f = 32 kHz
1.2 1.1 1 0.9
VBESAT / V
Tj = 25 C Tj = 125 C
BU2525AF
IC= 0.8 0.7 0.6 0 1 2 IB / A 3 8A 6A 5A 4A 4
12 11 10 9 8 7 6 5 4 3 2 1 0
ts, tf / us 32 kHz
BU2525AF
ts
IC = 8A 7A 0.1 1 IB / A tf 10
Fig.8. Typical base-emitter saturation voltage. VBEsat = f (IB); parameter IC
Fig.11. Typical collector storage and fall time. ts = f (IB); tf = f (IB); parameter IC; Tj = 85C; f = 32 kHz
Normalised Power Derating
with heatsink compound
10
VCESAT / V
BU2525AF
Tj = 25 C Tj = 125 C
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
8A
1
6A
5A
IC = 4 A 0.1 0.1 1 IB / A 10
0
20
40
60
80 Ths / C
100
120
140
Fig.9. Typical collector-emitter saturation voltage. VCEsat = f (IB); parameter IC
Fig.12. Normalised power dissipation. PD% = 100PD/PD 25C = f (Ths)
September 1997
4
Rev 1.200
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2525DF
10
Zth / (K/W)
BU2525AF
IC / A 100
BU2525AF tp =
1
0.5 0.2 0.1 0.05 0.02
ICM
= 0.01
40 us ICDC
P D tp D= tp T t
0.1
10 100 us
0.01 D=0 0.001 1E-06 1E-04 1E-02 t/s
T
1E+00
Fig.13. Transient thermal impedance. Zth j-hs = f(t); parameter D = tp/T
Ptot 1
1 ms
0.1 10 ms DC
0.01 1 10 100 1000 VCE / V
Fig.14. Forward bias safe operating area. Ths = 25 C ICDC & ICM = f(VCE); ICM single pulse; parameter tp Second-breakdown limits independant of temperature. Mounted with heatsink compound.
September 1997
5
Rev 1.200
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2525DF
MECHANICAL DATA
Dimensions in mm Net Mass: 5.5 g
15.3 max 0.7 7.3 3.1 3.3 6.2 5.8 21.5 max 3.2
5.2 max
o 45
seating plane
3.5
3.5 max not tinned
15.7 min 1 2.1 max 2 3 1.2 1.0
5.45
0.7 max 0.4 M 2.0
5.45
Fig.15. SOT199; The seating plane is electrically isolated from all terminals.
Notes 1. Refer to mounting instructions for F-pack envelopes. 2. Epoxy meets UL94 V0 at 1/8".
September 1997
6
Rev 1.200
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2525DF
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1997 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
September 1997
7
Rev 1.200


▲Up To Search▲   

 
Price & Availability of BU2525DF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X