Part Number Hot Search : 
2SD1211 SG1568 C100EP 2SD1211 CR6CM MAX1651 G3601 CXP88340
Product Description
Full Text Search
 

To Download BTX18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BTX18-100/BTX18-200/BTX18-300 BTX18-400/BTX18-500 SILICON THYRISTORS
The BTX18 series is a range of p-gate reverse blocking thyristors, in a TO-39 metal enveloppe, intended for use in general low power applications up to a A average on-state current.
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Anode to Cathode - Ratings
Voltage 1)
BTX18- BTX18- BTX18- BTX18- BTX18100 200 300 400 500
Symbol
VR VRWM VRRM VRSM VDWM VD VDRM VDSM Currents
Ratings
Continuous Reverse Voltage Crest Working Reverse Voltage Repetitive Peak Reverse Voltage ( = 0.01 ; f=50Hz) Non-repetitive peak reverse voltage (t<10ms) Crest Working off-state Voltage Continuous off-state Voltage Repetitive peak off-state voltage ( = 0.01 ; f=50Hz) Non-repetitive peak off-state voltage (t<10ms)
100 100 120 120 100 100 120 120
200 200 240 240 200 200 240 240
300 300 350 350 300 300 350 350
400 400 500 500 400 400 500 500
500 500 600 600 500 500 600 600
V V V V V V V) V)
Symbol
IT(AV) IT IT(RMS)
Ratings
Average on-state current TCASE=105C (averaged over any 20 TAMB=60C, in ms period) free air On-state Current (D.C.) TCASE=100C RMS on-state Current
BTX18- BTX18- BTX18- BTX18- BTX18100 200 300 400 500
Max : 1.0 Max : 250 Max : 1.6 Max : 1.6
1/4
A mA A A
COMSET SEMICONDUCTORS
BTX18-100/BTX18-200/BTX18-300 BTX18-400/BTX18-500
Symbol
ITRM
ITSM
Ratings
Repetitive Peak on-state Current Non-repetitive peak on-state current t=10ms ; TJ=125C prior to surge Junction Temperature Storage Temperature
BTX18- BTX18- BTX18- BTX18- BTX18100 200 300 400 500
Max : 10 10 A Max : 125C -55 to +125C
A V C
TJ Tstg
1) These ratings apply for zero or negative bias on the gate with respect to the cathode, and when a resistor R<1 k is connected between gate and cathode 2) The device is not suitable for operation in the forward breakover mode.
Gate to Cathode - Ratings
With 1 resistor between gate and cathode
Symbol
VFGM VRGM IFGM PG(AV) PGM
Ratings
Forward Peak Voltage Reverse Peak Voltage Forward Peak Current Average Power Dissipation (averaged over any 20 ms period) Peak Power Dissipation
BTX18 BTX18 BTX18 BTX18 BTX18 -100 -200 -300 -400 -500
Max : 10 V Max : 5 V Max : 0.2 Max : 0.05 Max : 0.5
V V A W W
Temperatures Symbol
Rth j-c Rth j-a Zth j-c
Ratings
From Junction to Case From Junction to Ambient Transient Thermal Resistance (t=10 ms)
BTX18 BTX18 BTX18 BTX18 BTX18 -100 -200 -300 -400 -500
10 200 2.5
C/W C/W C/W
Anode to Cathode - Characteristics Symbol
VT
On State Voltage IT=1.0 A, Tj=25C
Ratings
<
BTX18 BTX18 BTX18 BTX18 BTX18 -100 -200 -300 -400 -500
1.5
1.5
1.5
1.5
1.5
V)
1
COMSET SEMICONDUCTORS
2/4
BTX18-100/BTX18-200/BTX18-300 BTX18-400/BTX18-500
Symbol
IRM IDM IL IH
Ratings
Peak Reverse Current VRM=VRWmax ; Tj=125C Peak off-state Current VDM=VDWmax ; Tj=125C Latching current, Tj=125C Holding Current ; Tj=25C < < <
BTX18 BTX18 BTX18 BTX18 BTX18 -100 -200 -300 -400 -500
800 800
400 400
275 275 Typ : 10 5.0 )
200 200
160 160
A A mA mA
Gate to Cathode - Characteristics Symbol
VGT VGD IGT
Ratings
Voltage that will trigger all devices Tj=25C Voltage that will not trigger any device Tj=125C Current that vill trigger all devices Tj=25C > < >
BTX18 BTX18 BTX18 BTX18 BTX18 -100 -200 -300 -400 -500
2.0 200 5.0
V mV mA
Switching Characteristics Symbol Ratings
Tj=25C tq Tj=125C < 800 400 Typ : 35 275 200 160 s
BTX18 BTX18 BTX18 BTX18 BTX18 -100 -200 -300 -400 -500
Turn off time when switched from IT=300 mA to IR=175 mA
Type : 20
s
IDM
Peak off-state Current VDM=VDWmax ; Tj=125C
1) VT is measured along the leads at 1 cm from the case 2) Measurer under the following conditiond : Anode sypply voltage= +6.0V Initial on-state current after gate triggering= 50mA The current is reduced until the device turns of.
COMSET SEMICONDUCTORS
3/4
BTX18-100/BTX18-200/BTX18-300 BTX18-400/BTX18-500
MECHANICAL DATA CASE TO-39
DIMENSIONS
A B C D E F G H L Pin 1 : Pin 2 : Pin 3 : mm inches 6,71 0,26 13,2 0,51 9,23 0,36 8,34 0,32 0,8 0,03 0,8 0,03 0,42 0,016 45 4,97 0,2 Kathode Gate Anode
COMSET SEMICONDUCTORS
4/4


▲Up To Search▲   

 
Price & Availability of BTX18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X