Part Number Hot Search : 
MX7226D TC514 04304 GLC130 13001 B160B D30N06L HF10FH
Product Description
Full Text Search
 

To Download BTS432E2E3043 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PROFET(R) BTS 432 E2
Smart Highside Power Switch
* Load dump and reverse battery protection1) * Clamp of negative voltage at output * Short-circuit protection * Current limitation * Thermal shutdown * Diagnostic feedback * Open load detection in ON-state * CMOS compatible input * Electrostatic discharge (ESD) protection * Loss of ground and loss of Vbb protection2) * Overvoltage protection * Undervoltage and overvoltage shutdown with autorestart and hysteresis
Features
Product Summary 80 VLoad dump Vbb-VOUT Avalanche Clamp 58 Vbb (operation) 4.5 ... 42 Vbb (reverse) -32 RON 38 IL(SCp) 44 IL(SCr) 35 IL(ISO) 11
V V V V m A A A
5 1 Straight leads
1 5
5
Application
* C compatible power switch with diagnostic feedback for 12 V and 24 V DC grounded loads * All types of resistive, inductive and capacitve loads * Replaces electromechanical relays and discrete circuits
SMD
Standard
General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input and diagnostic feedback, integrated in Smart SIPMOS chip on chip technology. Providing protective functions.
R bb
+ V bb
Voltage source V Logic Voltage sensor
3
Overvoltage protection
Current limit
Gate protection
OUT
Charge pump Level shifter Rectifier
Limit for unclamped ind. loads Open load
2
IN
Temperature sensor
5
ESD
Logic
Load
detection Short circuit detection
GND
4
ST
PROFET
Load GND
1
Signal GND
1) 2)
No external components required, reverse load current limited by connected load. Additional external diode required for charged inductive loads
Semiconductor Group
1 of 14
2003-Oct-01
BTS 432 E2
Pin 1 2 3 4 5 Symbol GND IN Vbb ST OUT (Load, L) I + S O Function Logic ground Input, activates the power switch in case of logical high signal Positive power supply voltage, the tab is shorted to this pin Diagnostic feedback, low on failure Output to the load
Maximum Ratings at Tj = 25 C unless otherwise specified Parameter Supply voltage (overvoltage protection see page 3) Load dump protection VLoadDump = UA + Vs, UA = 13.5 V RI= 2 , RL= 1.1 , td= 200 ms, IN= low or high Load current (Short-circuit current, see page 4) Operating temperature range Storage temperature range Power dissipation (DC) Inductive load switch-off energy dissipation, single pulse Tj=150 C: Electrostatic discharge capability (ESD) (Human Body Model) Input voltage (DC) Current through input pin (DC) Current through status pin (DC)
see internal circuit diagrams page 6...
Symbol Vbb Vs3) IL Tj Tstg Ptot EAS VESD VIN IIN IST
Values 63 66.5 self-limited -40 ...+150 -55 ...+150 125 1.7 2.0 -0.5 ... +6 5.0 5.0 1 75 tbd
Unit V V A C W J kV V mA
Thermal resistance
chip - case: junction - ambient (free air): SMD version, device on pcb4):
RthJC RthJA
K/W
3) 4)
VS is setup without DUT connected to the generator per ISO 7637-1 and DIN 40839 Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70m thick) copper area for Vbb connection. PCB is vertical without blown air.
Semiconductor Group
2
2003-Oct-01
BTS 432 E2 Electrical Characteristics
Parameter and Conditions
at Tj = 25 C, Vbb = 12 V unless otherwise specified
Symbol
Values min typ max
Unit
Load Switching Capabilities and Characteristics On-state resistance (pin 3 to 5) IL = 2 A Tj=25 C: RON Tj=150 C: Nominal load current (pin 3 to 5) ISO Proposal: VON = 0.5 V, TC = 85 C Output current (pin 5) while GND disconnected or GND pulled up, VIN= 0, see diagram page 7, Tj =-40...+150C Turn-on time to 90% VOUT: Turn-off time to 10% VOUT: RL = 12 , Tj =-40...+150C Slew rate on 10 to 30% VOUT, RL = 12 , Tj =-40...+150C Slew rate off 70 to 40% VOUT, RL = 12 , Tj =-40...+150C Operating Parameters Operating voltage 5) Tj =-40...+150C: Undervoltage shutdown Tj =-40...+150C: Undervoltage restart Tj =-40...+150C: Undervoltage restart of charge pump see diagram page 12 Tj =-40...+150C: Undervoltage hysteresis Vbb(under) = Vbb(u rst) - Vbb(under) Overvoltage shutdown Tj =-40...+150C: Overvoltage restart Tj =-40...+150C: Overvoltage hysteresis Tj =-40...+150C: 6) Overvoltage protection Tj =-40C: Ibb=40 mA Tj =25...+150C: Standby current (pin 3) Tj=-40...+25C: VIN=0 Tj=150C: Leakage output current (included in Ibb(off)) VIN=0 Operating current (Pin 1)7), VIN=5 V
5) 6) 7)
-9 --
30 55 11 --
38 70 -1
m A mA s
IL(ISO) IL(GNDhigh)
ton toff dV /dton -dV/dtoff
50 10 0.4 1
160 ----
300 80 2.5 5
V/s V/s
Vbb(on) Vbb(under) Vbb(u rst) Vbb(ucp) Vbb(under) Vbb(over) Vbb(o rst) Vbb(over) Vbb(AZ) Ibb(off) IL(off) IGND
4.5 2.4 ---42 42 -60 63 -----
---6.5 0.2 --0.2 -67 12 18 6 1.1
42 4.5 4.5 7.5 -52 ---25 60 ---
V V V V V V V V V A A mA
At supply voltage increase up to Vbb= 6.5 V typ without charge pump, VOUT Vbb - 2 V see also VON(CL) in table of protection functions and circuit diagram page 7. Meassured without load. Add IST, if IST > 0, add IIN, if VIN>5.5 V
Semiconductor Group
3
2003-Oct-01
BTS 432 E2
Parameter and Conditions
at Tj = 25 C, Vbb = 12 V unless otherwise specified
Symbol
Values min typ max
Unit
Protection Functions8) Initial peak short circuit current limit (pin 3 to 5)9), IL(SCp) ( max 400 s if VON > VON(SC) ) Tj =-40C: Tj =25C: Tj =+150C: Repetitive short circuit current limit IL(SCr) Tj = Tjt (see timing diagrams, page 10) Short circuit shutdown delay after input pos. slope Tj =-40..+150C: td(SC) VON > VON(SC),
min value valid only, if input "low" time exceeds 30 s
--24 22 80
-44 -35 --
74 ---400
A
A s V V C K J
Output clamp (inductive load switch off) at VOUT = Vbb - VON(CL), IL= 30 mA Short circuit shutdown detection voltage (pin 3 to 5) Thermal overload trip temperature Thermal hysteresis Inductive load switch-off energy dissipation10), Tj Start = 150 C, single pulse Vbb = 12 V: Vbb = 24 V: Reverse battery (pin 3 to 1) 11) Integrated resistor in Vbb line Diagnostic Characteristics Open load detection current
(on-condition)
VON(CL) VON(SC) Tjt
--150 ---
58 8.3 -10 --
----1.7 1.3 1.0 32 --
Tjt
EAS ELoad12 ELoad24 -Vbb Rbb
---
-120
V
Tj=-40 C: IL (OL) Tj=25..150C:
2 2
---
900 750
mA
8)
9) 10)
Integrated protection functions are designed to prevent IC destruction under fault conditions described in the data sheet. Fault conditions are considered as "outside" normal operating range. Protection functions are not designed for continuous repetitive operation. Short circuit current limit for max. duration of 400 s, prior to shutdown (see td(SC) page 4)
While demagnetizing load inductance, dissipated energy in PROFET is EAS= VON(CL) * iL(t) dt, approx. VON(CL) 2 ), see diagram page 8 EAS= 1/2 * L * IL * ( VON(CL) - Vbb 11) Reverse load current (through intrinsic drain-source diode) is normally limited by the connected load. Reverse current IGND of 0.3 A at Vbb= -32 V through the logic heats up the device. Time allowed under these condition is dependent on the size of the heatsink. Reverse IGND can be reduced by an additional external GND-resistor (150 ). Input and Status currents have to be limited (see max. ratings page 2 and circuit page 7).
Semiconductor Group
4
2003-Oct-01
BTS 432 E2
Parameter and Conditions
at Tj = 25 C, Vbb = 12 V unless otherwise specified
Symbol
Values min typ max
Unit
Input and Status Feedback12) Input turn-on threshold voltage Tj =-40..+150C: Input turn-off threshold voltage Tj =-40..+150C: Input threshold hysteresis Off state input current (pin 2) On state input current (pin 2)
VIN(T+) VIN(T-) VIN(T) VIN = 0.4 V: IIN(off) VIN = 3.5 V: IIN(on) td(ST SC) td(ST)
1.5 1.0 -1 10 80 350
--0.5 -25 200 --
2.4 --30 50 400 1600
V V V A A s s
Status invalid after positive input slope (short circuit) Tj=-40 ... +150C: Status invalid after positive input slope (open load) Tj=-40 ... +150C: Status output (open drain) Zener limit voltage Tj =-40...+150C, IST = +1.6 mA: ST low voltage Tj =-40...+150C, IST = +1.6 mA:
VST(high) VST(low)
5.4 --
6.1 --
-0.4
V
12)
If a ground resistor RGND is used, add the voltage drop across this resistor.
Semiconductor Group
5
2003-Oct-01
BTS 432 E2 Truth Table
Inputlevel Normal operation Open load Short circuit to GND Short circuit to Vbb Overtemperature Undervoltage Overvoltage L = "Low" Level H = "High" Level L H L H L H L H L H L H L H Output level L H
13)
Status 432 D2 H H H L H L H H (L14)) L L 15) L L15) L L 432 E2/F2 H H H L H L H H (L14)) L L H H H H 432 I2 H H L H H L L H L L 15) L L15) L L
H L L H H L L L L L L
Terms
Ibb I IN 2 I ST V V bb IN VST 4 ST GND 1 R GND IGND VOUT IN 3 Vbb IL PROFET OUT 5 VON
Input circuit (ESD protection)
R IN I
ESDZDI1 ZDI2 GND
I
I
ZDI1 6.1 V typ., ESD zener diodes are not designed for continuous current
13) 14)
Power Transistor off, high impedance Low resistance short Vbb to output may be detected by no-load-detection 15) No current sink capability during undervoltage shutdown
Semiconductor Group
6
2003-Oct-01
BTS 432 E2
Status output
+5V
V Z
Overvolt. and reverse batt. protection
+ V bb
R ST(ON)
R bb
ST
R IN
IN
Logic
GND ESDZD
V
R ST
ST GND
OUT
PROFET
ESD-Zener diode: 6.1 V typ., max 5 mA; RST(ON) < 250 at 1.6 mA, ESD zener diodes are not designed for continuous current
R GND
Signal GND
Short Circuit detection
Fault Condition: VON > 8.3 V typ.; IN high
+ V bb
Rbb = 120 typ., VZ +Rbb*40 mA = 67 V typ., add RGND, RIN, RST for extended protection
Open-load detection
ON-state diagnostic condition: VON < RON * IL(OL); IN high
+ V bb
V ON
OUT
Logic unit
Short circuit detection
ON
VON
OUT
Inductive and overvoltage output clamp
+ V bb V Z V ON
Logic unit
Open load detection
GND disconnect
3 IN Vbb PROFET 4 V bb V IN V ST ST GND 1 V GND OUT
OUT GND
VON clamped to 58 V typ.
2
5
Any kind of load. In case of Input=high is VOUT VIN - VIN(T+) . Due to VGND >0, no VST = low signal available.
Semiconductor Group
7
2003-Oct-01
BTS 432 E2
GND disconnect with GND pull up
3 IN Vbb PROFET 4 ST GND 1 V V bb V IN ST V OUT
3 high 2 IN Vbb PROFET 4 ST GND 1 V OUT
2
5
5
bb
GND
Any kind of load. If VGND > VIN - VIN(T+) device stays off Due to VGND >0, no VST = low signal available.
Inductive Load switch-off energy dissipation
E bb E AS Vbb PROFET OUT EL ELoad
Vbb disconnect with charged inductive load
IN
3 high 2 IN Vbb PROFET 4 ST GND 1 OUT
=
5
ST GND
ER
Energy dissipated in PROFET EAS = Ebb + EL - ER.
V bb
ELoad < EL, EL = 1/2 * L * I L
2
Semiconductor Group
8
2003-Oct-01
BTS 432 E2 Options Overview
all versions: High-side switch, Input protection, ESD protection, load dump and reverse battery protection , protection against loss of ground Type Logic version
BTS 432D2 432E2 432F2 432I2 D X X X X X X E F X I X
Overtemperature protection Tj >150 C, latch function16)17) Tj >150 C, with auto-restart on cooling Short-circuit to GND protection
switches off when VON>8.3 V typ.16) (when first turned on after approx. 200 s)
Open load detection
in OFF-state with sensing current 30 A typ. in ON-state with sensing voltage drop across power transistor X X X X X X -18) X X X X X X X X X X X -18) X X X X X X -18) X X X X X X X X X X
Undervoltage shutdown with auto restart Overvoltage shutdown with auto restart Status feedback for
overtemperature short circuit to GND short to Vbb open load undervoltage overvoltage
Status output type
CMOS Open drain
Output negative voltage transient limit
(fast inductive load switch off) to Vbb - VON(CL) X X X X X X X X
Load current limit
high level (can handle loads with high inrush currents) medium level low level (better protection of application)
Latch except when Vbb -VOUT < VON(SC) after shutdown. In most cases VOUT = 0 V after shutdown (VOUT 0 V only if forced externally). So the device remains latched unless Vbb < VON(SC) (see page 4). No latch between turn on and td(SC). 17) With latch function. Reseted by a) Input low, b) Undervoltage, c) Overvoltage 18) Low resistance short V to output may be detected by no-load-detection bb
16)
Semiconductor Group
9
2003-Oct-01
BTS 432 E2
Timing diagrams
Figure 2b: Switching an inductive load Figure 1a: Vbb turn on:
IN
IN
V bb
t d(bb IN)
ST
*)
td(ST)
V V
OUT
OUT
A ST open drain t A
in case of too early VIN=high the device may not turn on (curve A) td(bb IN) approx. 150 s *) if the time constant of load is too large, open-load-status may occur
I
L
IL(OL) t
Figure 2a: Switching a lamp,
Figure 3a: Turn on into short circuit,
IN
IN
ST
ST
V
V
OUT
OUT
td(SC)
I
I
L
L
t
td(SC) approx. 200s if Vbb - VOUT > 8.3 V typ.
t
Semiconductor Group
10
2003-Oct-01
BTS 432 E2
Figure 4a: Overtemperature: Reset if Tj IN
IN
ST IL I L(SCp) IL(SCr) V
OUT
T
J
ST
t
t
Heating up may require several milliseconds , Vbb - VOUT < 8.3 V typ.
Figure 5a: Open load: detection in ON-state, turn on/off to open load
Figure 3c: Short circuit while on:
IN IN ST ST V
OUT
t d(ST)
V OUT
I IL
L
open t
**) t
**) current peak approx. 20 s
Semiconductor Group
11
2003-Oct-01
BTS 432 E2
Figure 5b: Open load: detection in ON-state, open load occurs in on-state Figure 6b: Undervoltage restart of charge pump VON [V]
V on
VON(CL) off
IN
t d(ST OL1) ST
t d(OL ST2)
V V
OUT
off V
bb(over)
V
bb(u rst)
bb(o rst)
V I normal
L
open
normal
bb(u cp)
V
bb(under)
on V bb
t
charge pump starts at Vbb(ucp) =6.5 V typ. td(ST OL1) = tbd s typ., td(ST OL2) = tbd s typ
Vbb [V]
Figure 7a: Overvoltage: Figure 6a: Undervoltage:
IN
IN
Vbb V bb V
bb(under)
V ON(CL)
Vbb(over)
V bb(o rst)
Vbb(u cp) V
bb(u rst)
V V OUT
OUT
ST ST open drain t t
Semiconductor Group
12
2003-Oct-01
BTS 432 E2
Package and Ordering Code
All dimensions in mm
Standard TO-220AB/5
BTS 432 E2
Ordering code Q67060-S6202-A2
TO-220AB/5, Option E3043 Ordering code
BTS 432 E2 E3043 Q67060-S6202-A4
SMD TO-220AB/5, Opt. E3062 Ordering code
BTS432E2 E3062A T&R: Q67060-S6202-A6
Semiconductor Group
13
2003-Oct-01
BTS 432 E2
Published by Infineon Technologies AG, St.-Martin-Strasse 53, D-81669 Munchen (c) Infineon Technologies AG 2001 All Rights Reserved. Attention please!
The information herein is given to describe certain components and shall not be considered as a guarantee of characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer.
Information
For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives worldwide (see address list).
Warnings
Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in lifesupport devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that lifesupport device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Semiconductor Group
14
2003-Oct-01


▲Up To Search▲   

 
Price & Availability of BTS432E2E3043

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X