Part Number Hot Search : 
E1211 4060EFE 2SB1289 GH224 74AC2 LA1S1 MAX334 SL322
Product Description
Full Text Search
 

To Download AT847LTS25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ANSALDO
Ansaldo Trasporti s.p.a. Unita' Semiconduttori
Via N. Lorenzi 8 - I 16152 GENOVA - ITALY Tel. int. +39/(0)10 6556549 - (0)10 6556488 Fax Int. +39/(0)10 6442510 Tx 270318 ANSUSE I -
PHASE CONTROL THYRISTOR
AT847LT
Repetitive voltage up to Mean on-state current Surge current 2500 V 3265 A 39.2 kA
FINAL SPECIFICATION
apr 97 - ISSUE : 01
Symbol
Characteristic
Conditions
Tj [C]
125 125 125
Value
Unit
BLOCKING
V V V I I
RRM RSM DRM RRM DRM
Repetitive peak reverse voltage Non-repetitive peak reverse voltage Repetitive peak off-state voltage Repetitive peak reverse current Repetitive peak off-state current V=VRRM V=VDRM
2500 2600 2500 200 200
V V V mA mA
125 125
CONDUCTING
I I I V V r
T (AV) T (AV) TSM
Mean on-state current Mean on-state current Surge on-state current I t On-state voltage Threshold voltage On-state slope resistance
180 sin, 50 Hz, Th=55C, double side cooled 180 sin, 50 Hz, Tc=85C, double side cooled sine wave, 10 ms without reverse voltage On-state current = 2100 A 25 125 125 125
3265 2665 39.2 7683 x1E3 1.22 0.85 0.175
A A kA As V V mohm
I t
T T(TO) T
SWITCHING
di/dt dv/dt td tq Q rr I rr I I
H L
Critical rate of rise of on-state current, min. Critical rate of rise of off-state voltage, min. Gate controlled delay time, typical Circuit commutated turn-off time, typical Reverse recovery charge Peak reverse recovery current Holding current, typical Latching current, typical
From 75% VDRM up to 3280 A, gate 10V 5ohm Linear ramp up to 70% of VDRM VD=100V, gate source 10V, 10 ohm , tr=.5 s dV/dt = 20 V/s linear up to 75% VDRM di/dt=-20 A/s, I= 2150 A VR= 50 V VD=5V, gate open circuit VD=12V, tp=30s
125 125 25 125 25 25
800 1000 2 400
A/s V/s s s C A
500 1000
mA mA
GATE
V I V V I V P P
GT GT GD FGM FGM RGM GM G
Gate trigger voltage Gate trigger current Non-trigger gate voltage, min. Peak gate voltage (forward) Peak gate current Peak gate voltage (reverse) Peak gate power dissipation Average gate power dissipation
VD=12V VD=12V VD=VDRM
25 25 125
3.5 400 0.25 30 10 10
V mA V V A V W W
Pulse width 100 s
150 10
MOUNTING
R R T F
th(j-h) th(c-h) j
Thermal impedance, DC Thermal impedance Operating junction temperature Mounting force Mass ORDERING INFORMATION : AT847LT S 25 standard specification
Junction to heatsink, double side cooled Case to heatsink, double side cooled
9.5 2 -30 / 125 40.0 / 50.0 1150
C/kW C/kW C kN g
VDRM&VRRM/100
AT847LT PHASE CONTROL THYRISTOR
FINAL SPECIFICATION apr 97 - ISSUE : 01
ANSALDO
DISSIPATION CHARACTERISTICS SQUARE WAVE
Th [C] 130 120 110 100 90 80
30
70 60 50 0 1000
60 90 120 180 DC
2000
3000
4000
5000
IF(AV) [A]
PF(AV) [W] 8000 7000
120 180 DC
6000
60
90
5000 4000 3000 2000 1000 0 0 1000 2000 3000 4000 5000 IF(AV) [A]
30
AT847LT PHASE CONTROL THYRISTOR
FINAL SPECIFICATION apr 97 - ISSUE : 01
ANSALDO
ON-STATE CHARACTERISTIC Tj = 125 C
SURGE CHARACTERISTIC Tj = 125 C
10000 9000
40 35
8000 On-state Current [A] 7000 ITSM [kA] 0.6 1.1 1.6 2.1 2.6 6000 5000 4000 3000 2000 1000 0 On-state Voltage [V] 10 5 0 1 10 n cycles 100 30 25 20 15
TRANSIENT THERMAL IMPEDANCE DOUBLE SIDE COOLED
10.0 9.0 8.0 7.0 Zth j-h [C/kW] 6.0 5.0 4.0 3.0 2.0 1.0 0.0 0.001 0.01 0.1 t[s] 1 10 100 Cathode terminal type DIN 46244 - A 4.8 - 0.8 Gate terminal type AMP 60598 - 1 Distributed by All the characteristics given in this data sheet are guaranteed only with uniform clamping force, cleaned and lubricated heatsink, surfaces with flatness < .03 mm and roughness < 2 m. In the interest of product improvement ANSALDO reserves the right to change any data given in this data sheet at any time without previous notice. If not stated otherwise the maximum value of ratings (simbols over shaded background) and characteristics is reported.


▲Up To Search▲   

 
Price & Availability of AT847LTS25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X