|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ACU2109 Wideband Tuner Upconverter Data Sheet - Rev 2.4 FEATURES * * * * * * * * * Integrated Monolithic GaAs Upconverter Designed for Digital and Analog TV Tuners Very Low Oscillator Phase Noise Low Noise Figure and Low Distortion Low Power Consumption Small Size Can be Shut Down Remotely Operates from 5 Volt Power Supply High Reliability APPLICATIONS * * CATV/TV Tuners Cable Modem Tuners S3 Package Modified 16 Pin SOIC PRODUCT DESCRIPTION The ACU2109 is a Monolithic GaAs IC incorporating all upconverter functions of a double conversion CATV, Cable Modem and TV tuner: gain block, oscillator and a double balanced mixer. The oscillator is optimized to meet the stability and phase noise requirements of 256QAM Digital TV, while the amplifier and mixer retain the low distortion necessary for Analog signals. This upconverter IC is well suited for double conversion tuner designs in which small size and high performance for both Digital and Analog TV signals is important. It allows tuner manufacturers to reduce costs by lowering component count and dispensing with labor intensive production alignment steps, while improving performance and reliability. The part is offered in a low profile 16-lead modified SOIC package, and it requires only a single +5 Volt power supply. Figure 1: Functional Block Diagram 07/2003 ACU2109 Table 1: Pin Description PIN 1 2 3 4 5 6 7 8 NAME IF1, VIF GND VBIAS GND GND RFIN IBIAS GND DESCRIPTION Balanced IFoutput and supply Ground Shut down/current adjust Ground Ground RFInput Current Bias Ground PIN 16 15 14 13 12 11 10 9 NAME IF2, VIF GND OSCOUT GND GND TCKT V LO VCRTN DESCRIPTION Balanced IF output and supply Ground Oscillator output to Prescalar Ground Ground Oscillator tank circuit Oscillator supply Varactor return 2 Data Sheet - Rev 2.4 07/2003 ACU2109 ELECTRICAL CHARACTERISTICS Table 2: Absolute Minimum and Maximum Ratings PARAMETER VIF, VLO, VOSC (Pins 1, 10, 14 & 16) VRF/VTUNE (Pins 6 & 11) RF Input Voltage Storage Temperature Soldering Temperature Soldering Time MIN 0 -55 MAX +9 0 +60 +200 +260 5 UNIT VD C VD C dBmV C C S e c. Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability. Table 3: Operating Ranges PARAMETER Frequency RF IF LO V IF V LO Tuning Voltage Shutdown Voltage (Pin 3) Ambient Operating Temperature TA (1) MIN 50 900 950 +4.70 +4.70 +1.0 -40 TYP +5.0 +5.0 -2 - MAX 860 1200 2060 +5.25 +5.25 +27 +85 UNIT MHz VD C VD C V V C The device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifications. Notes: (1) Case temperature is 15 C higher than Ambient Temperature, when Ambient Temperature is < +65 C, using PC Board Layout shown in Figures 19 - 20. Data Sheet - Rev 2.4 07/2003 3 ACU2109 Table 4: DC Electrical Specifications (TA = +25 C (1), VDD = +5 VDC) PARAMETER IF Supply Current (Pins 1 & 16) LO Supply Current (Pin 10) Power Consumption Thermal Resistance MIN TYP 72 82 770 MAX 85 95 900 25 UNIT mA mA mW C/W - Notes: (1) Case temperature is 15 C higher than Ambient Temperature, when Ambient Temperature is < +65 C, using PC Board Layout shown in Figures 19 - 20. Table 5: AC Electrical Specifications (TA = +25 C (8), VDD = +5 VDC) PARAMETER Conversion Gain (1) Gain Flatness (1) MIN 6.0 (1) TYP 8.0 0.8 6.5 -66 -62 -68 -68 -70 -65 +95 +70 -89 +2.5 +20 +34 MAX 10 8.0 -59 -57 -66 -66 -60 -60 -84 - UNIT dB dB dB dB c dB c dB c dBmV dBmV dBc/Hz dB m dBmV dBmV SSB Noise Figure CSO (2), (4) CSO (3), (4) CTB CTB (2), (4) (3), (4) (2), (4), (5) (3), (4), (5) AM Cross Modulation AM Cross Modulation (4), (7) 2-Tone 2nd Order Input IP 2-Tone 3rd Order Input IP (6) (6) LO Phase Noise at 10 kHz Offset LO Power to Prescaler LO to RF Leakage LO to IF Leakage -1 - Notes: (1) As measured on ANADIGICS Evaluation Board shown in Figures 19 - 20. (2) 138 channels, 0 dB tilt, +7 dBmV flat (3) 138 channels, -10 dB tilt, +7 dBmV at 55.25 MHz (4) As measured in ANADIGICS test fixture, using Anaren 3 dB 180 coupler (part no. 30055) and external bias-tees. (5) All channels 99% AM modulated at 15 kHz, including adjacents (6) Two tones, -15 dBm (+33.75 dBmV) each (7) At 250 kHz comparison frequency, 3 kHz loop bandwidth (8) Case temperature is 15 C higher than Ambient Temperature, when Ambient Temperature is < +65 C, using PC Board Layout shown in Figures 19 - 20. 4 Data Sheet - Rev 2.4 07/2003 ACU2109 PERFORMANCE DATA Figure 2: Typical Conversion Gain and Noise Figure vs. Input Frequency (TA = +25 C, VDD = +5 V, fIF = 1087.75 MHz) 9.0 7.0 -88 -89 Figure 3: Typical Phase Noise at 10 kHz Offset vs. LO Frequency (TA = +25 C, VDD = +5 V) 6.5 -90 8.5 Conversion Gain Noise Figure Conversion Gain (dB) Phase Noise (dBc/Hz) Noise Figure (dB) 8.0 6.0 -91 -92 -93 -94 -95 -96 -97 7.5 5.5 7.0 5.0 6.5 4.5 6.0 0 100 200 300 400 500 600 700 800 4.0 900 -98 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 Input Frequency (MHz) LO Frequency (MHz) Figure 4: Typical Conversion Gain and Noise Figure vs. Supply Voltage (TA = +25 C, fRF = 450 MHz, fIF = 1087.75 MHz) 8.0 6.0 -93.0 Figure 5: Typical Phase Noise at 10 kHz Offset vs. Supply Voltage (TA = +25 C, fLO = 1500 MHz) 7.8 5.8 Conversion Gain (dB) 7.6 5.6 Phase Noise (dBc/Hz) -93.5 Noise Figure (dB) -94.0 7.4 5.4 7.2 Conversion Gain Noise Figure -94.5 5.2 7.0 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.0 -95.0 4.7 4.8 4.9 5.0 5.1 5.2 5.3 Supply Voltage (V) Supply Voltage (V) Figure 6: Typical Conversion Gain and Noise Figure vs. Ambient Temperature (VDD = +5 V, fRF = 450 MHz, fIF = 1087.75 MHz) 9.0 7.0 -85 Figure 7: Typical Phase Noise at 10 kHz Offset vs. Ambient Temperature (VDD = +5 V, fLO = 1500 MHz) 6.5 -87 8.5 Conversion Gain Noise Figure Conversion Gain (dB) 8.0 6.0 Phase Noise (dBc/Hz) Noise Figure (dB) -89 7.5 5.5 -91 7.0 5.0 6.5 4.5 -93 6.0 25 35 45 55 65 75 85 4.0 -95 25 35 45 55 65 75 85 Ambient Temperature (C) Ambient Temperature (C) Data Sheet - Rev 2.4 07/2003 5 ACU2109 Figure 8: Typical Local Oscillator Output Power vs. Frequency (TA = +25 C, VDD = +5 V) 5 Figure 9: Typical Tuning Voltage vs. Local Oscillator Frequency (TA = +25 V, VDD = +5 V) 28 24 0.7 Tuning Voltage Std. Deviation 0.6 0.5 0.4 0.3 0.2 0.1 0.0 2000 4 Output Power (dBm) 3 Tuning Voltage (V) 20 16 12 8 4 0 1100 2 1 0 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 1200 1300 1400 1500 1600 1700 1800 1900 LO Frequency (MHz) LO Frequency (MHz) Figure 10: Typical Local Oscillator Output Power vs. Supply Voltage (TA = +25 C, fLO = 1500 MHz) 3.0 Output Power (dBm) 2.5 2.0 1.5 1.0 4.7 4.8 4.9 5 5.1 5.2 5.3 Supply Voltage (V) Figure 11: Typical Local Oscillator Output Power vs. Ambient Temperature (VDD = +5 V, fLO = 1500 MHz) 3.0 Output Power (dBm) 2.5 2.0 1.5 1.0 25 35 45 55 65 75 85 Ambient Temperature (C) 6 Data Sheet - Rev 2.4 07/2003 Standard Deviation ACU2109 Figure 12: Typical Composite Triple Beat vs. RF Frequency (TA = +25 C, VDD = +5 V, fIF = 1087.75 MHz, 138 Channels, +7 dBmV Input, 0 dB Tilt) -50 -50 Figure 13: Typical Composite Triple Beat vs. RF Frequency (TA = +25 C, VDD = +5 V, fIF = 1087.75 MHz, 138 Channels, +7 dBmV Input, -9.6 dB Tilt) -60 -60 CTB (dBc) CTB (dBc) -70 -70 -80 -80 -90 0 100 200 300 400 500 600 700 800 900 -90 0 100 200 300 400 500 600 700 800 900 Frequency (MHz) Frequency (MHz) Figure 14: Typical Composite Second Order vs. RF Frequency (TA = +25 C, VDD = +5 V, fIF = 1087.75 MHz, 138 Channels, +7 dBmV Input, 0 dB Tilt) -50 -50 Figure 15: Typical Composite Second Order vs. RF Frequency (TA = +25 C, VDD = +5 V, fIF = 1087.75 MHz, 138 Channels, +7 dBmV Input, -9.6 dB Tilt) -60 CSO (dBc) +1.25 MHz offset -1.25 MHz offset +0.75 MHz offset -0.75 MHz offset -60 -70 CSO (dBc) -70 -80 -80 +1.25 MHz offset -1.25 MHz offset +0.75 MHz offset -0.75 MHz offset -90 0 100 200 300 400 500 600 700 800 900 -90 0 100 200 300 400 500 600 700 800 900 Frequency (MHz) Frequency (MHz) Figure 16: Typical Cross Modulation vs. RF Frequency (TA = +25 C, VDD = +5 V, fIF = 1087.75 MHz, 138 Channels, +7 dBmV Input, 0 dB Tilt) -50 -50 Figure 17: Typical Cross Modulation vs. RF Frequency (TA = +25 C, VDD = +5 V, fIF = 1087.75 MHz, 138 Channels, +7 dBmV Input, -9.6 dB Tilt) -60 -60 XMOD (dBc) XMOD (dBc) -70 -70 -80 -80 -90 0 100 200 300 400 500 600 700 800 900 -90 0 100 200 300 400 500 600 700 800 900 Frequency (MHz) Frequency (MHz) Data Sheet - Rev 2.4 07/2003 7 ACU2109 APPLICATION INFORMATION pin 3 pin 6 1 kW 2.6 nH 1 pF pin 7 VLO 10 W 10 W pin 14 pin 11 24 pF GND pin 1 pin 16 Figure 18: Equivalent Circuits 8 Data Sheet - Rev 2.4 07/2003 ACU2109 Figure 19: ACU2109 Evaluation Board Top View Figure 20: ACU2109 Evaluation Board Bottom View Table 6: Evaluation Board Parts List ITEM # C 1, C 2, C 3, C 4, C 5, C 10 C6 C 7, C 9 C8 C11 R1 R2 R3 R4, R6 R5 L1, L2 L3 D1 VALUE 0.01uF 220uF 0.1uF 9.1pF 100pF 820 240 2K 12K 47 3.3uH 68nH 1S V 245 0603 0603 0603 0805 0805 0603 0603 0603 1008 0603 SOD-323 SIZE 0603 DESCRIPTION Chip capacitor 10V VA Series SMD Chip capacitor Chip capacitor Chip capacitor Chip resistor Chip resistor Chip resistor Chip resistor Chip resistor PART # GRM39X7R103K25V PCE2040CT-ND GRM39X7R104K16 100A9R1JP150X GRM39COG101J50V ERJ-6GEYJ821 ERJ-6GEYJ241 ERJ-3GSYJ202 ERJ-3GSYJ123 ERJ-3GSYJ470 QTY 6 1 4 1 1 1 1 1 1 1 2 1 1 VENDOR Murata North America Digi-Key Corp Murata ATC Murata Digi-Key Corp Digi-Key Corp Digi-Key Corp Digi-Key Corp Digi-Key Corp Coilcraft Toko America Toshiba 9 Self mount inductor 1008CS-332XKBC Chip inductor Varactor diode LL2012-F68NK 1S V 245 Data Sheet - Rev 2.4 07/2003 10 IF1OUT C1 .01uF L1 3.3uH +5V C2 .01uF T1 1:1 R1 820 1 1 16 15 14 14 R6 12K R5 47 L3 68nH V TUNE C9 C10 .1uF .01uF 9 9 L D1 1SV245 C7 .1uf + C6 220uF 15 2 3 16 2 3 R2 240 C8 9.1pF 6 6 11 10 10 7 8 ACU2109 11 C4 .01uF 8 R3 2K L2 3.3uH 7 C3 .01uF IC1 C11 100pF LO OUT R4 12K C5 .01uF RFIN +5V ACU2109 +5V Data Sheet - Rev 2.4 07/2003 Figure 21: ACU2109 Evaluation Board Schematic Notes: 1. L = Printed inductor 2. R2 = Gain control/impedence match resistor (240 for 8 dB gain) 3. C10 not used and R6 = 100 when VTUNE is connected to ACD220x evaluation board. 4. The stated voltage divider R1 and R4 component values provide 0.3 V to pin 3, setting the mixer current to approx. 60 mA. The mixer will be shutdown by applying -2 Vdc. ACU2109 PACKAGE OUTLINE Figure 22: S3 Package Outline - Modified 16 Pin SOIC Data Sheet - Rev 2.4 07/2003 11 ACU2109 ORDERING INFORMATION ORDER NUMBER ACU2109S3CTR ACU2109S3C ACU2109S3GP1 ACU2109S3GP0 TEMPERATURE RANGE -40 to +85 C -40 to +85 C -40 to +85 C -40 to +85 C PACKAGE DESCRIPTION Modified 16 Pin SOIC Modified 16 Pin SOIC Lead-Free Modified 16 Pin SOIC Lead-Free Modified 16 Pin SOIC COMPONENT PACKAGING 3500 Piece Tape and Reel Plastic Tubes (50 pcs. per tube) 3500 Piece Tape and Reel Plastic Tubes (50 pcs. per tube) ANADIGICS, Inc. 141 Mount Bethel Road Warren, New Jersey 07059, U.S.A. Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 URL: http://www.anadigics.com E-mail: Mktg@anadigics.com IMPORTANT NOTICE ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change prior to a product's formal introduction. Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders. WARNING ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in any such application without written consent is prohibited. 12 Data Sheet - Rev 2.4 07/2003 |
Price & Availability of ACU2109 |