Part Number Hot Search : 
PSKT9614 JANSG2 DTC114Y ICS83940 KLNR15 MAX1430 MAX207E ISB35484
Product Description
Full Text Search
 

To Download 8ETH06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20746 rev. F 02/04
8ETH06 8ETH06S 8ETH06-1 8ETH06FP
Hyperfast Rectifier
Features
* * * * * * Hyperfast Recovery Time Low Forward Voltage Drop Low Leakage Current 175C Operating Junction Temperature 2500V insulation voltage UL E78996 approved
trr = 18ns typ. IF(AV) = 8Amp VR = 600V
Description/ Applications State of the art Hyperfast recovery rectifiers designed with optimized performance of forward voltage drop, Hyperfast recover time, and soft recovery. The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in PFC Boost stage in the AC-DC section of SMPS, inverters or as freewheeling diodes. The IR extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.
Absolute Maximum Ratings Parameters
VRRM IF(AV) IFSM IFM TJ, TSTG Peak Repetitive Reverse Voltage Average Rectified Forward Current@ TC = 144C @ TC = 108C (FULLPACK) Non Repetitive Peak Surge Current @ TJ = 25C (FULLPACK) Peak Repetitive Forward Current Operating Junction and Storage Temperatures 90 100 16 - 65 to 175 C
Max
600 8
Units
V A
Case Styles
8ETH06
8ETH06S
8ETH06-1
8ETH06FP
Base Cathode
2
Base Cathode
2
2
1
1 3
3
1
3
1
3
Cathode
Anode
Cathode
Anode
N/C
Anode
N/C
Anode
TO-220AC www.irf.com
D PAK
2
TO-262
TO-220 FULLPACK 1
8ETH06, 8ETH06S, 8ETH06-1, 8ETH06FP
Bulletin PD-20746 rev. F 02/04
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
VBR, Vr VF Breakdown Voltage, Blocking Voltage Forward Voltage
Min Typ Max Units Test Conditions
600 2.0 1.3 0.3 55 17 8.0 2.4 1.8 50 500 V V V A A pF nH IR = 100A IF = 8A, TJ = 25C IF = 8A, TJ = 150C VR = VR Rated TJ = 150C, VR = VR Rated VR = 600V Measured lead to lead 5mm from package body
IR
Reverse Leakage Current
-
CT LS
Junction Capacitance Series Inductance
-
Dynamic Recovery Characteristics @ TC = 25C (unless otherwise specified)
Parameters
trr Reverse Recovery Time
Min Typ Max Units Test Conditions
18 20 25 40 2.4 4.8 25 120 33 12 220 22 25 ns A nC TJ = 125C nC A ns IF = 1A, diF/dt = 100A/s, VR = 30V IF = 8A, diF/dt = 100A/s, VR = 30V TJ = 25C TJ = 125C TJ = 25C TJ = 125C TJ = 25C TJ = 125C IF = 8A diF /dt = 600A/s VR = 390V IF = 8A diF /dt = 200A/s VR = 390V
IRRM
Peak Recovery Current
-
Qrr
Reverse Recovery Charge
-
trr IRRM Qrr
Reverse Recovery Time Peak Recovery Current Reverse Recovery Charge
-
Thermal - Mechanical Characteristics
Parameters
TJ TStg RthJC RthJA RthCS Max. Junction Temperature Range Max. Storage Temperature Range Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Thermal Resistance, Case to Heatsink Weight Mounting Torque Per Leg Per Leg (Fullpack) Per Leg
Min
- 65 6.0 5.0
Typ
1.4 3.4 0.5 2.0 0.07 -
Max
175 175 2 4.3 70 12 10
Units
C C/W
g (oz) Kg-cm lbf.in
Typical Socket Mount Mounting Surface, Flat, Smooth and Greased
2
www.irf.com
8ETH06, 8ETH06S, 8ETH06-1, 8ETH06FP
Bulletin PD-20746 rev. F 02/04
100
1000
T J = 175C
Reverse Current - I R (A)
100 10 1 0.1
150C 125C 100C
Instantaneous Forward Current - I F (A)
25C
10
0.01
T = 175C J T = 150C J T = 25C J
0.001 0 100 200 300 400 500 600
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage
1000
1
Junction Capacitance - C T (pF)
T J = 25C
100
0.1 0 1 2 3 4
Forward Voltage Drop - VFM (V) Fig. 1 - Typical Forward Voltage Drop Characteristics
10 0 100 200 300 400 500 600
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
10
(C/W)
thJC
Thermal Impedance Z
1
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 Single Pulse (Thermal Resistance) Notes:
PDM
t1 t2
0.1
1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.0001 0.001 0.01 0.1 t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
1
www.irf.com
3
8ETH06, 8ETH06S, 8ETH06-1, 8ETH06FP
Bulletin PD-20746 rev. F 02/04
10
(C/W)
Thermal Impedance Z
1
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 Single Pulse (Thermal Resistance)
thJC
PDM
t1 t2
0.1
Notes: 1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
100
t1, Rectangular Pulse Duration (Seconds) Fig. 5 - Max. Thermal Impedance Z thJC Characteristics (FULLPACK)
180
Allowable Case Temperature (C)
180
Allowable Case Temperature (C)
170 160
DC
160 140
Square wave (D = 0.50) Rated Vr applied see note (3)
150 140 Square wave (D = 0.50)
Rated Vr applied
DC
120 100 80
130
see note (3)
120 0 2 4 6 8 10 12
Average Forward Current - IF(AV) (A) Fig. 6 - Max. Allowable Case Temperature Vs. Average Forward Current
0
2
4
6
8
10
12
14
Average Forward Current - IF(AV) (A) Fig. 7 - Max. Allowable Case Temperature Vs. Average Forward Current (FULLPACK)
20
Average Power Loss ( Watts )
18 16 14 12 10 8 6 4 2 0 0 2 4 6 8 10 12
Average Forward Current - IF(AV) (A) Fig. 8 - Forward Power Loss Characteristics
RMS Limit D = 0.01 D = 0.02 D = 0.05 D = 0.1 D = 0.2 D = 0.5 DC
(3) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 8); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = rated VR
4
www.irf.com
8ETH06, 8ETH06S, 8ETH06-1, 8ETH06FP
Bulletin PD-20746 rev. F 02/04
60
IF = 16 A IF = 8 A
400 350 300
V R = 390V T J = 125C T J = 25C
50
IF = 16 A IF = 8 A
Qrr ( nC )
V R = 390V T J = 125C T J = 25C
40
trr ( ns )
250 200 150 100
30
20 50 0 100
10 100
1000
1000
di F /dt (A/s ) Fig. 9 - Typical Reverse Recovery vs. di F /dt
di F /dt (A/s ) Fig. 10 - Typical Stored Charge vs. di F /dt
Reverse Recovery Circuit
VR = 200V
0.01 L = 70H D.U.T. dif/dt ADJUST
diF /dt
D G IRFP250 S
Fig. 11- Reverse Recovery Parameter Test Circuit
www.irf.com
5
8ETH06, 8ETH06S, 8ETH06-1, 8ETH06FP
Bulletin PD-20746 rev. F 02/04
3
IF 0
trr ta tb
4
Q rr
2
I RRM
0.5 I RRM di(rec)M/dt 0.75 I RRM
5
1
diF /dt f
1. diF/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
4. Qrr - Area under curve defined by t rr and IRRM t rr x I RRM Q rr = 2 5. di (rec) M / dt - Peak rate of change of current during t b portion of t rr
Fig. 12 - Reverse Recovery Waveform and Definitions
Outline Table
10.54 (0.41) MAX. 3.78 (0.15) 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 1 14.09 (0.55) 13.47 (0.53) 3 3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03) 2.89 (0.11) 2.64 (0.10) 0.10 (0.004) 2.92 (0.11) 2.54 (0.10) TERM 2 DIA. 6.48 (0.25) 6.23 (0.24) 2
1 3
1.32 (0.05) 1.22 (0.05)
Base Cathode
2
Cathode
Anode
1 4.57 (0.18) 4.32 (0.17)
3
0.61 (0.02) MAX.
5.08 (0.20) REF.
Conforms to JEDEC Outline TO-220AC Dimensions in millimeters and (inches)
6
www.irf.com
8ETH06, 8ETH06S, 8ETH06-1, 8ETH06FP
Bulletin PD-20746 rev. F 02/04
Outline Table
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
Base Cathode
2
0.55 (0.02) 0.46 (0.02)
3X
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
1 3
N/C
1 3
4.57 (0.18)
Anode
4.32 (0.17)
2 0.61 (0.02) MAX. 5.08 (0.20) REF.
8.89 (0.35)
17.78 (0.70) 3.81 (0.15)
2.08 (0.08) 2X
2.54 (0.10) 2X
Conforms to JEDEC Outline D2PAK Dimensions in millimeters and (inches)
2
1
3
N/C
Anode
NC
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
www.irf.com
7
8ETH06, 8ETH06S, 8ETH06-1, 8ETH06FP
Bulletin PD-20746 rev. F 02/04
Outline Table
10.6 10.4
HOLE o 3.4 3.1 2.8 2.6
3.7 3.2
1
3
Cathode
Anode
7.1 6.7 16.4 15.4 16.0 15.8
10
3.1 3.3
13.7
2.54 TYP.
0.9 0.7 2.54 TYP.
0.48 0.44 2.85 2.65
1.15 1.4 1.3 1.05
TYP
R0.7 (2 PLACES) R0.5
4.8 4.6
Conforms to JEDEC Outline TO-220 FULLPACK Dimensions in millimeters and (inches)
5 0.5 5 0.5
Ordering Information Table
Device Code
8
1
E
2
T
3
H
4
06
5
-1
6
1 2 3 4 5 6
-
Current Rating (8 = 8A) E T H = Single Diode = TO-220, D2Pak = HyperFast Recovery
Voltage Rating (06 = 600V) "-1" = TO-262 Option S = D2Pak None = TO-220AC FP = TO-220 FULLPACK
8
13.5
www.irf.com
8ETH06, 8ETH06S, 8ETH06-1, 8ETH06FP
Bulletin PD-20746 rev. F 02/04
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 02/04
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of 8ETH06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X