Part Number Hot Search : 
ISL62 1015A 04500 HCT1G 158M000 E39CA STF3060C HVL147M
Product Description
Full Text Search
 

To Download 80CPTN015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20413 rev. B 09/02
80CPTN015
SCHOTTKY RECTIFIER 80 Amp
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 40 Apk, TJ=125C (typical) (per leg) range
Description/ Features
This center tap Schottky rectifier series has been optimized for ultra low forward voltage drop specifically for 1.5V output power supplies. The proprietary sub-micron technology allows for low power loss in forward and reverse conduction. 150 C TJ operation Center tap configuration High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Ultra low forward voltage drop High frequency operation
80CPTN015 Units
80 15 2200 0.30 A V A V
- 55 to 150
C
Case Styles
80CPTN015
Base Common Cathode
2
1
3 2
Anode
1
Anode
2
Common Cathode
TO-247AC
www.irf.com
1
80CPTN015
Bulletin PD-20413 rev. B 09/02
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
80CPTN015
15
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR * See Fig. 5 Per Device Per Leg
Value
80 40 2200 500 9 2
Units
A
Conditions
50% duty cycle @ TC = 137C, rectangular wave form 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied TJ = 25 C, IAS = 2 Amps, L = 4.5 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
A mJ A
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
Typ. Max. Units
0.39 0.46 0.30 0.40 0.27 0.38 0.6 200 650 0.42 0.51 0.34 0.45 0.30 0.41 3.0 350 850 2600 7.5 V V V V V V mA mA mA pF nH @ 40A @ 80A @ 40A @ 80A @ 40A
Conditions
TJ = 25 C TJ = 125 C TJ = 150 C VR = rated VR
IRM
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) (Per Leg) (Per Leg)
@ 80A TJ = 25 C TJ = 125 C TJ = 150 C
CT LS
Max. Junction Capacitance Typical Series Inductance
VR = 10VDC (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
dv/dt Max. Voltage Rate of Change
10000 V/ s
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
Value
-55 to 150 -55 to 150 0.6 0.3 0.25 6 (0.21) 6 (5) 12 (10)
Units
C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt Approximate Weight T Mounting Torque Case Style Min. Max.
C/W DC operation C/W DC operation
* See Fig. 4
C/W Mounting surface , smooth and greased g (oz.) Kg-cm (Ibf-in)
TO-247AC (TO-3P) JEDEC
2
www.irf.com
80CPTN015
Bulletin PD-20413 rev. B 09/02
1000
1000
Tj = 150C
Reverse Current - IR (mA)
125C
100
100C 75C
10
50C
Instantaneous Forward Current - I F (A)
100
1
25C
0.1 0
Tj = 150C Tj = 125C Tj = 25C
5
10
15
20
25
Reverse Voltage - V R (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
10000
T = 25C
Junction Capacitance - CT (pF)
J
10
1 0 0.2 0.4 0.6 0.8 1 1.2
Forward Voltage Drop - V FM (V) Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
1000 4 6 8 10 12 14 16
Reverse Voltage - V R (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
Thermal Impedance Z thJC (C/W)
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
PM D
0.1
Single Pulse (Thermal Resistance)
t 1 t2
Notes: 1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x Z thJC + Tc
0.01 0.00001
0.0001 0.001 0.01 0.1 t1 , Rectangular Pulse Duration (Seconds)
1
10
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
80CPTN015
Bulletin PD-20413 rev. B 09/02
150
Allowable Case temperature (C) Average Power Loss (Watts)
25 20 15
RMS Limit D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 DC
145
DC
140
Square wave (D = 0.50)
10 5 0
135 80% Rated Vr applied
see note (2)
130 0 10 20 30 40 50 60
Average Forward Current - I F(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Non-Repetitive Surge Current - I FSM (A)
5 10 15 20 25 30 35 40 45 50 55 60
Average Forward Current - I F(AV) (A) Fig. 6 - Forward Power Loss Characteristics (Per Leg)
10000
At Any Rated Load Condition And With rated Vrrm Applied Following Surge
1000
100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec) Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-SPEED SWITCH FREE-WHEEL DIODE 40HFL40S02
+
DUT
IRFP460 Rg = 25 ohm
Vd = 25 Volt
CURRENT MONITOR
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
80CPTN015
Bulletin PD-20413 rev. B 09/02
Outline Table
3. 65 (0 .14 4) 15 .90 (0 .626 ) 15 .30 (0 .602 ) 5. 70 (0 .22 5) 5.30 ( 0.208) 20 .30 (0 .800 ) 19 .70 (0 .775 ) 5.50 ( 0.217) 4. 50 (0 .17 7) 1 2 3 (2 PLCS.)
1 3 2
3. 55 (0 .13 9)
DIA.
5. 30 (0 .20 9) 4.70 ( 0.185) 2.5 ( 0.098)
1.5 ( 0.059)
Base Common Cathode
2
Anode
Anode
2
14. 80 ( 0.583)
14 .20 (0 .559 )
1
4. 30 (0 .17 0) 3. 70 (0 .14 5) 2. 20 (0 .08 7) 2. 40 (0 .09 5) M AX . 0.80 ( 0.032) 0. 40 (0 .21 3)
Common Cathode
1. 40 (0 .05 6)
M AX .
1. 00 (0 .03 9) 10. 94 ( 0.430) 10 .86 (0 .427 )
Conform to JEDEC outline TO-247AC (TO-3P) Dimensions in millimeters and (inches)
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 09/02
www.irf.com
5


▲Up To Search▲   

 
Price & Availability of 80CPTN015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X