Part Number Hot Search : 
ST645000 SMBJ64A C04035R6 HD64F2 AVR465 HGT1S 2SB16 EL6201
Product Description
Full Text Search
 

To Download 30ETH06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20748 rev. D 08/01
30ETH06 30ETH06S 30ETH06-1
Hyperfast Rectifier
Features
* * * * * Hyperfastfast Recovery Time Low Forward Voltage Drop Low Leakage Current 175C Operating Junction Temperature Dual Diode Center Tap
trr = 28ns typ. IF(AV) = 30Amp VR = 600V
Description/ Applications State of the art Hyperfast recovery rectifiers designed with optimized performance of forward voltage drop, Hyperfast recover time, and soft recovery. The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in PFC Boost stage in the AC-DC section of SMPS, inverters or as freewheeling diodes. The IR extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.
Absolute Maximum Ratings Parameters
VRRM IF(AV) IFSM TJ, TSTG Peak Repetitive Reverse Voltage Average Rectifier Forward Current Non Repetitive Peak Surge Current @ TC = 103C @ TJ = 25C
Max
600 30 200 - 65 to 175
Units
V A C
Operating Junction and Storage Temperatures
Case Styles
30ETH06
30ETH06S
30ETH06-1
Base Cathode
Base Cathode
2
2
1
3
1
3
1
3
Cathode
Anode
N/C
Anode
N/C
Anode
TO-220AC www.irf.com
D2PAK
TO-262 1
30ETH06, 30ETH06S, 30ETH06-1
Bulletin PD-20748 rev. D 08/01
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
VBR, Vr VF Breakdown Voltage, Blocking Voltage Forward Voltage
Min Typ Max Units Test Conditions
600 2.0 2.6 V V V A A pF nH IR = 100A IF = 30A, TJ = 25C IF = 30A, TJ = 150C VR = VR Rated TJ = 150C, VR = VR Rated VR = 600V Measured lead to lead 5mm from package body
1.34 1.75 0.3 60 33 8.0 50 500 -
IR
Reverse Leakage Current
-
CT LS
Junction Capacitance Series Inductance
-
Dynamic Recovery Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
trr Reverse Recovery Time
Min Typ Max Units Test Conditions
28 31 77 35 nC A ns IF = 1.0A, diF/dt = 50A/s, VR = 30V TJ = 25C TJ = 125C TJ = 25C TJ = 125C TJ = 25C TJ = 125C IF = 30A VR = 200V diF /dt = 200A/s
IRRM
Peak Recovery Current
-
3.5 7.7 65 345
Qrr
Reverse Recovery Charge
-
Thermal - Mechanical Characteristics
Parameters
TJ TStg RthJC RthJA RthCS Wt
! "
Min
- 65 - 65 Per Leg Per Leg -
Typ
0.7 0.2 2.0 0.07 -
Max
175 175 1.1 70 12 10
Units
C
Max. Junction Temperature Range Max. Storage Temperature Range Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Thermal Resistance, Case to Heatsink Weight
C/W
g (oz) Kg-cm lbf.in
Mounting Torque
6.0 5.0
! Typical Socket Mount "#Mounting Surface, Flat, Smooth and Greased
2
www.irf.com
30ETH06, 30ETH06S, 30ETH06-1
Bulletin PD-20748 rev. D 08/01
1000
Reverse Current - I R (A)
1000 100 10 1 0.1
Tj = 175C 150C 125C 100C
25C
Instantaneous Forward Current - I F (A)
0.01 0.001
100
0.0001 0 100 200 300 400 500 600
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage
1000
10
T = 175C J T = 150C J T = 25C J
Junction Capacitance - C T (pF)
T J = 25C
100
1 0 0.5 1 1.5 2 2.5 3 3.5
Forward Voltage Drop - VFM (V) Fig. 1 - Typical Forward Voltage Drop Characteristics
10 0 100 200 300 400 500 600
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
10
Thermal Impedance Z thJC (C/W)
1
0.1
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 Single Pulse (Thermal Resistance)
Notes:
PDM
t1 t2
0.01
1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC + Tc
0.001 0.00001
0.0001 0.001 0.01 0.1 t1, Rectangular Pulse Duration (Seconds)
Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
1
10
www.irf.com
3
30ETH06, 30ETH06S, 30ETH06-1
Bulletin PD-20748 rev. D 08/01
180
Allowable Case Temperature (C)
90
Average Power Loss ( Watts )
80 70 60 50 40 30 20 10 0 0
RMS Limit
160 140 120
Square wave (D = 0.50) 100 Rated Vr applied see note (3)
DC D = 0.01 D = 0.02 D = 0.05 D = 0.1 D = 0.2 D = 0.5
DC
80 0 5 10 15 20 25 30 35 40 45
Average Forward Current - IF(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
5 10 15 20 25 30 35 40 45
Average Forward Current - IF(AV) (A)
Fig. 6 - Forward Power Loss Characteristics
90 80 70 60
trr ( ns)
IF = 30 A IF = 15 A
1200
V R = 200V T J = 125C T J = 25C
1000
IF = 30 A IF = 15 A
800
Qrr ( nC )
V R = 200V T J = 125C T J = 25C
50 40 30 20
600
400
200 10 0 100
di F /dt (A/s ) Fig. 7 - Typical Reverse Recovery vs. di F /dt
1000
0 100
1000
di F /dt (A/s ) Fig. 8 - Typical Stored Charge vs. di F /dt
(3) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = rated VR
4
www.irf.com
30ETH06, 30ETH06S, 30ETH06-1
Bulletin PD-20748 rev. D 08/01
Reverse Recovery Circuit
VR = 200V
0.01 L = 70H D.U.T.
diF /dt dif/dt ADJUST
D G IRFP250 S
Fig. 9- Reverse Recovery Parameter Test Circuit
3
IF 0
trr ta tb
4
2
Q rr I RRM
0.5 I RRM di(rec)M/dt 0.75 I RRM
5
1
diF /dt f
1. diF/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
4. Qrr - Area under curve defined by t rr and IRRM t rr x I RRM Q rr = 2 5. di (rec) M / dt - Peak rate of change of current during t b portion of t rr
Fig. 10 - Reverse Recovery Waveform and Definitions
www.irf.com
5
30ETH06, 30ETH06S, 30ETH06-1
Bulletin PD-20748 rev. D 08/01
Outline Table
10.54 (0.41) MAX. 3.78 (0.15) 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 1 14.09 (0.55) 13.47 (0.53) 3 3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03) 2.89 (0.11) 2.64 (0.10) 0.10 (0.004) 2.92 (0.11) 2.54 (0.10) TERM 2 DIA. 6.48 (0.25) 6.23 (0.24) 2
1 3
1.32 (0.05) 1.22 (0.05)
Base Cathode
Cathode
Anode
1 4.57 (0.18) 4.32 (0.17)
3
0.61 (0.02) MAX.
5.08 (0.20) REF.
Conforms to JEDEC Outline TO-220AC Dimensions in millimeters and (inches)
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
2
1
3
N/C
Anode
NC
6
www.irf.com
30ETH06, 30ETH06S, 30ETH06-1
Bulletin PD-20748 rev. D 08/01
Outline Table
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
Base Cathode
2
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
1 3
3X
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED F OOTPRINT
11.43 (0.45)
N/C
Anode
1
3
4.57 (0.18)
4.32 (0.17)
2 0.61 (0.02) MAX. 5.08 (0.20) REF.
8.89 (0.35)
17.78 (0.70) 3.81 (0.15)
2.08 (0.08) 2X
2.54 (0.10) 2X
Conforms to JEDEC Outline D2PAK Dimensions in millimeters and (inches)
Ordering Information Table
Device Code
30
1
E
2
T
3
H
4
06
5
-1
6
1 2 3 4 5 6
-
Current Rating (30 = 30A) E T H = Single Diode = TO-220, D2Pak = HyperFast Recovery
Voltage Rating (06 = 600V) "-1" = TO-262 Option S = D2Pak None = TO-220AC
www.irf.com
7
30ETH06, 30ETH06S, 30ETH06-1
Bulletin PD-20748 rev. D 08/01
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 08/01
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 30ETH06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X