Part Number Hot Search : 
SMG3D60C BAT54C HPH1BXXX SEL1921D C6707 MC34071P SP78XX CXB1818Q
Product Description
Full Text Search
 

To Download 25TTS08S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Previous Datasheet
Index
Next Data Sheet
Bulletin I2117
25TTS..S SERIES
SURFACE MOUNTABLE PHASE CONTROL SCR
Description/Features
The 25TTS..S new series of silicon controlled rectifiers are specifically designed for medium power switching and phase control applications. The glass passivation technology used has reliable operation up to 125 C junction temperature. Typical applications are in input rectification (soft start) and these products are designed to be used with International Rectifier input diodes, switches and output rectifiers which are available in identical package outlines.
VT ITSM
< 1.25V @ 16A = 250A
VR/ VD = 1200V
Output Current in Typical Applications Applications
NEMA FR-4 or G10 glass fabric-based epoxy with 4 oz (140m) copper Aluminum IMS, RthCA = 15C/W Aluminum IMS with heatsink, RthCA = 5C/W TA = 55C, T J = 125C, footprint 300mm2
Single-phase Bridge
3.5 8.5 16.5
Three-phase Bridge Units
5.5 13.5 25.0 A
Major Ratings and Characteristics Characteristics
IT(AV) Sinusoidal waveform IRMS V RRM/ V DRM ITSM VT dv/dt di/dt TJ @ 16 A, TJ = 25C 25 800 and 1200 250 1.25 500 150 - 40 to 125 A V A V V/s A/s C
25TTS..S
16
Units
A
D2 PAK (SMD-220)
1 To Order
Previous Datasheet
Index
Next Data Sheet
25TTS.. S Series
Voltage Ratings
VRRM, maximum Part Number peak reverse voltage V
800 1200
VDRM , maximum peak direct voltage V
800 1200
IRRM/IDRM 125C mA
5
25TTS08S 25TTS12S
Absolute Maximum Ratings
Parameters
IT(AV) Max. Average On-state Current IRMS Max. RMS On-state Current ITSM Max. Peak One Cycle Non-Repetitive Surge Current I2t Max. I 2t for fusing
25TTS..S
16 25 210 250 220 310
Units
A
Conditions
50% duty cycle @ TC = 94 C, sinusoidal wave form
10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied A2s 10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied A2s V m V mA TJ = 25 C TJ = 125 C mA mA V/s A/s VR = rated V RRM/ VDRM t = 0.1 to 10ms, no voltage reapplied @ 16A, TJ = 25C TJ = 125C
I2t VTM rt
Max. I 2t for fusing Max. On-state Voltage Drop On-state slope resistance
3100 1.25 12.0 1.0 0.5 5.0 100 200 500 150
VT(TO) Threshold Voltage IRM/I DM Max.Reverse and Direct Leakage Current IH IL Max. Holding Current Max. Latching Current
Anode Supply = 6V, Resistive load, Initial IT=1A Anode Supply = 6V, Resistive load
dv/dt Max. rate of rise of off-state Voltage di/dt Max. rate of rise of turned-on Current
2 To Order
Previous Datasheet
Index
Next Data Sheet
25TTS.. S Series
Triggering
Parameters
PGM Max. peak Gate Power PG(AV) Max. average Gate Power + IGM Max. paek positive Gate Current - VGM Max. paek negative Gate Voltage IGT Max. required DC Gate Current to trigger
25TTS..S
8.0 2.0 1.5 10 60 45 20
Units
W
Conditions
A V mA Anode supply = 6V, resistive load, TJ = - 10C Anode supply = 6V, resistive load, T J = 25C Anode supply = 6V, resistive load, TJ = 125C V Anode supply = 6V, resistive load, TJ = - 10C Anode supply = 6V, resistive load, T J = 25C Anode supply = 6V, resistive load, TJ = 125C T J = 125C, VDRM = rated value mA T J = 125C, VDRM = rated value
VGT
Max. required DC Gate Voltage to trigger
2.5 2.0 1.0
VGD IGD
Max. DC Gate Voltage not to trigger Max. DC Gate Current not to trigger
0.25 2.0
Switching
Parameters
tgt t rr tq
Typical turn-on time Typical reverse recovery time Typical turn-off time
25TTS..S
0.9 4 110
Units
s TJ = 25C TJ = 125C
Conditions
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range Soldering Temperature RthJC Max. Thermal Resistance Junction to Case RthJA Typ. Thermal Resistance Junction to Ambient (PCB Mount)** wt T Approximate Weight Case Style 2 (0.07)
2
25TTS..S
- 40 to 125 - 40 to 125 240 1.1 40
Units
C C C C/W C/W g (oz.)
Conditions
for 10 seconds (1.6mm from case) DC operation
D Pak (SMD-220)
**When mounted on 1" square (650mm2) PCB of FR-4 or G-10 material 4 oz (140m) copper 40C/W For recommended footprint and soldering techniques refer to application note #AN-994
3 To Order
Previous Datasheet
Index
Next Data Sheet
25TTS.. S Series
Maximum Allowable Case Temperature (C) 125 120 115
C on d uction An g le
Maximum Allowable Case Temperature (C)
25TTS.. Series R t hJ C (DC) = 1.1 K/W
125 120 115 110 105 100 95 90 85 0 5 30 60
25TTS.. Series R thJC(DC) = 1.1 K/W
110 105 30 100 95 90 60 90 120 0 2 4 6 8 10 12 180 16 18
Conduction Period
90 120 10 15 180 20 DC 25 30
14
Average On-state Current (A)
Average On-state Current (A)
Fig. 1 - Current Rating Characteristics
Maximum Average On-state Power Loss (W) Maximum Average On-state Power Loss (W) 30 25 20 15 10 5 0 35 30 25 20
Fig. 2 - Current Rating Characteristics
180 120 90 60 30
DC 180 120 90 60 30
RMS Limit
Conduction Angle
15 RMS Limit 10 5 0
Conduction Period
25TTS.. T = 125C
J
25TTS.. T = 125C
J
0
5
10
15
20
0
5
10
15
20
25
30
Average On-state Current (A)
Average On-state Current (A)
Fig. 3 - On-state Power Loss Characteristics
Peak Half Sine Wave On-state Current (A) 230 210 190 170 150 130 110 90 25TTS..Series Peak Half Sine Wave Forward Current (A)
At Any Rated Load Condition And With Rated V Applied Following Surge.
RRM
Fig. 4 - On-state Power Loss Characteristics
270 250 230 210 190 170 150 130 110 90 70 0.01 25TTS.. Series 0.1 1 10
Maximum Non Repetitive Surge Current Versus Pulse Train Duration.
Initial T = 125C J @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Initial T = 125C J No Voltage Reapplied Rated V Reapplied
RRM
1
10
100
Number Of Eq ua l Amplitude Ha lf Cycle Current Pulses (N)
Pulse Train Duration (s)
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Maximum Non-Repetitive Surge Current
4 To Order
Previous Datasheet
Index
Next Data Sheet
25TTS.. S Series
1000 Instantaneous On-state Current (A)
100
10
T = 25C T J= 125C 25TTS.. Series
J
1
0
1
2
3
4
5
Instantaneous On-state Voltage (V)
Fig. 7 - On-state Voltage Drop Characteristics
100 Instan taneous Gate Voltage (V)
Rectangular gate pulse a)Recommended load line for rated di/dt: 10 V, 20 ohms tr = 0.5 s, tp >= 6 s b)Recommended load line for <= 30% rated di/dt: 10 V, 65 ohms tr = 1 s, tp >= 6 s
(1) (2) (3) (4)
(a)
PGM = 40 , tp = 1 ms PGM = 20 W, tp = 2 ms PGM = 8 W, tp = 5 ms PGM = 4 W, tp = 10 ms
10
(b)
TJ = -10 C TJ = 25 C
T J = 1 25 C
1 VGD IGD 0.1 0.001 0.01
(4)
(3)
(2)
(1)
25TTS.. 0.1 1
Frequency Limited by PG(AV) 10 10 0
Instantaneous Gate Curren t (A)
Fig. 8 - Gate Characteristics
Transient Thermal Impedance Z thJC (K/W) 10 D = 0.50 D = 0.33 D = 0.25 D = 0.17 D = 0.08 Steady State Value (DC Operation)
1
0.1
Single Pulse 25TTS.. Series
0.01 0.0001
0.001
0.01 Square Wave Pulse Duration (s)
0.1
1
Fig. 9 - Thermal Impedance ZthJC Characteristics
5 To Order
Previous Datasheet
Index
Next Data Sheet
25TTS.. S Series
Marking Information
EXAMPLE: THIS IS AN 25TTS12S
INTERNATIONAL RECTIFIER LOGO
(A)
PART NUMBER
25TTS12S
9G3A
ASSEMBLY LOT CODE
9512
DATE CODE (YYWW) YY = YEAR WW = WEEK
(K)
(G)
Tape & Reel Information
TRR
1.60 (0. 063) 1.50 (0. 059)
4.10 ( 0.161) 3.90 ( 0.153) FEED DIR ECTION
1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
1.85 (0.073) 1.65 (0.065)
11 .60 (0.457) 11 .40 (0.449)
15 .42 (0.609) 15 .22 (0.601) 1.75 (0.069)
24.30 (0 .95 7) 23.90 (0 .94 1)
TRL DIA.
10 .90 (0.429) 10 .70 (0.421)
1.25 (0.049) 16 .10 (0.634) 15 .90 (0.626)
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
Dimensions in millimeters and inches
13.50 ( 0.5 32) 12.80 ( 0.5 04) DIA.
26 .40 (1.039) 24 .40 (0.961)
360 (14.173) DIA. M AX.
60 (2.362) D IA . M IN.
SMD-220 Tape & Reel When ordering, indic ate th e part number, part orie ntation, and the quantity. Qu antitie s are in multiples of 800 pieces p er reel fo r both TRL and T RR.
6 To Order
Previous Datasheet
Index
Next Data Sheet
25TTS.. S Series
Outline Table
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
3X
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
0.55 (0.02) 0.46 (0.02)
1.14 (0.045) 2X
MINIMUM RECOMMENDED F OOTPRIN T
11.43 (0.45)
(K)
1
(G)
3
4.57 (0.18) 8.89 (0.35)
1 (K) Cathode 2 (A) Anode 3 (G) Gate
4.32 (0.17)
2
17.78 (0.70)
0.61 (0.02) MAX. 5.08 (0.20) REF.
(A)
3.81 (0.15)
2.08 (0.08)
Dimensions in millimeters and inches
2X
2.54 (0.10) 2X
Ordering Information Table
Device Code
25
1 1 2 3 4 5 6 7 -
T
2
T
3
S
4
12
5
S
6
TRL
2 (A)
Current Rating, RMS value Circuit Configuration T = Single Thyristor Package T = TO-220AC Type of Silicon S = Converter Grade Voltage code: Code x 100 = VRRM S = TO-220 D2Pak (SMD 220) Version Tape and Reel Option TRL = Left Reel TRR = Right Orientation Reel 08 = 800V 12 = 1200V
1 (K) (G) 3
7 To Order


▲Up To Search▲   

 
Price & Availability of 25TTS08S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X