Part Number Hot Search : 
ST92195 C4020 R2010 NTE1871 A8439 HMC51 LN01301 KS899309
Product Description
Full Text Search
 

To Download 16TTS08FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2105 rev. D 12/98
SAFEIR Series 16TTS..S
SURFACE MOUNTABLE PHASE CONTROL SCR
Description/Features
The 16TTS..S SAFEIR series of silicon controlled rectifiers are specifically designed for medium power switching and phase control applications. The glass passivation technology used has reliable operation up to 125 C junction temperature. Typical applications are in input rectification (soft start) and these products are designed to be used with International Rectifier input diodes, switches and output rectifiers which are available in identical package outlines.
VT
< 1.4V @ 10A
ITSM = 200A VRRM = 800 to 1600V
Output Current in Typical Applications Applications
NEMA FR-4 or G10 glass fabric-based epoxy with 4 oz (140m) copper Aluminum IMS, RthCA = 15C/W Aluminum IMS with heatsink, RthCA = 5C/W TA = 55C, TJ = 125C, footprint 300mm2
Single-phase Bridge
2.5 6.3 14.0
Three-phase Bridge Units
3.5 9.5 18.5 A
Major Ratings and Characteristics Characteristics
IT(AV) Sinusoidal waveform IRMS VRRM/ VDRM ITSM VT dv/dt di/dt TJ @ 10 A, TJ = 25C 16 up to 1600 200 1.4 500 150 - 40 to 125 A V A V V/s A/s C
Package Outline Units
A
16TTS..S
10
D2 PAK (SMD-220) 1
www.irf.com
16TTS.. S SAFEIR Series
Bulletin I2105 rev. D 12/98
Voltage Ratings
VRRM, maximum Part Number peak reverse voltage V
16TTS08S 16TTS12S 16TTS16S 800 1200 1600
VDRM , maximum peak direct voltage V
800 1200 1600
IRRM/IDRM 125C mA
10
Absolute Maximum Ratings
Parameters
IT(AV) Max. Average On-state Current IRMS ITSM
2
16TTS..S
10 16 170 200 144 200
Units
A
Conditions
@ TC = 98 C, 180 conduction half sine wave
Max. RMS On-state Current Max. Peak One Cycle Non-Repetitive Surge Current
10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied As
2
It
Max. I t for fusing
2
10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied
I2 t VTM rt
Max. I2 t for fusing Max. On-state Voltage Drop On-state slope resistance
2000 1.4 24.0 1.1 0.5 10 Typ. -100 Max. 100 150
A2 s V m V mA
t = 0.1 to 10ms, no voltage reapplied @ 10A, TJ = 25C TJ = 125C
VT(TO) Threshold Voltage IRM/IDM Max.Reverse and Direct Leakage Current IH Holding Current
TJ = 25 C TJ = 125 C
VR = rated VRRM/ VDRM
Anode Supply = 6V, Resistive load, Initial IT=1A mA 16TTS08S, 16TTS12S 16TTS16S mA V/s A/s Anode Supply = 6V, Resistive load
IL
Max. Latching Current
200 500 150
dv/dt Max. Rate of Rise of off-state Voltage di/dt Max. Rate of Rise of turned-on Current
2
www.irf.com
16TTS.. S SAFEIR Series
Bulletin I2105 rev. D 12/98
Triggering
Parameters
PGM Max. peak Gate Power PG(AV) Max. average Gate Power + IGM Max. paek positive Gate Current - VGM Max. paek negative Gate Voltage IGT Max. required DC Gate Current to trigger
16TTS..S
8.0 2.0 1.5 10 90 60 35
Units
W
Conditions
A V mA Anode supply = 6V, resistive load, TJ = - 10C Anode supply = 6V, resistive load, TJ = 25C Anode supply = 6V, resistive load, TJ = 125C V Anode supply = 6V, resistive load, TJ = - 10C Anode supply = 6V, resistive load, TJ = 25C Anode supply = 6V, resistive load, TJ = 125C TJ = 125C, VDRM = rated value mA TJ = 125C, VDRM = rated value
VGT
Max. required DC Gate Voltage to trigger
3.0 2.0 1.0
VGD IGD
Max. DC Gate Voltage not to trigger Max. DC Gate Current not to trigger
0.25 2.0
Switching
Parameters
tgt trr tq
Typical turn-on time Typical reverse recovery time Typical turn-off time
16TTS..S
0.9 4 110
Units
s TJ = 25C TJ = 125C
Conditions
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range Soldering Temperature RthJC Max. Thermal Resistance Junction to Case RthJA Typ. Thermal Resistance Junction to Ambient (PCB Mount)** wt T Approximate Weight Case Style 2 (0.07) g (oz.) D2 Pak (SMD-220)
16TTS..S Units
- 40 to 125 - 40 to 125 240 1.3 40 C C C C/W C/W
Conditions
for 10 seconds (1.6mm from case) DC operation
**When mounted on 1" square (650mm2) PCB of FR-4 or G-10 material 4 oz (140m) copper 40C/W For recommended footprint and soldering techniques refer to application note #AN-994
www.irf.com
3
16TTS.. S SAFEIR Series
Bulletin I2105 rev. D 12/98
Maximum Allowable Case Temperature (C)
120 115 110 105 100 95 90 0 2
16TTS.. Series R thJC (DC) = 1.3 C/W
Maximum Allowable Case Temperature (C)
125
125 120 115
Conduction Period
16TTS.. Series R thJC(DC) = 1.3 C/W
Conduction Angle
110 105 100 95 90 0 2 4 6 8 10 12 14 16 Average On-state Current (A) 30
30 60 90 120 180 4 6 8 10 12
60 90 120 180 DC
Average On-state Current (A)
Fig. 1 - Current Rating Characteristics
Max imum Average On-state Power Loss (W)
Max imum Average On-state Power Loss (W)
Fig. 2 - Current Rating Characteristics
25 DC 180 120 90 60 30
18 16 14 12 10 8 6 4 2 0 0 1 2 3 4 5 6 7 8 9 10 11 Average On-state Current (A)
Conduction Angle
180 120 90 60 30 RMS Limit
20
15
RMS Limit 10
Conduction Period
16TTS.. Series T J = 125C
5
16TTS.. Series T J = 125C 0 2 4 6 8 10 12 14 16 18
0 Average On-state Current (A)
Fig. 3 - On-state Power Loss Characteristics
Peak Half Sine Wave On-state Current (A) At Any Rated Load Condition And With Rated V RRMApplied Following Surge. Initial T J = 125C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Fig. 4 - On-state Power Loss Characteristics
Peak Half Sine Wave Forward Current (A) 200 180 160 140 120 100
180
160
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial T J = 125C No Voltage Reapplied Rated VRRM Reapplied
140
120
100 16TTS..Series 80 1 10 100
Number Of Equal Amplitude Half C ycle Current Pulses (N)
16TTS.. Series
80 0.01
0.1 Pulse Train Duration (s)
1
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Maximum Non-Repetitive Surge Current
4
www.irf.com
16TTS.. S SAFEIR Series
Bulletin I2105 rev. D 12/98
1000 Instantaneous On-state Current (A) 16TTS.. Series
100
10 T = 25C
J
T J= 125C 1 0 1 2 3 4 5 Instantaneous On-st ate Voltage (V)
Fig. 7 - On-state Voltage Drop Characteristics
Transient Thermal Impedance Z thJC (C/W) 10 Steady State Value (DC Operation)
1
D= D= D= D= D=
0.50 0.33 0.25 0.17 0.08 Single Pulse 16TTS.. Series
0.1
0.01 0.0001
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Fig. 8 - Thermal Impedance ZthJC Characteristics
100 Instantaneous Gate Voltage (V)
Rectangular gate pulse a)Recommended load line for rated di/dt: 10 V, 20 ohms tr = 0.5 s, tp >= 6 s b)Recommended load line for <= 30% rated di/dt: 10 V, 65 ohms 10 tr = 1 s, tp >= 6 s
(1) PGM = 40 , tp = 1 ms (2) PGM = 20 W, tp = 2 ms (3) PGM = 8 W, tp = 5 ms (4) PGM = 4 W, tp = 10 ms
(a)
(b)
TJ = -10 C TJ = 25 C
TJ = 125 C
1 VGD IGD 0.1 0.001 0.01
(4)
(3)
(2)
(1)
16TTS.. Series 0.1 1
Frequency Limited by PG(AV) 10 100
Instantaneous Gate Current (A)
Fig. 9 - Gate Characteristics
www.irf.com
5
16TTS.. S SAFEIR Series
Bulletin I2105 rev. D 12/98
Marking Information
EXAMPLE: THIS IS AN 16TTS16S
INTERNATIONAL RECTIFIER LOGO
(A)
PART NUMBER
16TTS16S
9G3A
ASSEMBLY LOT CODE
9512
DATE CODE (YYWW) YY = YEAR WW = WEEK
(K)
(G)
Tape & Reel Information
TRR
1.60 (0.063) 1.50 (0.059)
4.10 (0.161) 3.90 (0.153) FEED DIRECTION
1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
1.85 (0.073) 1.65 (0.065)
11.60 (0.457) 11.40 (0.449)
15.42 (0.609) 15.22 (0.601) 1.75 (0.069)
24.30 (0.957) 23.90 (0.941)
TRL DIA.
10.90 (0.429) 10.70 (0.421)
1.25 (0.049) 16.10 (0.634) 15.90 (0.626)
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
Dimensions in millimeters and inches
13.50 (0.532) 12.80 (0.504) DIA.
26.40 (1.039) 24.40 (0.961)
SMD-220 Tape & Reel When orderi ng, indicate the part number, part orientation, and the quantity. Quantities are in multiples
60 (2.362) DIA. MIN.
of 800 pieces per reel for both TRL and T RR.
360 (14.173) DIA. MAX.
6
www.irf.com
16TTS.. S SAFEIR Series
Bulletin I2105 rev. D 12/98
Outline Table
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
3X
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED F OOTPRINT
11.43 (0.45)
(K)
1
(G)
3
4.57 (0.18) 8.89 (0.3 5)
1 (K) Cathode 2 (A) Anode 3 (G) Gate
4.32 (0.17)
2
17.78 (0.70)
0.61 (0.02) MAX. 5.08 (0 .20) REF.
(A)
3.81 (0.15)
2.08 (0.08)
Dimensions in millimeters and inches
2X
2.54 (0 .10) 2X
Ordering Information Table
Device Code
16
1 1 2 3 4 5 6 7 -
T
2
T
3
S
4
16
5
S
6
TRL
7
2 (A)
Current Rating, RMS value Circuit Configuration T = Single Thyristor Package T = TO-220AC Type of Silicon S = Converter Grade Voltage code: Code x 100 = VRRM S = TO-220 D2Pak (SMD 220) Version Tape and Reel Option TRL = Left Reel TRR = Right Orientation Reel 08 = 800V 12 = 1200V 16 = 1600V
1 (K) (G) 3
www.irf.com
7
16TTS.. S SAFEIR Series
Bulletin I2105 rev. D 12/98
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN:
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936.
http://www.irf.com
Fax-On-Demand: +44 1883 733420
Data and specifications subject to change without notice.
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 16TTS08FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X