Part Number Hot Search : 
PO49H CY7C342 E004850 CH5001A LX350 P1727 L9UG9553 U7232A
Product Description
Full Text Search
 

To Download 10TTS08S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data Sheet I2145 12/97
SAFEIR Series 10TTS08S
SURFACE MOUNTABLE PHASE CONTROL SCR
Description/Features
The 10TTS08S SAFE IR series of silicon controlled rectifiers are specifically designed for medium power switching and phase control applications. The glass passivation technology used has reliable operation up to 125 C junction temperature. Typical applications are in input rectification (soft start) and these products are designed to be used with International Rectifier input diodes, switches and output rectifiers which are available in identical package outlines.
VT
< 1.15V @ 6.5A
ITSM = 140A VRRM = 800V
Output Current in Typical Applications Applications
NEMA FR-4 or G10 glass fabric-based epoxy with 4 oz (140m) copper Aluminum IMS, RthCA = 15C/W Aluminum IMS with heatsink, RthCA = 5C/W TA = 55C, TJ = 125C, footprint 300mm2
Single-phase Bridge
2.5 6.3 14.0
Three-phase Bridge Units
3.5 9.5 18.5 A
Major Ratings and Characteristics Characteristics
IT(AV) Sinusoidal waveform IRMS VRRM/ VDRM ITSM VT dv/dt di/dt TJ range @ 6.5 A, TJ = 25C 10 800 140 1.15 150 100 - 40 to 125 A V A V V/s A/s C
Package Outline
10TTS08S Units
6.5 A
D2 PAK (SMD-220) 1
10TTS08S SAFEIR Series
Preliminary Data Sheet I2145 12/97
Voltage Ratings
Part Number
10TTS08S
VRRM, maximum peak reverse voltage V
800
VDRM , maximum peak direct voltage V
800
IRRM/IDRM 125C mA
1.0
Absolute Maximum Ratings
Parameters
IT(AV) Max. Average On-state Current IT(RMS) Max. RMS On-state Current ITSM Max. Peak One Cycle Non-Repetitive Surge Current It
2
10TTS08S Units
6.5 10 120 140 72 100 As
2
Conditions
@ TC = 112 C, 180 conduction half sine wave
A
A
10ms Sine pulse, rated VRRMapplied,TJ = 125C 10ms Sine pulse, no voltage reapplied, TJ = 125C 10ms Sine pulse, rated VRRMapplied,TJ = 125C 10ms Sine pulse, no voltage reapplied, T J = 125C
Max. I t for fusing
2
I t
2
Max. I t for fusing
2
1000 1.15 17.3 0.85 0.05 1.0 30 50 150 100
A s
2
t = 0.1 to 10ms, no voltage reapplied,TJ = 125C @ 6.5A, TJ = 25C TJ = 125C
VTM rt
Max. On-state Voltage Drop On-state slope resistance
V m V mA
VT(TO) Threshold Voltage IRM/IDM Max.Reverse and Direct Leakage Current IH IL Typ. Holding Current Max. Latching Current
TJ = 25 C TJ = 125 C
VR = rated VRRM/ VDRM
mA mA V/s A/s
Anode Supply = 6V, Resistive load, Initial IT =1A Anode Supply = 6V, Resistive load TJ = 25C
dv/dt Max. rate of rise of off-state Voltage di/dt Max. rate of rise of turned-on Current
2
10TTS08S SAFEIR Series
Preliminary Data Sheet I2145 12/97
Triggering
Parameters
PGM Max. peak Gate Power
10TTS08S Units
8.0 2.0 1.5 10 20 15 10 A V mA W
Conditions
PG(AV) Max. average Gate Power + IGM Max. paek positive Gate Current - VGM Max. paek negative Gate Voltage IGT Max. required DC Gate Current to trigger
Anode supply = 6V, resistive load, TJ = - 65C Anode supply = 6V, resistive load, TJ = 25C Anode supply = 6V, resistive load, TJ = 125C
VGT
Max. required DC Gate Voltage to trigger
1.2 1 0.7
V
Anode supply = 6V, resistive load, TJ = - 65C Anode supply = 6V, resistive load, TJ = 25C Anode supply = 6V, resistive load, TJ = 125C TJ = 125C, VDRM = rated value
VGD IGD
Max. DC Gate Voltage not to trigger Max. DC Gate Current not to trigger
0.2 0.1 mA
TJ = 125C, VDRM = rated value
Switching
Parameters
tgt trr tq
Typical turn-on time Typical reverse recovery time Typical turn-off time
10TTS08S
0.8 3 100
Units
s TJ = 25C TJ = 125C
Conditions
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range Soldering Temperature RthJC Max. Thermal Resistance Junction to Case RthJA Typ. Thermal Resistance Junction to Ambient (PCB Mount)** wt T Approximate Weight Case Style 2 (0.07) g (oz.) D2 Pak (SMD-220)
10TTS08S Units
- 40 to 125 - 40 to 125 240 1.5 40 C C C C/W C/W
Conditions
for 10 seconds (1.6mm from case) DCoperation
**When mounted on 1" square (650mm2) PCB of FR-4 or G-10 material 4 oz (140m) copper 40C/W For recommended footprint and soldering techniques refer to application note #AN-994
3
10TTS08S SAFEIR Series
Preliminary Data Sheet I2145 12/97
Maximum Allowable Case Temperature (C)
Maximum Allowable Case Temperature (C)
125 10TTS08 R thJC (DC) = 1.5 K/W 120
Conduction Angle
125
10TTS08 R thJC(DC) = 1.5 K/W
120
Conduction Period
115 30 60 110 90 120 180 105 0 1 2 3 4 5 6 7 Average On-state Current (A)
115 30 60 110 90 120 180 105 0 2 4 6 8 10 12 Average On-state Current (A) DC
Fig. 1 - Current Rating Characteristics
Maximum Average On-state Power Loss (W)
Fig. 2 - Current Rating Characteristics
Maximum Average On-state Power Loss (W) 12 10 8 6 RMS Limit 4 2 0 0 2 4 6 8 10 12 Average On-state Current (A)
Conduction Period
8 7 6 5 4 3
Conduction Angle
180 120 90 60 30 RMS Limit
DC 180 120 90 60 30
2 1 0 0 1 2 3 4 5 6 7 Average On-state Current (A) 10TTS08 T J= 125C
10TTS08 T J = 125C
Fig. 3 - On-state Power Loss Characteristics
Peak Half Sine Wave On-state Current (A)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge.
Fig. 4 - On-state Power Loss Characteristics
Peak Half Sine Wave On-state Current (A) 150 140 130 120 110 100 90 80 70 60 50 0.01
10TTS08
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. Initial T J= 125C No Voltage Reapplied Rated V RRM Reapplied
130 120 110 100 90 80 70 60 1
Initial T J= 125C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
10TTS08
10
100
0.1 Pulse Train Duration (s)
1
Number Of Equal Amplitude Half Cycle Current Puls es (N)
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Maximum Non-Repetitive Surge Current
4
10TTS08S SAFEIR Series
Preliminary Data Sheet I2145 12/97
1000 Instantaneous On-state Current (A) 10TTS08
100
10
T J= 25C T J= 125C
1 0.5
1
1.5
2
2.5
3
3.5
Instantaneous On-stat e Voltage (V)
Fig. 7 - On-state Voltage Drop Characteristics
Transient Thermal Impedance Z thJC (C/W) 10 Steady State Value (DC Operation) 1 D D D D = 0.50 = 0.33 = 0.25 = 0.17
0.1
D = 0.08 Single Pulse 10TTS08
0.01 0.0001
0.001
0. 01 Square Wave Pulse Duration (s)
0.1
1
Fig. 8 - Thermal Impedance ZthJC Characteristics
5
10TTS08S SAFEIR Series
Preliminary Data Sheet I2145 12/97
Marking Information
EXAMPLE: THIS IS AN 10TTS08S
INTERNATIONAL RECTIFIER LOGO
(A)
PART NUMBER
10TTS08S
9G3A
ASSEMBLY LOT CODE
9512
DATE CODE (YYWW) YY = YEAR WW = WEEK
(K)
(G)
Tape & Reel Information
TRR
1.60 (0.063) 1.50 (0.059)
4.10 (0.161) 3.90 (0.153) FEED DIRECTION
1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
1.85 (0.073) 1.65 (0.065)
11.60 (0.457) 11.40 (0.449)
15.42 (0.609) 15.22 (0.601) 1.75 (0.069) DIA. 1.25 (0.049) 16.10 (0.634) 15.90 (0.626)
TRL
24.30 (0.957) 23.90 (0.941)
10.90 (0.429) 10.70 (0.421)
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
Dimensions in millimeters and inches
13.50 (0.532) 12.80 (0.504) DIA.
26.40 (1.039) 24.40 (0.961)
SMD-220 Tape & Reel When orderi ng, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 800 pieces per reel for both TRL and T RR.
360 (14.173) DIA. MAX.
60 (2.362) DIA. MIN.
6
10TTS08S SAFEIR Series
Preliminary Data Sheet I2145 12/97
Outline Table
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
3X
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED F OOTPRINT
11.43 (0.45)
(K)
1
(G)
3
4.57 (0.18) 8.89 (0.3 5)
1 (K) Cathode 2 (A) Anode 3 (G) Gate
2
4.32 (0.17)
17.78 (0.70)
0.61 (0.02) MAX. 5.08 (0 .20) REF.
(A)
3.81 (0.15)
2.08 (0.08)
Dimensions in millimeters and inches
2X
2.54 (0 .10) 2X
Ordering Information Table
Device Code
10
1 1 2 3 4 5 6 7 -
T
2
T
3
S
4
08
5
S
6
TRL
7
2 (A)
Current Rating, RMS value Circuit Configuration T = Single Thyristor Package T = TO-220AC Type of Silicon S = Converter Grade Voltage code: Code x 100 = VRRM S = TO-220 D2Pak (SMD 220) Version Tape and Reel Option TRL = Left Reel TRR = Right Orientation Reel
1 (K) (G) 3
7
10TTS08S SAFEIR Series
Preliminary Data Sheet I2145 12/97
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 U.S.A Tel: (310) 322-3331 Fax: (310) 322-3332 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020 Fax: ++ 44 1883 733408 IR CANADA: 7231 Victoria Park Ave., Suite #201, Markham, Ontario L3R 2Z8 Tel: (905) 475 1897. Fax: (905) 475 8801 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 Fax: ++ 49 6172 965933 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 4510111 Fax: ++ 39 11 4510220 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171 Tel: 81 3 3983 0086 Fax: 81 3 3983 0642 IR SOUTHEAST ASIA: 315 Outram Road, # 10-02 Tan Boon Liat Building, SINGAPORE 0316. Tel: 65 221 8371. Fax: 65 221 8372.
http://www.irf.com
Fax-On-Demand: +44 1883 733420
Data and specifications subject to change without notice
12/97
8


▲Up To Search▲   

 
Price & Availability of 10TTS08S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X