Part Number Hot Search : 
UC384 FS52N15 S05K230 DS1922T E101M S6022 RBM2S PNX7850
Product Description
Full Text Search
 

To Download 10TTS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data Sheet I2143 11/97
SAFEIR Series 10TTS08
PHASE CONTROL SCR VT
Description/Features
The 10TTS08 SAFEIR series of silicon controlled rectifiers are specifically designed for medium power switching and phase control applications. The glass passivation technology used has reliable operation up to 125 C junction temperature. Typical applications are in input rectification and crow-bar (soft start) and these products are designed to be used with International Rectifier input diodes, switches and output rectifiers which are available in identical package outlines.
< 1.15V @ 6.5A
ITSM = 140A VRRM = 800V
Output Current in Typical Applications Applications
Capacitive input filter TA = 55C, TJ = 125C, common heatsink of 1C/W
Single-phase Bridge
13.5
Three-phase Bridge Units
17 A
Major Ratings and Characteristics Characteristics
IT(AV) Sinusoidal waveform IT(RMS) VRRM/VDRM ITSM VT dv/dt di/dt TJ range @ 6.5 A, TJ = 25C 10 800 140 1.15 150 100 - 40 to 125 A V A V V/s A/s C
Package Outline Units
A
10TTS08
6.5
TO-220AC
Also available in SMD-220 package (series 10TTS08S)
1
10TTS08 SAFEIR Series
Preliminary Data Sheet I2143 11/97
Voltage Ratings
Part Number
10TTS08
VRRM, maximum peak reverse voltage V
800
VDRM , maximum peak direct voltage V
800
IRRM/IDRM 125C mA
1.0
Absolute Maximum Ratings
Parameters
IT(AV) Max. Average On-state Current IT(RMS) Max. RMS On-state Current ITSM Max. Peak One Cycle Non-Repetitive Surge Current It
2
10TTS08
6.5 10 120 140 72 100
Units
A
Conditions
@ TC = 112 C, 180 conduction half sine wave
A
10ms Sine pulse, rated VRRMapplied,TJ = 125C 10ms Sine pulse, no voltage reapplied, TJ = 125C
Max. I t for fusing
2
As
2
10ms Sine pulse, rated VRRMapplied,TJ = 125C 10ms Sine pulse, no voltage reapplied, T J = 125C
I t
2
Max. I t for fusing
2
1000 1.15 17.3 0.85 0.05 1.0 30 50 150 100
A s
2
t = 0.1 to 10ms, no voltage reapplied,TJ = 125C @ 6.5A, TJ = 25C TJ = 125C
VTM rt
Max. On-state Voltage Drop On-state slope resistance
V m V mA
VT(TO) Threshold Voltage IRM/IDM Max.Reverse and Direct Leakage Current IH IL Typ. Holding Current Max. Latching Current
TJ = 25 C TJ = 125 C
VR = rated VRRM/ VDRM
mA mA V/s A/s
Anode Supply = 6V, Resistive load, Initial IT =1A Anode Supply = 6V, Resistive load TJ = 25C
dv/dt Max. rate of rise of off-state Voltage di/dt Max. rate of rise of turned-on Current
2
10TTS08 SAFEIR Series
Preliminary Data Sheet I2143 11/97
Triggering
Parameters
PGM Max. peak Gate Power
10TTS08
8.0 2.0 1.5 10 20 15 10
Units
W
Conditions
PG(AV) Max. average Gate Power + IGM Max. paek positive Gate Current - VGM Max. paek negative Gate Voltage IGT Max. required DC Gate Current to trigger
A V mA Anode supply = 6V, resistive load, TJ = - 65C Anode supply = 6V, resistive load, TJ = 25C Anode supply = 6V, resistive load, TJ = 125C V Anode supply = 6V, resistive load, TJ = - 65C Anode supply = 6V, resistive load, TJ = 25C Anode supply = 6V, resistive load, TJ = 125C TJ = 125C, VDRM = rated value mA TJ = 125C, VDRM = rated value
VGT
Max. required DC Gate Voltage to trigger
1.2 1 0.7
VGD IGD
Max. DC Gate Voltage not to trigger Max. DC Gate Current not to trigger
0.2 0.1
Switching
Parameters
tgt trr tq
Typical turn-on time Typical reverse recovery time Typical turn-off time
10TTS08
0.8 3 100
Units
s TJ = 25C TJ = 125C
Conditions
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range to Case RthJA Max. Thermal Resistance Junction to Ambient RthCS Typ. Thermal Resistance Case to Heatsink wt T Approximate Weight Mounting Torque Min. Max. Case Style 0.5 2 (0.07) 6 (5) 12 (10) g (oz.) Kg-cm (Ibf-in) Mountingsurface,smoothandgreased 62
10TTS08
- 40 to 125 - 40 to 125 1.5
Units
C
Conditions
RthJC Max. Thermal Resistance Junction
C/W
DCoperation
TO-220AC
3
10TTS08 SAFEIR Series
Preliminary Data Sheet I2143 11/97
Maximum Allowable Case Temperature (C)
Maximum Allowable Case Temperature (C)
125 10TTS08 R thJC (DC) = 1.5 K/W 120
Conduction Angle
125
10TTS08 R thJC(DC) = 1.5 K/W
120
Conduction Period
115 30 60 110 90 120 180 105 0 1 2 3 4 5 6 7 Average On-state Current (A)
115 30 60 110 90 120 180 105 0 2 4 6 8 10 12 Average On-state Current (A) DC
Fig. 1 - Current Rating Characteristics
Maximum Average On-state Power Loss (W)
Fig. 2 - Current Rating Characteristics
Maximum Average On-state Power Loss (W) 12 10 8 6 RMS Limit 4 2 0 0 2 4 6 8 10 12 Average On-state Current (A)
Conduction Period
8 7 6 5 4 3
Conduction Angle
180 120 90 60 30 RMS Limit
DC 180 120 90 60 30
2 1 0 0 1 2 3 4 5 6 7 Average On-state Current (A) 10TTS08 T J= 125C
10TTS08 T J = 125C
Fig. 3 - On-state Power Loss Characteristics
Peak Half Sine Wave On-state Current (A)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge.
Fig. 4 - On-state Power Loss Characteristics
Peak Half Sine Wave On-state Current (A) 150 140 130 120 110 100 90 80 70 60 50 0.01
10TTS08
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. Initial T J= 125C No Voltage Reapplied Rated V RRM Reapplied
130 120 110 100 90 80 70 60 1
Initial T J= 125C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
10TTS08
10
100
0.1 Pulse Train Duration (s)
1
Number Of Equal Amplitude Half Cycle Current Puls es (N)
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Maximum Non-Repetitive Surge Current
4
10TTS08 SAFEIR Series
Preliminary Data Sheet I2143 11/97
1000 Instantaneous On-state Current (A) 10TTS08
100
10
T J= 25C T J= 125C
1 0.5
1
1.5
2
2.5
3
3.5
Instantaneous On-stat e Voltage (V)
Fig. 7 - On-state Voltage Drop Characteristics
Transient Thermal Impedance Z thJC (C/W) 10 Steady State Value (DC Operation) 1 D D D D = 0.50 = 0.33 = 0.25 = 0.17
0.1
D = 0.08 Single Pulse 10TTS08
0.01 0.0001
0.001
0. 01 Square Wave Pulse Duration (s)
0.1
1
Fig. 8 - Thermal Impedance ZthJC Characteristics
5
10TTS08 SAFEIR Series
Preliminary Data Sheet I2143 11/97
Outline Table
10.54 (0.41)
2
1.32 (0.05) 3.78 (0.15) DIA. 3.54 (0.14) 2.92 (0.11) 2.54 (0.10) TERM 2 6.48 (0.25) 6.23 (0.24) 1.22 (0.05)
MAX.
15.24 (0.60) 14.84 (0.58) 123
2
14.09 (0.55) 13.47 (0.53)
3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 0.10 (0.004)
1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03)
2.89 (0.11) 2.84 (0.10)
123 4.57 (0.18) 4.32 (0.17)
0.61 (0.02) MAX.
Dimensions in millimeters (and inches)
5.08 (0.20) REF.
Ordering Information Table
Device Code
10
1 1 2 3 4 5 Current Rating Circuit Configuration: T = Single Thyristor Package: T = TO-220AC Type of Silicon: S = Converter Grade
T
2
T
3
S
4
08
2 (A)
5
1 (K) (G) 3
Voltage code: Code x 100 = VRRM
6
10TTS08 SAFEIR Series
Preliminary Data Sheet I2143 11/97
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA:
233 Kansas St., El Segundo, California 90245 U.S.A Tel: (310) 322-3331 Fax: (310) 322-3332 Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020 Fax: ++ 44 1883 733408 7231 Victoria Park Ave., Suite #201, Markham, Ontario L3R 2Z8 Tel: (905) 475 1897. Fax: (905) 475 8801 Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 Fax: ++ 49 6172 965933 Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 4510111 Fax: ++ 39 11 4510220 K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171 Tel: 81 3 3983 0086 Fax: 81 3 3983 0642 315 Outram Road, # 10-02 Tan Boon Liat Building, SINGAPORE 0316. Tel: 65 221 8371. Fax: 65 221 8372.
http://www.irf.com
Fax-On-Demand: +44 1883 733420
Data and specifications subject to change without notice
11/97
7


▲Up To Search▲   

 
Price & Availability of 10TTS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X