Part Number Hot Search : 
1E121 12800 T6K53 R5F213 KBL400 SDA004 74LS139 8HC908A
Product Description
Full Text Search
 

To Download ZVP0545A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ISSUE 2 MARCH 94 FEATURES * 450 Volt VDS * RDS(on)=150
ZVP0545A
D G
S
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Drain-Source Voltage Continuous Drain Current at Tamb=25C Pulsed Drain Current Gate Source Voltage Power Dissipation at Tamb=25C Operating and Storage Temperature Range SYMBOL VDS ID IDM VGS Ptot Tj:Tstg
E-Line TO92 Compatible VALUE -450 -45 -400
20
UNIT V mA mA V mW C
700 -55 to +150
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Drain-Source Breakdown Voltage Gate-Source Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Current(1) Static Drain-Source On-State Resistance (1) Forward Transconductance (1)(2) Input Capacitance (2) Common Source Output Capacitance (2) Reverse Transfer Capacitance (2) Turn-On Delay Time (2)(3) Rise Time (2)(3) Turn-Off Delay Time (2)(3) Fall Time (2)(3) SYMBOL MIN. BVDSS VGS(th) IGSS IDSS ID(on) RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf 40 120 20 5 10 15 15 20 -100 150 -450 -1.5 -4.5 20 -20 -2 MAX. UNIT CONDITIONS. V V nA mA mA
A
ID=-1mA, VGS=0V ID=-1mA, VDS= VGS VGS= 20V, VDS=0V VDS=-450 V, VGS=0 VDS=-360 V, VGS=0V, T=125C(2) VDS=-25 V, VGS=-10V VGS=-10V,ID=-50mA VDS=-25V,ID=-50mA
mS pF pF pF ns ns ns ns
VDS=-25 V, VGS=0V, f=1MHz
VDD -25V, ID=-50mA
(1) Measured under pulsed conditions. Width=300s. Duty cycle 2% (2) Sample test. 3-413
( 3


▲Up To Search▲   

 
Price & Availability of ZVP0545A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X