Part Number Hot Search : 
C3115 2SD1910 OC18E12A 1415920 MB1005 D7201 18030 371903
Product Description
Full Text Search
 

To Download ZVN2110A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ISSUE 2 - MARCH 94 FEATURES * 100 Volt VDS * RDS(on)= 4
ZVN2110A
D G
S
E-Line TO92 Compatible
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Drain-Source Voltage Continuous Drain Current at T amb=25C Pulsed Drain Current Gate Source Voltage Power Dissipation at T amb=25C Operating and Storage Temperature Range SYMBOL V DS ID I DM V GS P tot T j :T stg VALUE 100 320 6 20 700 -55 to +150 UNIT V mA A V mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Drain-Source Breakdown Voltage Gate-Source Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Current(1) Static Drain-Source On-State Resistance (1) Forward Transconductance (1)(2) Input Capacitance (2) Common Source Output Capacitance (2) Reverse Transfer Capacitance (2) Turn-On Delay Time (2)(3) Rise Time (2)(3) Turn-Off Delay Time (2)(3) Fall Time (2)(3) SYMBOL MIN. BV DSS V GS(th) I GSS I DSS I D(on) R DS(on) g fs C iss C oss C rss t d(on) tr t d(off) tf 250 75 25 8 7 8 13 13 1.5 4 100 0.8 2.4 20 1 100 MAX. UNIT CONDITIONS. V V nA A A A mS pF pF pF ns ns ns ns V DD 25V, I D=1A V DS=25 V, V GS=0V, f=1MHz I D=1mA, V GS=0V ID=1mA, V DS= V GS V GS= 20V, V DS=0V V DS=100V, V GS=0 V DS=80V, V GS=0V, T=125C(2) V DS=25V, V GS=10V V GS=10V,I D=1A V DS=25V,I D=1A
(1) Measured under pulsed conditions. Width=300s. Duty cycle 2% (2) Sample test. 3 ) Switching times measured with 50 source impedance and <5ns rise time on a pulse generator
ZVN2110A
TYPICAL CHARACTERISTICS
ID(on) -On-State Drain Current (Amps) ID(on) -On-State Drain Current (Amps)
2.0 VGS= 10V 9V 2.0 1.6 1.2 5V 0.8 4V 0.4 3V 0 2 4 6 8 10 VGS= 10V 9V 8V 7V 6V
1.6 1.2
8V 7V 6V
0.8 5V 0.4 4V 3V 0 0 20 40 60 80 100
VDS - Drain Source Voltage (Volts)
VDS - Drain Source Voltage (Volts)
Output Characteristics
ID(on) -On-State Drain Current (Amps)
Saturation Characteristics
VDS-Drain Source Voltage (Volts)
10
2.8 2.4 2.0 1.6 1.2 0.8 0.4 0 0 2 4 6 8 10 VDS=25V VDS=10V
8 6
4
ID= 1A 500mA 100mA
2
0 0 2 4 6 8 10
VGS-Gate Source Voltage (Volts)
VGS-Gate Source Voltage (Volts)
Voltage Saturation Characteristics
Transfer Characteristics
RDS(on)-Drain Source Resistance ()
10
2.4
Normalised RDS(on) and VGS(th)
2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 -40 -20 0
5 ID= 1A 500mA 100mA
rc ou -S ain Dr
e eR
eR nc ta sis
n) (o DS
VGS=10V ID=1 A
VGS=VDS ID=1mA
Gate Threshold Voltage VGS(TH)
1
1
10
100
20 40 60 80 100 120 140 160 180
VGS-Gate Source Voltage (Volts)
Tj-Junction Temperature (C)
On-resistance v gate-source voltage
Normalised RDS(on) and VGS(th) v Temperature
3-365
ZVN2110A
TYPICAL CHARACTERISTICS
500 500
gfs-Transconductance (mS)
gfs-Transconductance (mS)
400 300 200 100 VDS=25V
400 300 200 100 0 0 2 4 6 8 10
VDS=25V
0 0 0.2 0.4 0.6 0.8 1.0
ID(on)- Drain Current (Amps)
VGS-Gate Source Voltage (Volts)
Transconductance v drain current
Transconductance v gate-source voltage
16 100
VGS-Gate Source Voltage (Volts)
14 12 10 8 6 4 2 0
ID=1A VDS= 20V 50V 80V
C-Capacitance (pF)
80 60 40 20 Coss Crss 0 10 20 30 40 50 Ciss
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
VDS-Drain Source Voltage (Volts)
Q-Charge (nC)
Capacitance v drain-source voltage
Gate charge v gate-source voltage
3-366


▲Up To Search▲   

 
Price & Availability of ZVN2110A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X