Part Number Hot Search : 
MST720C CY3670 Z270Y 485CN AXP173 TG2206F 2SK2276 C0402
Product Description
Full Text Search
 

To Download ZVN2106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ISSUE 2 - MARCH 94 FEATURES * 60 Volt VDS * RDS(on)=2
ZVN2106A
D G
S
E-Line TO92 Compatible
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Drain-Source Voltage Continuous Drain Current at T amb=25C Pulsed Drain Current Gate Source Voltage Power Dissipation at T amb=25C Operating and Storage Temperature Range SYMBOL V DS ID I DM V GS P tot T j :T stg VALUE 60 450 8 20 700 -55 to +150 UNIT V mA A V mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Drain-Source Breakdown Voltage Gate-Source Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Current(1) Static Drain-Source On-State Resistance (1) Forward Transconductance (1)(2) Input Capacitance (2) Common Source Output Capacitance (2) Reverse Transfer Capacitance (2) SYMBOL MIN. BV DSS V GS(th) I GSS I DSS 60 0.8 2.4 20 500 100 2 2 300 75 45 20 MAX. UNIT CONDITIONS. V V nA nA A A mS pF pF pF V DS=18 V, V GS=0V, f=1MHz I D=1mA, V GS=0V ID=1mA, V DS= V GS V GS= 20V, V DS=0V V DS=60 V, V GS=0 V DS=48 V, V GS=0V, T=125C(2) V DS=18V, V GS=10V V GS=10V,I D=1A V DS=18V,I D=1A
I D(on) R DS(on) g fs C iss C oss C rss
3-361
ZVN2106A
TYPICAL CHARACTERISTICS
ID(On) -On-State Drain Current (Amps)
4
VDS-Drain Source Voltage (Volts)
VGS= 10V 9V 8V 7V
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 2 4 6 8 10 0.5A 0.25A ID= 1A
3
2
6V 5V 4V
1
0 0 1 2 3 4 5
3V
VDS - Drain Source Voltage (Volts)
VGS-Gate Source Voltage (Volts)
Saturation Characteristics
RDS(ON) -Drain Source On-Resistance ()
Voltage Saturation Characteristics
ID(On)-On-State Drain Current (Amps)
4
VDS= 10V
10
3
2
1
ID= 1A 0.5A 0.25A
1
0 0 1 2 3 4 5 6 7 8 9 10
0.1 1 2 3 4 5 6 7 8 9 10 20
VGS-Gate Source Voltage (Volts)
VGS-Gate Source Voltage (Volts)
Transfer Characteristics
On-resistance v gate-source voltage
2.4
0.7
Normalised RDS(on) and VGS(th)
2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -80 -60 -40 -20
ain Dr
ce an ist es R VGS=10V ce ID=1A ur So
VGS=VDS ID=1mA
gfs-Transconductance (S)
) on S( RD
0.6 0.5 0.4 0.3 0.2 0.1 0 0 1 2 3 4 5 VDS=10V
Gate Thresh old
Voltage VG S(t
h)
0 20 40 60 80 100 120 140 160
Tj-Junction Temperature (C)
ID- Drain Current (Amps)
Normalised RDS(on) and VGS(th) vs Temperature
Transconductance v drain current
3-362
ZVN2106A
TYPICAL CHARACTERISTICS
0.7 100 0.6
gfs-Transconductance (S)
0.5 0.4 0.3 0.2 0.1 0 0 2 4 6 8 10 VDS=10V
C-Capacitance (pF)
80 60 Ciss 40 20 Coss Crss 0 10 20 30 40 50
VGS-Gate Source Voltage (Volts)
VDS-Drain Source Voltage (Volts)
Transconductance v gate-source voltage
VDD= 20V 30V 50V ID=3A
Capacitance v drain-source voltage
16
VGS-Gate Source Voltage (Volts)
14 12 10 8 6 4 2 0 0
0.5
1.0
1.5
2.0
2.5
3.0
Q-Charge (nC)
Gate charge v gate-source voltage
3-363


▲Up To Search▲   

 
Price & Availability of ZVN2106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X