Part Number Hot Search : 
87760 W5NK100Z 85010 TC2054 LR9101 DS2164Q TPC80 6111A
Product Description
Full Text Search
 

To Download ZMV831ATA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 830 series
SILICON 28V HYPERABRUPT VARACTOR DIODES
ZC829, ZDC833, ZMV829, ZMDC830, ZV831 Series Device Description
A range of silicon varactor diodes for use in frequency control and filtering. Featuring closely controlled CV characteristics and high Q. Low reverse current ensures very low phase noise performance. Available in single or dual common cathode format in a wide rage of miniature surface mount packages.
Features
* Close tolerance C-V characteristics * High tuning ratio * Low IR (typically 200pA) * Excellent phase noise performance * High Q * Range of miniature surface mount packages
Applications
* VCXO and TCXO * Wireless communications * Pagers * Mobile radio
*Where steeper CV slopes are required there is the 12V hyperabrupt range. ZC930, ZMV930, ZV930, ZV931 Series ISSUE 6 - JANUARY 2002 1
830 series
TUNING CHARACTERISTICS at Tamb = 25C
PART Capacitance (pF) V R =2V, f=1MHz MIN. 829A 829B 830A 830B 831A 831B 832A 832B 833A 833B 834A 834B 835A 835B 836A 836B 7.38 7.79 9.0 9.5 13.5 14.25 19.8 20.9 29.7 31.35 42.3 44.65 61.2 64.6 90.0 95.0 NOM. 8.2 8.2 10.0 10.0 15.0 15.0 22.0 22.0 33.0 33.0 47.0 47.0 68.0 68.0 100.0 100.0 MAX. 9.02 8.61 11.0 10.5 16.5 15.75 24.2 23.1 36.3 34.65 51.7 49.35 74.8 71.4 110.0 105.0 250 250 300 300 300 300 200 200 200 200 200 200 100 100 100 100 Min Q V R =3V f=50MHz MIN. 4.3 4.3 4.5 4.5 4.5 4.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Capacitance Ratio C 2 / C 20 at f=1MHz MAX. 5.8 5.8 6.0 6.0 6.0 6.0 6.5 6.5 6.5 6.5 6.5 6.5 6.5 6.5 6.5 6.5
ABSOLUTE MAXIMUM RATINGS
PARAMETER Forward current Power dissipation at T amb = 25 C SOT23 Power dissipation at T amb = 25 C SOD323 Power dissipation at T amb = 25 C SOD523 Operating and storage temperature range SYMBOL IF P tot P tot P tot MAX 200 330 330 250 -55 to +150 UNIT mA mW mW mW C
ELECTRICAL CHARACTERISTICS at Tamb = 25C
PARAMETER Reverse breakdown voltage Reverse voltage leakage Temperature coefficient of capacitance CONDITIONS I R = 10uA V R = 20V V R = 3V, f = 1MHz MIN. 25 0.2 300 20 400 TYP. MAX. UNIT V nA ppCm/ C
ISSUE 6 - JANUARY 2002 2
830 series
TYPICAL CHARACTERISTICS
ISSUE 6 - JANUARY 2002 3
ORDER CODES AND PART MARKING
SOD323 SOD523 SOT23 SOT323
830 series
SOT23
ORDER CODE ZMV829ATA ZMV829BTA ZMV830ATA ZMV830BTA ZMV831ATA ZMV831BTA ZMV832ATA ZMV832BTA ZMV833ATA ZMV833BTA ZMV834ATA ZMV834BTA ZMV835ATA ZMV835BTA CG AG CF AF CE ZDC834ATA C5A AE ZDC833ATA CD ZV832BV2TA 82 C2A AD ZMDC832BTA CC ZV831BV2TA 81 AC ZMDC831BTA CB AB CA AA
PART MARK
ORDER CODE PART MARK
ORDER CODE PART MARK
ORDER CODE
PART MARK
ORDER CODE
PART MARK
ZC829ATA
J9A
ZC829BTA
J9B
ZC830ATA
J1A
ZC830BTA
J1B
ZC831ATA
J3A
ZC831BTA
J3B
CC CD
ZC832ATA
J4A
4
REEL SIZE 7 inch (180mm) 13 inch (330mm) TAPE WIDTH 8mm 8mm 3000 10000
ZC832BTA
J4B
ZC833ATA
J2A
ZC833BTA
J2B
ZC834ATA
J5A
ZC834BTA
J5B
ZC835ATA
J6A
ZC835BTA
J6B
ZC836ATA
J7A
ZC836BTA
J7B
TAPE AND REEL INFORMATION
The order codes are shown as TA which is for 7 inch reels. For 13 inch reels substitute TC in place of TA in the order code.
QUANTITY PER REEL
REEL CODE
TA
ISSUE 6 - JANUARY 2002
TC
830 series
SOT23 PACKAGE DIMENSIONS
DIM Millimetres Min A B C D F G K L N 2.67 1.20 - 0.37 0.085 Max 3.05 1.40 1.10 0.53 0.15 Inches Min 0.105 0.047 - 0.0145 0.0033 Max 0.120 0.055 0.043 0.021 0.0059
NOM 1.9 0.01 2.10 0.10 2.50
NOM 0.075 0.0004 0.0825 0.004 0.0985
NOM 0.95
NOM 0.037
SOD323 PACKAGE DIMENSIONS
DIM
Millimetres MIN MAX 1.16 0.1 0.4 0.2 1.77 1.37 2.71
Inches MIN 0.036 0.0 0.013 0.005 0.060 0.044 0.097 MAX 0.046 0.004 0.016 0.008 0.070 0.054 0.107
A B D E F G H
0.91 0.0 0.33 0.127 1.52 1.11 2.46
ISSUE 6 - JANUARY 2002 5
830 series
SOD523 PACKAGE DIMENSIONS
DIM MILLIMETRES MIN. A A1 A2 b1 c D E E1 L L1 1 0.000 0.600 0.160 0.080 0.700 1.500 1.100 0.200 0.170 4 MAX 0.800 0.100 0.800 0.300 0.220 0.900 1.700 1.300 0.400 0.230 10
SOD323 PACKAGE DIMENSIONS
DIM
Millimetres MIN MAX 2.2 1.35 1.0 0.4 0.25 1.4 0.1 2.2 0.70
Inches MIN 0.071 0.045 0.031 0.008 0.004 0.047 -- 0.079 0.023 MAX 0.087 0.053 0.039 0.016 0.01 0.055 0.004 0.087 0.028
A B C D F G K L N
1.8 1.15 0.8 0.2 0.1 1.2 -- 2.0 0.60
(c) Zetex plc 2001
Zetex plc Fields New Road Chadderton Oldham, OL9 8NP United Kingdom Telephone (44) 161 622 4422 Fax: (44) 161 622 4420 Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY11788 USA Telephone: (631) 360 2222 Fax: (631) 360 8222 Zetex (Asia) Ltd 3701-04 Metroplaza, Tower 1 Hing Fong Road Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to
www.zetex.com
ISSUE 6 - JANUARY 2002 6


▲Up To Search▲   

 
Price & Availability of ZMV831ATA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X