Part Number Hot Search : 
8075BVR BTA208 L6911E07 RAPC3221 RQK06 L6911E07 UT54AC TA8644F
Product Description
Full Text Search
 

To Download VUO122 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VUO 122
Three Phase Rectifier Bridge
in ECO-PAC 2
Preliminary data
PS16 ~A 1 ~L 9 ~ K10 EG 1
IdAV = 117 A VRRM = 800-1600 V
VRSM V 900 1300 1500 1700
VRRM V 800 1200 1400 1600
Types
VUO 122-08NO7 VUO 122-12NO7 VUO 122-14NO7 VUO 122-16NO7
Pin arangement see outlines
B3
Symbol IdAV IFSM
Test Conditions TC = 100C, module TVJ = 45C; VR = 0 TVJ = TVJM VR = 0 t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine
Maximum Ratings 117 900 990 770 850 4050 4050 2950 2950 -40...+150 150 -40...+125 A A A A A A2 s A2 s As A2 s C C C V~ V~ Nm lb.in. g
2
Features * Package with DCB ceramic base plate * Isolation voltage 3000 V~ * Planar passivated chips * Low forward voltage drop * Leads suitable for PC board soldering Applications * * * * Supplies for DC power equipment Input rectifiers for PWM inverter Battery DC power supplies Field supply for DC motors
I2t
TVJ = 45C VR = 0 TVJ = TVJM VR = 0
TVJ TVJM Tstg VISOL Md Weight 50/60 Hz, RMS IISOL 1 mA t = 1 min t=1s
Advantages * Easy to mount with two screws * Space and weight savings * Improved temperature and power cycling capability * Small and light weight Dimensions in mm (1 mm = 0.0394")
2500 3000 1.5 - 2 14 - 18 18
Mounting torque (M4) typ.
Symbol IR VF VT0 rT RthJC RthJH dS dA a
Test Conditions VR = VRRM; VR = VRRM; IF = 200 A; TVJ = 25C TVJ = TVJM TVJ = 25C
Characteristic Values 0.5 5 1.75 0.8 4 0.85 0.142 1.15 0.192 11.2 9.7 50 mA mA V V m K/W K/W K/W K/W mm mm m/s2
For power-loss calculations only per diode; DC current per module per diode, DC current (typ.) per module (typ.) Creeping distance on surface Creepage distance in air Max. allowable acceleration
Data according to IEC 60747 refer to a single diode unless otherwise stated for resistive load at bridge output.
IXYS reserves the right to change limits, test conditions and dimensions.
(c) 2002 IXYS All rights reserved
1-1
241


▲Up To Search▲   

 
Price & Availability of VUO122

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X