Part Number Hot Search : 
IRFP1405 T4318 0302B RL201G VH2S51 RL201G CA61T 02227
Product Description
Full Text Search
 

To Download VT83027 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VT83027 27MHz, 3.3V VCXO (Voltage-Controlled Crystal Oscillator)
Applications
*= *= Set-top boxes Telecom switching *= *= HDTV MPEG Video clock source
General Description
The Vaishali VT83027 is a single-chip, integrated VCXO and Phase Locked Loop (PLL) clock synthesizer. The device uses the VCXO and an analog Phase-Locked Loop (PLL) to accept a 13.5 MHz, 14 pF (pull range of 200 ppm) crystal input, and produce a 27 MHz output. A 0 to 3V control signal is used to fine tune the output clock frequency in the 100ppm range.
Features
*= *= *= 3.3V supply operation Low jitter PLL Clock Synthesizer -= Zero ppm synthesis error Uses inexpensive pullable crystal *= *= *=
12mA drive capability
On-chip oscillator with 200 ppm pull range (100 ppm) 8 pin SOIC package
Figure 1. Functional Block Diagram
Figure 2. Pin Configuration
VDD1
VDD2
VT83027
VIN X2 13.5 MHz Pullable Crystal Load Cap Control Low Phase osc Noise PLL
X1 VDD1
Output Buffer CLK1
1 2 3 4
8 7 6 5
X2 GND1 VDD2 CLK
Load Caps
VIN GND2
8 pin (150 mil) SOIC
X1 GND1 GND2
2001-04-17 Vaishali Semiconductor
Page 1 www.vaishali.com 747 Camden Avenue, Suite C Campbell CA 95008
MDST-0003-03 Ph. 408.377.6060 Fax 408.377.6063
VT83027
Table 1. Pin Description Name
X1 VDD1 VIN GND2 CLK VDD2 GND1 X2 1 2 3 4 5 6 7 8
Pin #
Type
Xi P I P O P P Xi Core VDD. Connect to 3.3V
Description
Crystal connection. Connect to a 13.5 MHz pullable crystal
Voltage input to VCXO. Zero to 3V signal controls the frequency of the VCXO. Connect to ground. Clock output Output driver VDD . Connect to 3.3V Connect to ground. Crystal connection. Connect to a13.5 MHz pullable crystal.
Legend: I = Input O = Output P = Power supply connection Xi = Crystal connections.
Table 2. Pullable Crystal Specifications Parameter
Correlation (load) capacitance C0/C1 ESR Operating Temperature Initial Accuracy Temperature + Aging Stability
Value
14 pF 240 max 35 max 0C to +70C 20 ppm 50 ppm
Table 3. Absolute Maximum Ratings Parameter
Supply voltage, VDD Inputs and Clock Outputs Soldering Temperature Storage temperature
Conditions
Referenced to GND Referenced to GND Max of 10 seconds
Min
-0.5
Typ
Max
5 VDD+0.5 260
Units
V V C C
-65
150
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and correct functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
2001-04-17 Vaishali Semiconductor
Page 2 www.vaishali.com 747 Camden Avenue, Suite C Campbell CA 95008
MDST-0003-03 Ph. 408.377.6060 Fax 408.377.6063
VT83027
Table 4. Operating Conditions Parameter
Operating Voltage, VDD Input High Voltage, VIH Input Low Voltage, VIL Operating Temperature VCXO control voltage, VIN X1 pin only X1 pin only 0 0
Conditions
Min
3.15 2.5
Typ
3.3
Max
3.45
Units
V V
0.4 70 3
V C V
Table 5. DC Electrical Characteristics
TA = 0C to +70C, VDD = 3.15 V to 3.45 V
Symbol
VOH VOL IIL IIH IOS CIN IDDQ IDD
Parameter
Output High Voltage Output Low Voltage Input Low Leakage Current Input High Leakage Current Short Circuit Current Input Capacitance Quiescent Power Supply Current Operating Supply Current
Condition
IOH=-12mA IOL=12mA VIN = 0v VIN = 3.45v Each output X1 and VIN inputs
Min
2.4
Typ
(1)
Max
0.4 -60 60
Units
V V A A mA pF
85 7
No load No Load 28
18
mA mA
Note: 1. Typical values are at VDD = 3.3V and 25C
Table 6. AC Electrical Characteristics
TA = 0C to +70C, VDD = 3.15 V to 3.45 V
Symbol
fosc tr tf tod tjit (pk- pk)
Parameter
Input Crystal Frequency Output Clock Rise Time Output Clock Fall Time Output Clock Duty Cycle Maximum Absolute Jitter (Peak to Peak) Output pullability
Condition
0.8 to 2.0V 2.0 to 0.8V At VDD/2
Min
Typ
13.500
Max
1.5 1.5
Units
MHz ns ns % ps
40 100
60
0V VIN 3V
100
ppm
Note: 1. Typical values are at VDD = 3.3V and 25C
Ordering Information Part Number
VT83027S1 VT83027S1X VT83027/D VT83027/DW
Marking
VT83027S1 VT83027S1
Shipping/Packaging
Tubes Tape & Reel Dice in waffle-pack Dice in wafer form
No. of Pins
8 8
Package
SOIC SOIC
Temperature
0C to +70C 0C to +70C 0C to +70C 0C to +70C
2001-04-17 Vaishali Semiconductor
Page 3 www.vaishali.com 747 Camden Avenue, Suite C Campbell CA 95008
MDST-0003-03 Ph. 408.377.6060 Fax 408.377.6063


▲Up To Search▲   

 
Price & Availability of VT83027

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X