Part Number Hot Search : 
BA2903KN 2N1651 EF100 GV860 13003A CXXXE TC2000 AD10201
Product Description
Full Text Search
 

To Download VSC8115 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8115
Features
* Performs clock and data recovery for 622.08Mb/s (STS-12/OC-12/STM-4) or 155.52Mb/s (STS-3/OC-3/STM-1) NRZ data * Meets Bellcore, ITU and ANSI Specifications for Jitter Performance * 19.44MHz reference frequency LVTTL Input * Lock Detect output pin monitors data run length and frequency drift from the reference clock * Data is Retimed at the Output * Active High Signal Detect LVPECL Input
STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
* Low-jitter high speed outputs can be configured as either LVPECL or low power LVDS * Low power - 0.188 Watts Typical Power * +3.3V Power Supply * 20 Pin TSSOP Package * Requires One External Capacitor * PLL bypass operation facilitates the board debug process
General Description
The VSC8115 functions as a clock and data recovery unit for SONET/SDH-based equipment to derive high speed timing signals. The VSC8115 recovers the clock from the scrambled NRZ data operating at 622.08Mb/s (STS-12/OC-12/STM-4) or 155.52Mb/s (STS-3/OC-3/STM-1). After the clock is recovered, the data is retimed using an output flip-flop. Both recovered clock and retimed data outputs can be configured as LVDS or LVPECL signals to facilitate a low-jitter and low power interface.
VSC8115 Block Diagram
STS12 Divider CAP+ CAPVCO BYPASS DATAIN+/SD LOCKREFN REFCLK
0 1 2 2
Phase/ Freq Detector
Loop Filter
2
LOCKDET DATAOUT+/-
CLKOUT+/-
G52272-0, Rev. 1.1
9/29/00
(c) VITESSE SEMICONDUCTOR CORPORATION 741 Calle Plano, Camarillo, CA 93012 * 805/388-3700 * FAX: 805/987-5896
Page 1
VITESSE
SEMICONDUCTOR CORPORATION
STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
Target Specification
VSC8115
Functional Description
The VSC8115 contains an on-chip PLL consisting of a phase/frequency detector, a loop filter using one external capacitor, a LC-based voltage-controlled oscillator (VCO), and a programmable frequency divider. The phase/frequency detector compares the phase relationship between the VCO output and an external 19.44MHz LVTTL reference clock to make coarse adjustment to the VCO block so that its output is held within +500ppm of the reference clock. The use of reference clock minimizes the PLL lock time during power up and provides a stable output clock source in the absence of serial input data. The phase/frequency detector also compares the phase relationship between the VCO output and the serial data input to make fine adjustment to the VCO block. The loop filter converts the phase detector output into a smooth DC voltage. This DC voltage is used as the input to the VCO block whose output frequency is a function of the input voltage. A programmable frequency divider down converts the VCO output signal and provides two modes of operation: 622.08Mb/s mode if STS12 is HIGH, or 155.52Mb/s mode if STS12 is LOW.
Lock Detection The VSC8115 features a lock detection for the PLL. The lock detect (LOCKDET) output goes HIGH to indicate that the PLL is locked to the serial data inputs and that valid data and clock are present at the high speed differential outputs. If LOCKDET output is LOW, then either the PLL is forced to lock to the REFCLK input or the VCO has drifted away from the local reference clock by more than 500 ppm. Signal Detection The VSC8115 has a signal detect (SD) input and a lock-to-reference (LOCKREFN) input. The SD pin is a LVPECL input, and the LOCKREFN pin is a LVTTL input. These two control pins are used to indicate a loss of signal condition and they are connected inside the part as shown in Figure 1. If either one of these two inputs goes LOW and BYPASS is LOW, the VSC8115 will enter the loss of signal (LOS) state, and it will hold the DATAOUT+/- output at logic LOW state. During the LOS state, the VSC8115 also will hold the output clock CLKOUT+/- to within +500ppm of the REFCLK. See Table 1. Most of the optical module has a signal detect output. This signal detect output indicates that there is sufficient optical power, and it is typically active HIGH. If the signal detect output on the optical module is LVPECL, it should be connected directly to the SD input on the VSC8115, and the LOCKREFN input needs to be tied HIGH. If the signal detect output is LVTTL, it should be connected directly to the LOCKREFN input, and the SD input needs to be tied HIGH. The SD and LOCKREFN inputs also can be used for other applications when the users need to hold the CLKOUT+/- output to within +500ppm of the reference clock and to force the DATAOUT+/- output to the logic LOW state. PLL Bypass Operation The BYPASS pin is intended for use in production test, and it should be set at logic LOW in the normal operation. If both BYPASS and MODE pins are set at logic HIGH, the VSC8115 will bypass the PLL and will present an inverted version of the REFCLK to the clock output CLKOUT+/-. The REFCLK's rising edge is used to capture data at DATAIN+/- and transmit data at DATAOUT+/-. This bypass operation can be used to facilitate the board debug process.
Page 2
(c) VITESSE SEMICONDUCTOR CORPORATION 741 Calle Plano, Camarillo, CA 93012 * 805/388-3700 * FAX: 805/987-5896
G52272-0, Rev. 1.1
9/29/00
VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8115
STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
Figure 1: Control Diagram for Signal Detection and PLL Bypass Operation
2 2
DATAIN+/-
DATAOUT+/-
PLL Clock (on-chip) REFCLK STS12 BYPASS
0 1
2
CLKOUT+/-
LOCKREFN SD
LOS (on-chip)
Table 1: Signal Detection and PLL Bypass Operation Control STS12
1 1 1 1 1 0 0 0 0 0
BYPASS
0 0 0 0 1 0 0 0 0 1
LOCKREFN
1 1 0 0 X 1 1 0 0 X
SD
1 0 1 0 X 1 0 1 0 X
LOS
0 1 1 1 0 0 1 1 1 0
DATAOUT
DATIN LOW LOW LOW DATIN DATIN LOW LOW LOW Not Allowed
CLKOUT
PLL Clock PLL Clock PLL Clock PLL Clock REFCLK PLL Clock PLL Clock PLL Clock PLL Clock Not Allowed
G52272-0, Rev. 1.1
9/29/00
(c) VITESSE SEMICONDUCTOR CORPORATION 741 Calle Plano, Camarillo, CA 93012 * 805/388-3700 * FAX: 805/987-5896
Page 3
VITESSE
SEMICONDUCTOR CORPORATION
STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
Target Specification
VSC8115
AC Characteristics
Table 2: Performance Specifications Parameters VCO Center Frequency CRU's Reference Clock Frequency Tolerance OC-12/STS12 Capture Range Clock Output Duty Cycle Acquisition Lock Time OC-12/STS-12 LVDS Output Rise & Fall Times CLKOUT+/- Jitter Generation OC-12/STS-12 Jitter Tolerance Min
-- -250 -- 45 -- -- --
Typ
622.08 -- 500 -- -- -- 0.005
Max
-- +250 -- 55 16 600 0.01
Units
MHz ppm ppm % of UI s ps U.I.
Conditions
With respect to the fixed reference frequency 20% Minimum transition density Valid REFCLK and device already powered up 10% to 90%, with 100 & 5pF capacitive equivalent load No more than 14ps rms jitter on DATAIN+/Sinusoidal input jitter of DATAIN+/- from 250KHz to 5MHz
0.5
--
--
U.I.
Page 4
(c) VITESSE SEMICONDUCTOR CORPORATION 741 Calle Plano, Camarillo, CA 93012 * 805/388-3700 * FAX: 805/987-5896
G52272-0, Rev. 1.1
9/29/00
VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8115
STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
Jitter Tolerance Jitter Tolerance is the ability of the Clock and Data Recovery Unit to track timing variation in the received data stream. The Bellcore and ITU specifications allow the received optical data to contain jitter. The amount that must be tolerated is a function of the frequency of the jitter. At high frequencies the specifications do not require the VSC8115 to tolerate large amounts, whereas at low frequencies many unit intervals (bit times) of jitter have to be tolerated. Jitter tolerance is defined as the ratio of jitter on the output OC-N/STS-N signal to the jitter applied on the input OC-N/STSN signal versus frequency. The VSC8115 is designed to tolerate this jitter with margin over the specification limits, see Figure 2. The VSC8115 obtains and maintains lock based on the data transition information. When there is no transition on the data stream, the recovered clock frequency will be held to within +500ppm of the reference clock. The VSC8115 can maintain lock over 1000 bits of no switching on data stream. Figure 2: Input Jitter Tolerance Specification
JITTER(UI P-P)
150
Bellcore Requirement
24
VSC8115 Typical Jitter Tolerance
15 2.4 1.5 0.6 0.15
10
30
300
25K
250K 1M 2.5M
JITTER FREQ(HZ)
Jitter Generation Jitter generation is defined as the jitter of the serial clock and serial data outputs while rms jitter is presented to the serial data inputs. Maximum jitter generation is 0.01 U.I. when rms jitter of less than 14ps (OC-12) or 56ps (OC-3) is presented to the serial data inputs.
G52272-0, Rev. 1.1
9/29/00
(c) VITESSE SEMICONDUCTOR CORPORATION 741 Calle Plano, Camarillo, CA 93012 * 805/388-3700 * FAX: 805/987-5896
Page 5
VITESSE
SEMICONDUCTOR CORPORATION
STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
Target Specification
VSC8115
Retimed Data and Clock Outputs AC Specification As indicated in figure 3, it is recommended that the retimed data output be captured with the rising edge of the clock output. Data valid time is larger for OC-3/STS-3 mode of operation than that of OC-12/STS-12. Data valid time before the output clock's rising edge is the available setup time (tsu) while the data valid time after the clock's rising edge is the available hold time (th). Figure 3: Retimed Data and Clock Outputs Timing Diagram
DATAOUT+/-
CLKOUT+
tsu
th
Table 3: Retimed Data and Clock Outputs Timing Parameters
tsu th
Description
Minimum Available Setup Time Minimum Available Hold Time
STS-12 Operation (622.08MHz)
450 pS 650 pS
STS-3 Operation (155.52MHz)
2.0 nS 3.0 nS
High Speed Outputs The high speed output buffers, DATAOUT+/- and CLKOUT+/-, can be terminated as either LVDS or LVPECL outputs. If used as LVDS outputs, the transmission lines should be routed with 100-ohm differential impedance, and they need to be terminated at the receive end with a 100-ohm resistor across the differential pair. If used as LVPECL outputs, the transmission line should be 50-ohm terminated with 50-ohm pull down resistors near the receiving end.
Page 6
(c) VITESSE SEMICONDUCTOR CORPORATION 741 Calle Plano, Camarillo, CA 93012 * 805/388-3700 * FAX: 805/987-5896
G52272-0, Rev. 1.1
9/29/00
VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8115
DC Characteristics
Table 4: LVPECL Single-ended Inputs and Outputs Parameters VIH VIL IIH IIL VOL VOH Description Input HIGH voltage Input LOW voltage Input HIGH current Input LOW current Output LOW voltage Output HIGH voltage Min
VDD - 1.125 VDD - 2.0 -0.5 -0.5 VDD - 2.0 VDD - 1.25
STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
Typ
-- -- -- -- -- --
Max
VDD - 0.5 VDD - 1.5 10 10 VDD - 1.8 VDD - 0.67
Units
V V A A V V
Conditions Guaranteed Input HIGH Voltage Guaranteed Input LOW Voltage VIN = VDD - 0.5V VIN = VDD - 2.0V 50 to (VDD - 2V) 50 to (VDD - 2V)
Table 5: LVPECL Differential Inputs Parameters VIH VIL
VIN
Description Input HIGH voltage Input LOW voltage Differential Input Voltage Input HIGH current Input LOW current
Min
VDD - 1.75 VDD - 2.0 250 -0.5 -0.5
Typ
-- -- -- -- --
Max
VDD - 0.45 VDD - 0.7 -- 10 10
Units
V V mV A A
Conditions Guaranteed Input HIGH Voltage Guaranteed Input LOW Voltage
-- VIN = 0.5V VIN = 0.5V
IIH IIL
G52272-0, Rev. 1.1
9/29/00
(c) VITESSE SEMICONDUCTOR CORPORATION 741 Calle Plano, Camarillo, CA 93012 * 805/388-3700 * FAX: 805/987-5896
Page 7
VITESSE
SEMICONDUCTOR CORPORATION
STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
Table 6: LVDS Differential Outputs Parameters VOCM
VOUT
Target Specification
VSC8115
Description Common Mode voltage Differential Output Swing
Min
1.0 350
Typ
1.35 500
Max
1.7 750
Units
V mV
Conditions 100 PAD to PADN 100 PAD to PADN
Table 7: LVPECL Differential Outputs Parameters VOCM
VOUT
Description Common Mode voltage Differential Output Swing
Min
1.12 400
Typ
-
Max
2.0 800
Units
V mV
Conditions 50 to (VDD - 2V) 50 to (VDD - 2V)
Table 8: LVTTL Inputs Parameters VIH VIL IIH IIL Description Input HIGH voltage Input LOW voltage Input HIGH current Input LOW current Min
2.0 0 -50 -50
Typ
-- -- -----
Max
VDD 0.8 50 50
Units
V V A A
Conditions -- -- VIN = 2.7V, VDD=MAX VIN = 0.5V, VDD=MAX
Power Dissipation
Table 9: Power Supply Currents Parameter
IDD PD Power dissipation
Description
Power supply current from VDD
(Typ)
57 188.1
(Max)
80 277
Units
mA mW
Page 8
(c) VITESSE SEMICONDUCTOR CORPORATION 741 Calle Plano, Camarillo, CA 93012 * 805/388-3700 * FAX: 805/987-5896
G52272-0, Rev. 1.1
9/29/00
VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8115
Absolute Maximum Ratings(1)
STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
Power Supply Voltage (VDD) Potential to GND.................................................................................-0.5V to +4V DC Input Voltage (LVPECL Inputs)..................................................................................... -0.5V to VDD + 0.5V DC Input Voltage (LVTTL Inputs) ....................................................................................... -0.5V to VDD + 0.5V Output Current (LVDS or LVPECL Outputs).......................................................................................... +/-50mA Case Temperature Under Bias.........................................................................................................-55o to +125oC Storage Temperature .................................................................................................................... -65oC to +150oC Maximum Input ESD (Human Body Model) High Speed Outputs (pins 11, 12, 13, & 14) .................................................................................... 500V All Other Pins ................................................................................................................................. 1500V
Note: Caution: Stresses listed under "Absolute Maximum Ratings" may be applied to devices one at a time without causing permanent damage. Functionality at or exceeding the values listed is not implied. Exposure to these values for extended periods may affect device reliability.
Recommended Operating Conditions
Power Supply Voltage (VDD)................................................................................................................+3.3V 5 % Industrial Operating Ambient Temperature Range under Bias ......................................................... -40o to 85oC Commercial Operating Ambient Temperature Range under Bias ....................................................... 0o to 70oC
Package Pin Descriptions
Figure 4: Pin Diagram
VDDA DATAIN+ DATAINVSSA LOCKDET STS12 REFCLK LOCKREFN VSS VDD 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VDDA VSSA CAP+ CAPBYPASS SD DATAOUT+ DATAOUTCLKOUT+ CLKOUT-
G52272-0, Rev. 1.1
9/29/00
(c) VITESSE SEMICONDUCTOR CORPORATION 741 Calle Plano, Camarillo, CA 93012 * 805/388-3700 * FAX: 805/987-5896
Page 9
VITESSE
SEMICONDUCTOR CORPORATION
STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
Table 10: Pin Identification Signal
DATAIN+/DATAOUT+/-
Target Specification
VSC8115
I/O
I O
Level
LVPECL LVDS/LVPECL
Pin Description
Receive data in. The high speed output clock (CLKOUT+/-) is recovered from this high speed differential input data. High speed differential data out. This is the retimed version of the receive data input (DATAIN+/-). Can be configured as either LVDS or LVPECL signal. High speed differential clock out This clock is recovered from the receive data input (DATAIN+/-). Can be configured as either LVDS or LVPECL signal. STS-12 or STS-3 mode selection. Set HIGH to select the STS-12 operation. Set LOW to select the STS-3 operation. Lock to REFCLK input. When set LOW, it holds the CLKOUT+/output to within +500ppm of the REFCLK input, and it forces the DATAOUT+/- output to the LOW state. Signal Detect. SD should be connected to the SD output on the optical module. SD is active HIGH. When SD is set HIGH, it means that there is sufficient optical power. When SD is set LOW to indicate loss of signal condition, the CLKOUT+/- output signal will be held to within +500ppm of the REFCLK input; in additions, the DATAOUT+/- will be held in the LOW state. 19.44 MHz local reference clock input for the CRU. REFCLK is used for the PLL phase adjustment during power up, and it also serves as a stable clock source in the absence of serial input data. Active HIGH to indicate that PLL is locked to serial data input, and valid clock and data are present at the serial outputs (DATAOUT+/and CLKOUT+/-). The LOCKDET will go inactive under the following conditions: (1). If SD is set LOW. (2). If LOCKREFN is set LOW. (3). If the VCO has drifted away from the local reference clock REFCLK by more than 500 ppm. Used for production test. Set to VSS for normal operation. External loop filter pins. The loop filter capacitor should be connected to these pins. The capacitor value should be 1.0uF +10% tolerance. +3.3V Power Supply for low speed I/O's and on-chip digital CMOS blocks. Ground pin for low speed I/O's and on-chip digital CMOS blocks +3.3V Power Supply for high speed I/O's and on-chip PLL blocks. Ground pins for high speed I/O's and on-chip PLL blocks.
CLKOUT+/STS12 LOCKREFN
O I I
LVDS/LVPECL LVTTL LVTTL
SD
I
LVPECL
REFCLK
I
LVTTL
LOCKDET
O
LVPECL
BYPASS CAP+/CAPVDD VSS VDDA VSSA
I I
LVTTL Analog +3.3V GND +3.3V GND
Page 10
(c) VITESSE SEMICONDUCTOR CORPORATION 741 Calle Plano, Camarillo, CA 93012 * 805/388-3700 * FAX: 805/987-5896
G52272-0, Rev. 1.1
9/29/00
VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8115
Package Information
TSSOP Package Drawings
Key
A A1 A2 aaa b b1 bbb c c1 E1 e E L
STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
Min
Nom
Max
1.10 0.15 0.95 0.30 0.25 0.20 0.16 4.50
-
0.05 0.85 0.19 0.19 0.09 0.09 4.30
- -
0.90 0.076
-
0.22 0.10
-
0.127 4.40 0.65 BSC 6.40 BSC
0.50 0
0.60
-
0.70 8
G52272-0, Rev. 1.1
9/29/00
(c) VITESSE SEMICONDUCTOR CORPORATION 741 Calle Plano, Camarillo, CA 93012 * 805/388-3700 * FAX: 805/987-5896
Page 11
VITESSE
SEMICONDUCTOR CORPORATION
STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
Target Specification
VSC8115
Package Thermal Characteristics
The VSC8115 is packaged in a Thin Shrink Small Outline Package (TSSOP). This package conforms to JEDEC package outline standards. It has hi-conductivity copper lead frames and a very low-stress mold compound. The junction to case thermal resistance is 80oC/W for multi-layer PCB applications and 126oC/W for single-layer PCB applications. The air flow versus thermal resistance relationship for multi-layer PCB applications is shown in Table 11.
Table 11: Theta Case to Ambient versus Air Velocity Case to Air Thermal Resistance (oC/W)
55.0 52.0 49.0 46.0
Ta (Ambient Temperature) Range (oC) YA (0oC to 75oC ) Tcase
15.4 14.6 13.7 12.9 to to to to 59.6 60.4 61.3 62.1
Air Velocity (LFPM)
0 100 200 400
YA1 (0oC to 103oC ) Tcase
15.4 14.6 13.7 12.9 to to to to 87.6 88.4 89.3 90.1
YA2 (-40oC to 85oC ) Tcase
-55.4 -54.6 -53.7 -52.9 to to to to 69.6 70.4 71.3 72.1
Ordering Information
The order number for this product are: Part Number VSC8115YA: VSC8115YA1 VSC8115YA2 Device Type STS-12/STS-3 Multi-Rate Clock and Data Recovery Unit in a 20 Pin TSSOP Commercial Temperature, 0C ambient to 70C case STS-12/STS-3 Multi-Rate Clock and Data Recovery Unit in a 20 Pin TSSOP Extended Temperature, 0C ambient to 110C case STS-12/STS-3 Multi-Rate Clock and Data Recovery Unit in a 20 Pin TSSOP Industrial Temperature, -40C ambient to 85C case
Notice
This document contains information about a proposed product during its design phase of development and is subject to change without notice at any time. All features and specification are design goals only. Please contact Vitesse Semiconductor to obtain the latest product status and most recent versions of this specification.
Warning
Vitesse Semiconductor Corporation's product are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without the written consent is prohibited.
Page 12
(c) VITESSE SEMICONDUCTOR CORPORATION 741 Calle Plano, Camarillo, CA 93012 * 805/388-3700 * FAX: 805/987-5896
G52272-0, Rev. 1.1
9/29/00


▲Up To Search▲   

 
Price & Availability of VSC8115

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X