Part Number Hot Search : 
9933B NCP4208 MA447 74HC7540 MBR2502 XN6537 2RJKR 74LS65
Product Description
Full Text Search
 

To Download VS50B-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VS-SERIES
Single output 10W ~ 150W
Model name
VS 100B-24
VS150B
Rated Output Voltage Output Wattage Series Name
VS100B
PC Board Type Power Supply
VS10C VS15C VS30C 56
VS75B
Features
VS50B
VS30C VS15C VS10C
(Low Voltage Directive)
2 year warranty
marking (Low Voltage Directive) Input: 100VAC(85~132VAC) Single Output:10W,15W,30W,50W,75W,100W,150W Low Cost PCB Type Power Supply Applicable to various use; Game, Printer & Communication Terminal Units 2 year warranty
Specifications
1. Input voltage range 2. Output voltage range 3. Cooling 4. Operating ambient temperature (Standard mounting) 5. Withstand voltage 6. Safety standard 7. CE marking 8. EMI 9. Functions 85 ~ 132VAC (47 ~ 440Hz), 110 ~ 175VDC 10% Convection cooling VS10C~VS100B / -10C~+60C(-10C~+50C:100%, +60C:70%) VS50B-24 / -10~+40C:100%, +50C:88%,+60C:62% VS150B / Convection cooling -10C~+25C:100%,+35C:90%,+50C:80%,+60C:60% Forced air cooling -10C~+50C:100%,+60C:70% (0.7m/S) Input-output: 2kVAC(20mA), input-FG: 2kVAC(20mA), output-FG: 500VAC(100mA) for 1 min. Approved by UL1950 , CSA950(C-UL) ,EN60950(TUV) Conforms to Low Voltage Directive Meets to FCC-B,VCCI-B Over voltage protection, Over current protection
Product lineup
Model name VS10C-3 VS10C-5 VS10C-12 VS10C-15 VS10C-24 VS15C-3 VS15C-5 VS15C-12 VS15C-15 VS15C-24 VS30C-3 VS30C-5 VS30C-12 VS30C-15 VS30C-24 VS30C-36 VS30C-48 Nominal Max. output Max. output UL CSA EN output voltage current power 6.6W 2.0A 3.3V 10.0W 2.0A 5V 10.8W 0.9A 12V 10.5W 0.7A 15V 12.0W 0.5A 24V 9.9W 3.0A 3.3V 15.0W 3.0A 5V 15.6W 1.3A 12V 15.0W 1.0A 15V 16.8W 0.7A 24V 19.8W 6.0A 3.3V 30.0W 6.0A 5V 30.0W 2.5A 12V 30.0W 2.0A 15V 31.2W 1.3A 24V 32.4W 0.9A 36V 33.6W 0.7A 48V Model name VS50B-3 VS50B-5 VS50B-12 VS50B-15 VS50B-24 VS75B-3 VS75B-5 VS75B-12 VS75B-15 VS75B-24 VS75B-36 VS75B-48 VS100B-3 VS100B-5 VS100B-12 VS100B-15 VS100B-24 VS100B-36 VS100B-48 VS150B-3 VS150B-5 VS150B-12 VS150B-15 VS150B-24 VS150B-36 VS150B-48
Note 1
Note 1
VS50B
VS75B
VS100B
Note 1: Duration at peak current: 10 seconds max. (Duty: 0.35 max.) Based on the data under normal installation. Needs output derating according to installation method or ambient temperature condition. For VS150B, based on the data with forced air cooling (0.7m/s). Needs output dilating according to installation method or ambient temperature, or at convection air cooling.
VS150B
Nominal Max. Max. peak Max. output Max. peak UL CSA EN output voltage output current output current power output power 3.3V 10.0A 12.0A 33.0W 39.6W 10.0A 12.0A 50.0W 60.0W 5V 4.3A 5.16A 51.6W 61.92W 12V 4.2A 52.5W 63.0W 3.5A 15V 3.0A 60.0W 72.0W 2.5A 24V 3.3V 15.0A 18.0A 49.5W 59.4W 15.0A 18.0A 75.0W 90.0W 5V 6.3A 7.56A 75.6W 90.72W 12V 6.0A 75.0W 90.0W 5.0A 15V 3.2A 3.84A 76.8W 92.16W 24V 2.1A 2.52A 75.6W 90.72W 36V 1.6A 1.92A 76.8W 92.16W 48V 3.3V 20.0A 24.0A 66.0W 79.2W 20.0A 24.0A 100.0W 120.0W 5V 8.5A 10.2A 102.0W 122.4W 12V 8.4A 105.0W 126.0W 7.0A 15V 4.3A 5.16A 103.2W 123.84W 24V 3.6A 108.0W 129.6W 3.0A 36V 2.2A 2.64A 105.6W 126.72W 48V 3.3V 30.0A 36.0A 99.0W 118.8W 30.0A 36.0A 150.0W 180.0W 5V 12.5A 15.0A 150.0W 180.0W 12V 10.0A 12.0A 150.0W 180.0W 15V 6.3A 7.56A 151.2W 181.44W 24V 4.2A 5.04A 151.2W 181.44W 36V 3.2A 3.84A 153.6W 184.32W 48V
: Safety standard approved
VS-SERIES
VS10C
Recommended Noise Filter
MAW-12R5-22
PC Board Type Power Supply
P134
Recommended Wire harness P209
(Unit: mm)
VS15C
Recommended Noise Filter
MAW-1201-22
P134
Recommended Wire harness P209
(Unit: mm)
VS30C
Recommended Noise Filter
MAW-1201-22
P134
Recommended Wire harness P209
VS50B
LEAD CUT LESS THAN 3MAX
(Unit: mm)
COMPONENT SIDE
INPUT OUTPUT (MOUNTING HOLES)
Height: 25mm Height also includes 3mm of parts lead length for PC board soldering surface.
Recommended Noise Filter
MAW-1202-22
Recommended Wire harness P209
(Unit: mm)
P134
57
VS-SERIES
VS75B
LEAD CUT LESS THAN 3MAX
PC Board Type Power Supply
Height: 32mm Height also includes 3mm of parts lead length for PC board soldering surface.
(MOUNTING HOLES)
COMPONENT SIDE
INPUT
OUTPUT
Recommended Noise Filter
MAW-1203-22
Recommended Wire harness P209
(Unit: mm)
P134
VS100B
LEAD CUT LESS THAN 3MAX
(MOUNTING HOLES)
COMPONENT SIDE
OUTPUT INPUT
Height: 32mm Height also includes 3mm of parts lead length for PC board soldering surface.
Recommended Noise Filter
MAW-1205-22
Recommended Wire harness P209
(Unit: mm)
P134
VS150B
LEAD CUT LESS THAN 3MAX
INPUT
COMPONENT SIDE
OUTPUT
(MOUNTING HOLES)
Height: 36mm Height also includes 3mm of parts lead length for PC board soldering surface.
Recommended Noise Filter
MAW-1205-22
Recommended Wire harness P209
(Unit: mm)
P134
58


▲Up To Search▲   

 
Price & Availability of VS50B-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X